Part Number Hot Search : 
MCP9701 10009 TDA3615 ADS944 74F352PC ADS944 10200 TDA3615
Product Description
Full Text Search
 

To Download LCFS1054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? api technologies corp. proprietary information | www.apitech.com | micro.apitech.com | +1. 888.553.7531 | microwavesales@apitech.com page # rev date: features 5/13/2014 1 api technologies model lcfs 1054 frequency synthesizer combines a monolithic integer - n microwave synthesizer, a reference oscillator and a microcontroller to provide an economical frequency source solution . complex serial register programming is not required . a built - in lookup table in the microcontroller allows for simplified frequency programming with a dual 8 - bit binary frequency selection word . either parallel or serial programming can be accommodated . 550 to 1100 mhz frequency synthesizer low phase noise in a lower cost package model # LCFS1054 ? low phase noise: - 110 dbc/hz (100 khz offset) ? fast 80 sec settling speed ? internal reference oscillator (external optional) ? no user programming required ? integrated microcontroller look - up table ? customized parallel or serial programming available ? 3 additional complementary output lines are available technical specifications parameter typical min/max frequency range 550 to 1100 m hz 550 to 1100 m hz output power +13 dbm - internal input reference frequency 40 mhz - step size 2.5 mhz - ssb phase noise - 102 dbc/hz @ 1 khz - 107 dbc/hz @ 10 khz - 110 dbc/hz @ 100 khz - 139 dbc/hz @ 1 mhz - 153 dbc/hz @ 10 mhz - digital lock indicator 3.3 volt logic - locking speed 80 sec - spurious - 40 dbc - harmonics - 20 dbc - output vswr 1.75:1 2.0:1 optional binary divided output 2,4,8,16,32,64,128 dc supply voltage +3.3 volts (+/ - 2%) volts dc supply current** 150 ma --- frequency accuracy 2 ppm --- frequency aging 1 ppm --- frequency vs. temperature 2 ppm --- storage temperature - 55 c to +125 c operating temperature - 40 c to +85 c dc voltage +5 volts maximum (no damage) ratings notes : typical values are measured at 25 c, but not guaranteed. **up to 4 optional outputs ? one output line: 150 ma ? two output lines: 225 ma ? three output lines: 300 ma ? four output lines: 375 ma parameter specification specification temperatures (min/max) -20 c to +70 c housing size 0.800 l x 0.800 w x 0.130 h housing drawing lc800 package type surface mount mechanical & electrical
? api technologies corp. proprietary information | www.apitech.com | micro.apitech.com | +1. 888.553.7531 | microwavesales@apitech.com rev date: page # -180 -160 -140 -120 -100 -80 -60 -40 -20 0 1000 10000 100000 1000000 10000000 5/13/2014 2 phase noise (dbc/hz) output power (dbm) typical performance model # LCFS1054 frequency (mhz) (dbm) 1 khz 10 khz 100 khz 1 mhz 10 mhz offset from the carrier (dbc/hz @ 1100 mhz) 1. specifications labeled min. or max. are guaranteed in a 50 ohm system over the specified temperature range. 2. output frequency and step size must be specified. 3. other input voltages are available. notes outline drawing (lc800 package) 5 6 7 8 9 10 11 12 13 14 15 550 600 650 700 750 800 850 900 950 1000 1050 1100


▲Up To Search▲   

 
Price & Availability of LCFS1054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X