Part Number Hot Search : 
TSX631 R68FF 67013 OP400 MJE1660 DP418C MAX69 MAX3188E
Product Description
Full Text Search
 

To Download LCFS1051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? api technologies corp. proprietary information | www.apitech.com | micro.apitech.com | +1. 888.553.7531 | microwavesales@apitech.com page # rev date: features 4/28/2014 1 api technologies model lcfs 1051 frequency synthesizer combines a monolithic integer - n microwave synthesizer, a reference oscillator and a microcontroller to provide an economical frequency source solution . complex serial register programming is not required . a built - in lookup table in the microcontroller allows for simplified frequency programming with a dual 8 - bit binary frequency selection word . either parallel or serial programming can be accommodated . 375 to 750 mhz frequency synthesizer low phase noise in a lower cost package model # LCFS1051 ? low phase noise: - 116 dbc/hz (100 khz offset) ? internal reference oscillator (external optional) ? no user programming required ? integrated microcontroller look - up table ? customized parallel or serial programming available ? 3 additional complementary output lines are available technical specifications parameter typical min/max frequency range 375 to 750 m hz 375 to 750 m hz output power +13 dbm - internal input reference frequency 40 mhz - step size 10 mhz - ssb phase noise - 98 dbc/hz @ 1 khz - 98 dbc/hz @ 10 khz - 116 dbc/hz @ 100 khz - 145 dbc/hz @ 1 mhz - 168 dbc/hz @ 10 mhz - digital lock indicator 3.3 volt logic - locking speed 200 sec - spurious - 40 dbc - harmonics - 20 dbc - output vswr 1.75:1 2.0:1 optional binary divided output 2,4,8,16,32,64,128 dc supply voltage +3.3 volts (+/ - 2%) volts dc supply current** 150 ma --- frequency accuracy 2 ppm --- frequency aging 1 ppm --- frequency vs. temperature 2 ppm --- storage temperature - 55 c to +125 c operating temperature - 40 c to +85 c dc voltage +5 volts maximum (no damage) ratings notes : *typical values are measured at 25 c, but not guaranteed. up to 4 optional outputs ? one output line: 150 ma ? two output lines: 225 ma ? three output lines: 300 ma ? four output lines: 375 ma parameter specification specification temperatures (min/max) -20 c to +70 c housing size 0.800 l x 0.800 w x 0.130 h housing drawing lc800 package type surface mount mechanical & electrical
? api technologies corp. proprietary information | www.apitech.com | micro.apitech.com | +1. 888.553.7531 | microwavesales@apitech.com rev date: page # -180 -160 -140 -120 -100 -80 -60 -40 -20 0 1000 10000 100000 1000000 10000000 4/28/2014 2 phase noise (dbc/hz) output power (dbm) typical performance model # LCFS1051 frequency (mhz ) (dbm) 1 khz 10 khz 100 khz 1 mhz 10 mhz offset from the carrier (dbc/hz @ 750 mhz ) 1. specifications labeled min. or max. are guaranteed in a 50 ohm system over the specified temperature range. 2. output frequency and step size must be specified. 3. other input voltages are available. notes outline drawing (lc800 package) 5 6 7 8 9 10 11 12 13 14 15 375 425 475 525 575 625 675 725 775


▲Up To Search▲   

 
Price & Availability of LCFS1051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X