Part Number Hot Search : 
CTCDR 0N60B3 MLX902 120EI GBLCSC0 00393 HER201 NCP12
Product Description
Full Text Search
 

To Download LB1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o0108 ms pc/n0110ts/4050yt/4078ta/7067k i/3295ki/7072ki,ts no.1042-1/5 specifications of any and all sanyo semiconductor co.,l td. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' sproductsor equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general el ectronics equipment (home appliances, av equipment, communication device, office equipment, industrial equ ipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medica l equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, t ransportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of re liability and can directly threaten human lives in case of failure or malfunction of the product or may cause har m to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for app lications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is n o consultation or inquiry before the intended use, our customer shall be solely responsible for the use. LB1211 series overview the LB1211 series are general-purpose transistor arrays containing 7 channels. they are especially suited for driving leds, lamps, small-sized relays, etc. the transistors can be standardized. features ? common-emitter 7 channels. LB1211, 1212, 1213, 1214 ? common-collector 7 channels. lb1215, 1216 ? built-in base current limiting resistors. lb1212, 1213, 1214, 1216 ? built-in zener diodes for level shift. lb1212 ? capable of being direct driven with ttl, cmos, pmos, etc. ? wide operating voltage and temperature ranges. specifications absolute maximum ratings at ta = 25 c parameter symbol conditions ratings unit output supply voltage v out lb1212/13/14 only -0.5 to +50 v collector to emitter voltage v ceo LB1211/15/16 only 35 v collector to base voltage v cbo LB1211/15/16 only 50 v output current i out 200 ma v in 1 lb1212/13/14 only -0.5 to +30 v input voltage v in 2 lb1216 only -0.5 to +45 v input current i in LB1211/15 only 25 ma gnd pin current i gnd 500 ma allowable power dissipation pd max 960 mw operating temperature topr -20 to +75 c storage temperature tstg -40 to +150 c monolithic digital ic general-purpose transistor array orderin g numbe r : en1042h
LB1211,1212,1213,1214,1215,1216 no.1042-2/5 electrical characteristics at ta = 25 c ratings parameter symbol conditions min typ max unit v out 1 i in = 1ma, i out = 10ma 0.2 v v out 2 i in = 2ma, i out = 100ma lb1212/13/14 only 0.8 v output voltage v out 3 i in = 32ma, i out = 100ma LB1211/15/16 only 0.8 v output leakage current i off v in = 0v, v out = 25v 10 a output sustain voltage v out (sus) i out = 100ma 35 v h fe 1 v out = 10v, i out = 10ma lb1212/13/14 only 50 500 dc current gain h fe 2 v out = 10v, i out = 10ma LB1211/15/16 only 70 500 input voltage v in (on) i in = 1ma, i out = 10ma LB1211/15/16 only 0.4 v turn-on time t on refer to test circuit. 50 ns turn-off time t off refer to test circuit. 200 ns package dimensions unit : mm (typ) 3006c sanyo : dip16(300mil) (0.61) (3.0) 2.54 1.2 0.48 6.4 7.62 3.65max 0.51min 3.4 19.0 1.09 0.25 1 8 16 9 pd max ? ta 0 800 960 1000 600 400 200 1200 ? 20 75 60 20 40 080 ambient temperature, ta ? c allowable power dissipation, pd max ? mw
LB1211,1212,1213,1214,1215,1216 no.1042-3/5 equivalent circuit LB1211 lb1212 lb1213 lb1214 16 1 out1 in1 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 8 out7 in7 gnd 9pin : nc 16 1 out1 in1 8 gnd 9pin : nc 10k 10.5k 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 out7 in7 16 1 out1 in1 8 gnd 9pin : nc 10k 2.7k 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 out7 in7 16 1 out1 in1 8 gnd 9pin : nc 10k 10.5k 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 out7 in7
LB1211,1212,1213,1214,1215,1216 no.1042-4/5 lb1215 lb121 6 turn-on (t on ), turn-off (t off ) time test circuits LB1211/15 lb1212/13/14/16 16 1 out1 in1 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 out7 in7 8 gnd 9 common 16 1 out1 in1 15 2 out2 in2 14 3 out3 in3 13 4 out4 in4 12 5 out5 in5 11 6 out6 in6 10 7 out7 in7 8 gnd 9 common 2.7k pulse generator fpulse = 100khz v in = 10v 50 1.2k v cc = 10v output -3v input fpulse = 100khz v in = 10v (lb1213/14/16) v in = 13v (lb1212) 50 15pf 200 750 pulse generator v cc = 10v output input 200
LB1211,1212,1213,1214,1215,1216 ps no.1042-5/5 input/output waveforms sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rate d values (such as maximum ra tings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-qual ity high-reliability products, however, any and all semiconductor products fail or malfunction with some probabi lity. it is possible that these probabilistic failures or malfunction could give rise to acci dents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or e vents cannot occur. such measures include but are not limited to protective circuits and error prevention c ircuits for safe design, redundant design, and structural design. upon using the technical information or products descri bed herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable f or any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagr ams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equi pment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor c o.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities conc erned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any in formation storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. this catalog provides information as of october, 2008. specifications and information herein are subject to change without notice. output input t on t off v ol 0v 50% 50% 50% 50% v oh


▲Up To Search▲   

 
Price & Availability of LB1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X