Part Number Hot Search : 
PPEA3 IXFH9N80 AK8813P RL101 GP10N PNA2602 VN0104 KBPC35
Product Description
Full Text Search
 

To Download KS05UL5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente KS05UL5 150w, 5v ultra low capacitance esd protection for high-speed interfaces 07-jun-2013 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. millimeter millimeter ref. min. max. ref. min. max. a 2.40 2.60 f 0.41 0.61 b 0.90 1.10 g 0.500 typ. c 0.55typ. h 0.30 0.50 d 0.150 ref. i 0.15 0.25 e 0.00 0.05 j 0.30 0.46 rohs compliant product a suffix of -c specifies halogen & lead-fre description the KS05UL5 provides a typical line to line capacit ance of 0.3pf between i/o pins and low insertion loss up to 3ghz providing greater signal integrity making it ideall y suited for hdmi applications, such as digital tvs, dvd players , computing, set-top boxes and mddi applications in m obile computing devices. this series has been specificall y designed to protect sensitive components which are connected to high-speed data and transmission lines from overvol tage caused by esd(electrostatic discharge), cde (cable discharge events),and eft (electrical fast transients). applications  tvs, monitors , audio  portable devices  notebooks, mother boards, graphic cards and ports.  set-top box and game consoles. features  low capacitance: 0.3pf typical between i/o channel  low leakage current  response time < 1ns  solid-state silicon avalanche technology marking package information package mpq leader size dfn2510 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) rating symbol value unit air contact 15 iec 61000-4-2 (esd) contact discharge v esd 8 kv peak pulse power (tp=8/20us) p pk 150 w peak pulse current (tp=8/20us) i pp 5 a operation & storage temperature range t j , t stg -55 ~ +150 c dfn2510 (top view) .0524p
elektronische bauelemente KS05UL5 150w, 5v ultra low capacitance esd protection for high-speed interfaces 07-jun-2013 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol condition min. typ. max. units reverse working voltage v rwm i/oCto-gnd - - 5 v reverse leakage current i r v rwm =5v, i/oCto-gnd - - 1 a reverse breakdown voltage v br i t =1ma, i/oCto-gnd 6 - - v forward voltage v f i t =15ma - 0.85 1.2 v i pp =1a, tp=8/20us, i/oCto-gnd - - 15.5 clamping voltage v clamp i pp =5a, tp=8/20us, i/oCto-gnd - - 25 v i/o-to-gnd v r =0, f=1mhz - 0.45 0.8 pf junction capacitance c j i/o-to-i/o v r =0, f=1mhz - 0.3 0.6 pf ratings and characteristics curves
elektronische bauelemente KS05UL5 150w, 5v ultra low capacitance esd protection for high-speed interfaces 07-jun-2013 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristics curves


▲Up To Search▲   

 
Price & Availability of KS05UL5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X