Part Number Hot Search : 
40128 22ALT IDT71V IRF131 HT46C47 UBA20270 65C51 06L50F
Product Description
Full Text Search
 

To Download KK74AC241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK74AC241 octal 3-state noninverting buffer/line driver/line receiver high-speed silicon-gate cmos ordering information kk 74ac241n plastic kk 74ac241dw soic t a = -40 to 8 5 c for all packages the kk 74ac241 is identical in pinout to the ls/als241, hc / h c t 241. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resi st ors, t h ey are com p at i b l e wi t h ls/ a ls out put s. this octal noninverting buffer/line dr iver/line receiver is designed to be used wi t h 3-st at e m e m o ry address dri v ers, cl ock dri v ers, and ot her bus-ori ent e d sy st em s. the devi ce has noni nvert i ng out put s and t w o o u t p u t en ab les. en ab le a is activ e-lo w an d en ab le b is activ e-h i g h . ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a; 0.1 a @ 25 c ? high noise im m unity characteristic of cmos devices ? out put s source/ si nk 24 m a pin assignment logic diagram pin 20=v cc pin 10 = gnd function table input s o u t put input s out put enable a a y a e n a b l e b b y b l l l h l l l h h h h h h x z l x z x = don?t care z = hi gh i m pedance 1
KK74AC241 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -0.5 t o v cc +0.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put si nk/ source c u rrent , per pi n 50 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip+ soic package+ 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t j junct i on tem p erat ure (pdip) 140 c t a operating tem p erature, all package types -40 +85 c i oh out put c u rrent - hi gh -24 m a i ol out put c u rrent - low 24 m a t r , t f input r i se and fal l ti m e * (except schm itt inputs) v cc =3.0 v v cc =4.5 v v cc =5.5 v 0 0 0 150 40 25 ns/ v * v in from 30% t o 70% v cc thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
KK74AC241 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim its sy m bol p a r a m e t e r test c ondi t i o n s v 25 c - 4 0 c to 85 c un it v ih m i ni m u m hi gh- level input vol t a ge v out = v cc -0.1 v 3.0 4.5 5.5 2.1 3.15 3.85 2.1 3.15 3.85 v v il m a x i mu m l o w - level input vol t a ge v out = 0.1 v 3.0 4.5 5.5 0.9 1.35 1.65 0.9 1.35 1.65 v v oh m i ni m u m hi gh- level out put vol t a ge i out -50 a 3.0 4.5 5.5 2.9 4.4 5.4 2.9 4.4 5.4 v * v in = v ih i oh =-12 m a i oh =-24 m a i oh =-24 m a 3.0 4.5 5.5 2.56 3.86 4.86 2.46 3.76 4.76 v ol m a x i mu m l o w - level out put vol t a ge i out 50 a 3.0 4.5 5.5 0.1 0.1 0.1 0.1 0.1 0.1 v * v in =v il i ol =12 m a i ol =24 m a i ol =24 m a 3.0 4.5 5.5 0.36 0.36 0.36 0.44 0.44 0.44 i in m a xi m u m input leakage current v in =v cc or gnd 5.5 0.1 1.0 a i oz m a x i mu m t h r e e - state leakage current v in (oe)= v ih or v il v in =v cc or gnd v out =v cc or gnd 5.5 0.5 5.0 a i old +min im u m dyn a m i c out put c u rrent v old =1.65 v m a x 5.5 75 m a i ohd +min im u m dyn a m i c out put c u rrent v ohd =3.85 v m i n 5.5 -75 m a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd 5.5 8 .0 80 a * al l out put s l o aded; t h reshol ds on i nput associ at ed wi t h out put under t e st . +m axi m um t e st durat i on 2.0 m s , one out put l o aded at a t i m e. no te: i in and i cc @ 3 . 0 v are g u a ran t eed to b e less th an o r eq u a l to th e resp ectiv e lim it @ 5 . 5 v v cc 3
KK74AC241 ac electrical characteristics (c l =50pf, input t r =t f =3.0 ns) v cc * guaranteed lim its sym b o l p a r a m e t e r v 25 c - 4 0 c to 85 c unit min max m in max t plh propagat i on del a y , a t o ya or b t o yb (fi gure 1) 3.3 5.0 1.5 1.5 9.0 7.0 1.5 1.0 10.0 7.5 ns t phl propagat i on del a y , a t o ya or b t o yb (fi gure 1) 3.3 5.0 1.5 1.5 9.0 7.0 1.0 1.0 10.5 7.5 ns t pzh propagat i on del a y , out put enabl e t o ya or yb (fi gure 2) 3.3 5.0 1.5 1.5 12.5 9.0 1.0 1.0 13.0 9.5 ns t pzl propagat i on del a y , out put enabl e t o ya or yb (fi gure 2) 3.3 5.0 1.5 1.5 12.0 9.0 1.5 1.0 13.0 9.5 ns t phz propagat i on del a y , out put enabl e t o ya or yb (fi gure 2) 3.3 5.0 2.0 1.5 12.0 10.0 2.0 1.0 12.5 10.5 ns t plz propagat i on del a y , out put enabl e t o ya or yb (fi gure 2) 3.3 5.0 1.5 1.5 12.5 10.0 1.0 1.0 13.5 10.5 ns c in m a xi m u m input c a paci t a nce 5.0 4 .5 4.5 pf typical @25 c,v cc =5.0 v c pd power di ssi pat i on c a paci t a nce 45 pf * vol t a ge r a nge 3.3 v i s 3.3 v 0.3 v vol t a ge r a nge 5.0 v i s 5.0 v 0.5 v fi gure 1. sw i t chi n g waveforms fi gure 2. sw i t chi n g waveforms 4
KK74AC241 n s u f f i x p l as t i c d i p (m s - 0 0 1 a d) sy m b o l m i n m a x a 24. 8 9 26. 92 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 3 a c) sy m b o l m i n m a x a 12. 6 1 3 b 7. 4 7 . 6 c 2. 35 2. 65 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h no t e s : j 0 8 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r pr o t r u s i on . k 0. 1 0 . 3 2. m a x i m u m m o l d fl a s h o r p r o t ru s i o n 0 . 1 5 m m (0 . 0 0 6 ) p e r s i d e m 0. 23 0. 32 f o r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . p 10 10. 65 r 0. 25 0. 75 d i me n s i o n , mm 1. 27 9. 53 d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0.2 5 ( 0 . 0 1 0 ) m t -t - 1 20 10 11 l h m j a b f g d se a t i n g pl an e n k 0.2 5 ( 0 . 010) m t -t - c 1 20 10 11 5


▲Up To Search▲   

 
Price & Availability of KK74AC241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X