Part Number Hot Search : 
UR1620 A2107M KK4518BD IS0512SA AN8140K MC79L PA141A LD80C52
Product Description
Full Text Search
 

To Download INTERNET550U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  internet office 550va ultra-compact standby 120v ups with usb port model number: INTERNET550U description tripp lite's INTERNET550U standby ups offers complete protection for pcs, workstations and other sensitive electronics in an attractive ultra-compact, mountable housing. prevents data loss and system downtime by providing battery supported ac output during brownouts and blackout conditions. 8 output receptacles, two of which are widely-spaced to accommodate large transformer plugs without blocking outlets. 4 outlets with full battery support and surge suppression protect computers, monitors and other vital system components from loss of power. 4 additional outlets with surge suppression-only are ideal for printers and other accessories not requiring battery support. single line telephone suppression jacks protect modem, fax machine, cordless phone or other peripherals with a standard dialup or dsl phone line connection. usb port with poweralert monitoring software (available via web download) and cabling enables safe unattended system shutdown in the case of extended power failure. hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. audible alarm and front panel leds offer status information regarding line and battery power operation. 550va/300 watt power handling ability supports entry-level pcs for up to 17 minutes during power failures. $100,000 ultimate lifetime insurance (usa, puerto rico and canada only). features INTERNET550U standby ups offers complete protection from blackouts, brownouts and surges on both ac and tel/dsl line connections 8 outlets, two of which are widely spaced to accommodate large transformer plugs without blocking outlets 4 battery supported outlets protect computer, monitor and vital system peripherals, plus 4 additional surge suppression-only outlets for printers and other system accessories not requiring battery support provides battery derived ac output during blackouts and brownouts 550va/300 watt power handling ability supports a variety of pcs, workstations and other sensitive electronics supports entry-level pc systems up to 17 minutes during blackout conditions built-in single line tel/dsl line surge suppression protects modem, fax machine or cordless phone usb port, poweralert software (available via web download) and cabling offer safe unattended shutdown without data loss during extended outages hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. supports tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment - ideal for unattended kiosk applications space saving, ultra-compact housing fits almost anywhere highlights 550va ultra-compact 120v standby ups maintains ac output during power failures 4 ups battery supported outlets, 4 surge-only outlets usb port, tel/dsl protection, wall mountable, 99% efficient nema 5-15p input plug and 8 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment package includes INTERNET550U ups system usb cable instruction manual 1 / 5
space saving, ultra-compact housing fits almost anywhere optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment keyhole mounting flanges enable secure wallmount installation specifications output output volt amp capacity (va) 550 output watt capacity (watts) 300 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 8 5-15r outlet(s) surge suppression only outlets 4 ups outlets, 4 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v phase single-phase battery full load runtime (minutes) 3.5 min. (300w) half load runtime (minutes) 10 minutes (150w) dc system voltage (vdc) 12 leds alarms & switches led indicators 2 leds indicate power status and overload/check battery status 2 / 5
alarms audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation surge / noise suppression ups ac suppression joule rating 420 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop primary form factor desktop ups / power module dimensions in primary form factor (height x width x depth / inches) 3.1 x 5.7 x 10.8 ups / power module dimensions in primary form factor (height x width x depth / cm) 7.8 x 14.6 x 27.6 ups / power module weight (lbs) 6.5 ups / power module weight (kg) 3 ups shipping dimensions (height x width x depth / inches) 4.1 x 8 x 13 ups shipping dimensions (height x width x depth / cm) 10.4 x 20.3 x 33 shipping weight (lbs) 7 shipping weight (kg) 3.2 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 14 battery mode btu / hr. (full load) 194.3 ac mode efficiency rating (100% load) 99% communications communications interface usb (hid enabled) 3 / 5
poweralert software free download from www.tripplite.com communications cable usb interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 4 milliseconds (ac to battery mode) / 2 milliseconds (battery mode to ac) low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); energy star qualified warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance related items optional products model number description qty. wext5-internet 5-year extended warranty - for internet office, avr and eco series ups systems 1 pdub15 single-phase hot-swap pdu, 1.4kw 15a 120v, 2u horizontal rackmount, 8 nema 5-15r outlets, set of 2 nema 5-15p input plugs 1 watchdogsw watchdog service monitoring / reboot software 1 4 / 5
more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/INTERNET550U . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? INTERNET550U


▲Up To Search▲   

 
Price & Availability of INTERNET550U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X