Part Number Hot Search : 
RDA5888E RF141 HMT351 1N4007 BD8918F KBL405G HW8185 HMT32
Product Description
Full Text Search
 

To Download INTERNET550SER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  internet office 550va ultra-compact standby 120v ups with serial port model number: INTERNET550SER description ultra-compact standby ups with built-in db9 serial monitoring port protects pcs, network workstations and other systems reliant upon a simple serial communications interface for ups monitoring and unattended system shutdown. maintains ac output during blackouts and brownouts starting at 99v. includes db9 monitoring port with cabling, tel/dsl line surge suppression, surge-only outlets and led indicators. poweralert software available free via download. features INTERNET550SER standby ups offers protection from blackouts, brownouts and surges on both ac and dialup modem lines provides seamless battery derived ac output during blackouts and severe brownouts so that connected equipment can be shut down without data loss built-in serial port interface provides simple communications for automatic system shutdown if power fails while the system runs unattended poweralert software available via free download from http://www.tripplite.com, serial cable included supports tripp lite's watchdog system service to restore operation to locked equipment through soft reboot of application/os or hard power off/on reboot of connected equipment; ideal for unattended kiosk applications 4 battery supported outlets protect computer, monitor and one vital system peripheral, plus 4 additional surge suppression-only outlets for printers and other system accessories not requiring battery support attractive stealth black ups color scheme built-in single line phone jacks protects peripherals with a standard dialup phone line connection built-in audible alarm and front panel leds offer continuous status information regarding line and battery power operation 550va /300 watt power handling ability supports entry-level pc systems for several minutes during power fail conditions ultra-compact housing fits anywhere, wall mountable includes attached 6 ft. ac power cord with space saving right angle plug, on/off power switch compatible with 120v/60 hz applications in usa, canada, mexico and other countries optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment $100,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) specifications highlights 550va ultra-compact 120v standby ups maintains ac output during power failures 4 ups battery supported outlets, 4 surge-only outlets db9 serial port, tel/dsl protection, wall mountable, 99% efficient nema 5-15p input plug and 8 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment package includes INTERNET550SER ups system db9 serial cable instruction manual 1 / 4
specifications output output volt amp capacity (va) 550 output watt capacity (watts) 300 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 8 5-15r outlet(s) ups output receptacles (surge suppression only) 4 ups outlets, 4 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 10a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery half load runtime (min.) 11.5 min. (150w) dc system voltage (vdc) 12 leds alarms & switches led indicators 2 leds indicate power status and overload/check battery status audible alarm audible alarm indicates power-failure and overload status switches combination switch controls on/off power status and self-test operation surge / noise suppression ups ac suppression joule rating 420 2 / 4
ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out) emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower; ultra-compact desktop primary form factor desktop ups power module dimensions (hwd, in.) 3.1 x 10.9 x 5.7 ups power module dimensions (hwd, cm) 7.9 x 27.7 x 14.5 ups power module weight (lbs.) 6.5 ups power module weight (kg) 3 ups shipping dimensions (hwd / in.) 4.1 x 8 x 13 ups shipping dimensions (hwd / cm) 10.4 x 20.3 x 33 shipping weight (lbs.) 7 shipping weight (kg) 3.2 ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 10.3 battery mode btu / hr. (full load) 194.3 ac mode efficiency rating (100% load) 99% communications communications interface db9 serial poweralert software free download from www.tripplite.com communications cable db9 interface cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds 3 / 4
low voltage transfer to battery power (setpoint) 99 high voltage transfer to battery power (setpoint) 139 special features cold start (startup in battery mode during a power failure) cold-start operation supported green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); energy star qualified warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $100,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of INTERNET550SER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X