document number: 34179 for technical questions, contact: magnetics@vishay.com www.vishay.com revision: 10-aug-06 89 ifcb-0603 vishay dale thin film chip inductor features ? tight tolerance ? self-resonant frequency controlled within 10 % ? stable inductance over high frequencies ? compatible with reflow or flow soldering ? 100 % lead (pb)-free and rohs compliant ? temperature range: - 40 c to + 125 c (no load) - 40 c to + 85 c (full rated current) applications ? cellular telephone, pagers and gps products ? wireless lan and other communication appliances ? vco, tcxo circuit and rf transceiver module rohs c o m p l i an t dimensions in inches [millimeters] standard electrical specifications l 500 mhz (nh) l tol. q 100 mhz (typ.) q 800 mhz (typ.) q 1700 mhz (typ.) srf mhz (typ.) dcr ohms (max.) rated dc current (ma) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 0.3 nh 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 2 %, 5 % 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 13 10 10 10 10 10 10 34 34 34 34 34 34 34 34 34 34 34 34 34 30 30 30 30 45 45 45 45 26 26 49 49 49 49 49 49 49 49 41 41 41 41 30 30 30 25 25 25 6 1 1 4 6 13 000 13 000 10 000 10 000 8000 6000 6000 6000 5000 5000 5000 4000 4000 3000 3000 2000 2000 2000 1500 1500 1500 1000 1000 0.35 0.35 0.35 0.35 0.35 0.45 0.45 0.45 0.55 0.65 0.75 0.95 0.95 1.05 1.35 1.65 1.95 2.35 2.75 3.0 3.0 5.0 5.0 800 800 800 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 200 200 150 150 performance graphs: inductance and q vs frequency global part number product family size i n ducta n ce v alue package code tol. i f c b 0603 er 10n j description 10 nh i n ducta n ce v alue 5 % i n ducta n ce tolera n ce ifcb-0603 model e3 jedec lead (p b )-free sta n dard er package code 90 8 0 70 60 50 40 30 20 10 0 1 100 1000 10 000 frequency (mhz) q 10 nh 22 nh 4.7 nh 2.2 nh 1 nh 10 6 8 nh 8 0 10 10 100 frequency (mhz) inductance (nh) 1000 10 000 20 1 30 40 50 60 70 0 2.2 nh 6 8 nh 4.7 nh 10 nh 22 nh 1 nh 0.063 0.004 [1.60 0.10] 0.012 0.00 8 [0.30 0.20] 0.031 0.004 [0. 8 0 0.10] 0.01 8 0.004 [0.45 0.10]
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.
|