Part Number Hot Search : 
SP486E DA156 2SJ492 4S640 356HF6 EBSC100 P4SMAJ17 AO4802L
Product Description
Full Text Search
 

To Download HSET820-PGA-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-7 specifcations cpu intel ? atom? processor n270, 1.6ghz system memory 1x ddr2 so-dimm, max. 2gb system chipset intel ? 945gse + ich7m, 533mhz fsb bios award watchdog timer 256 levels ssd dom or cf socket on baseboard h/w monitor yes expansion slot 4x etx connectors for pci bus, usb, audio, vga/crt, lvds, lan, com ports, lpt, ide, ps/2 keyboard/mouse and isa bus vga controller intel ? 945gse integrated graphics media accelerator 950 (gma 950), supports crt/lvds vga memory shared memory - max. 224mb display interface support crt vga & 18/24-bit dual channel lvds lan controller ich7m built-in 10/100mbps lan connector on baseboard i/o chipset ich7m, winbond w83627ehg 1x ide (udma33/66/100), 1x kb, 1x mouse, 1x lpt 2x rs232, 2x sata usb 4 ports (usb 2.0) via baseboard audio intel ? ich7 built-in audio w/ realtek alc662 codec others ite it8888g x1 (slave isa only) dimensions 95mmx 114mm (3.74x 4.49) max. power requirement intel ? atom? processor n270 1.6ghz w/ 1gb ddr2-667 +5v: 2.66a +12v: 0.66a operating temperature 0c~60c (32f~140f) storage temperature -20c~80c (-4f~176f) relative humidity 10%~90% (non-condensing) ordering information et820 intel ? atom? n270 945gse etx (3.0) cpu module w/ vga and 10/100 lan HSET820-PGA-1 heatsink/cooler for et820 ip100p-r 5.25" disk-size etx baseboard (1.0) features onboard intel ? atom? processor n270, 1.6ghz, 533mhz fsb 1x ddr2 so-dimm, max. 2gb supports crt and lvds (18/24-bit dual channel) integrated ich7m 10/100baset lan watchdog timer, pci to isa 2x sata , 2x ide, 4x usb 2.0, 2x com ddr2 so-dimm socket cpu intel ? 945gse chipset sata ii sata pci to isa ich7m ich7m 10/100 lan winbond w83627ehg multi i/o audio 8 usb 2 sataii 1 gbe lan 4 com 8 usb 2 sataii 2 com 1 10/100 intel ? atom? n270 etx cpu module w/ intel ? 945gse chipset et820 mini itx nano etx express baseboard features winbond w83627ehg watchdog timer, 4-in / 4-out digital i/o 2x realtek 8111dl gbe lan edge connectors for ps/2, vga, com1, dual rj45, 4x usb, audio connector (line-out, line-in & mic.) 1x mini-pcie (x1), 1x pci slots board connectors for 1x sata, 1x lvds, 2x usb, 1x lpt, 3x com and nano etx express connector atx power connector 170mm x 170mm ordering information ip510: mini itx nano etx express baseboard ip510 dimensions drawing baseboard etx remarks: 1. specifcations are subject to change without prior notice. 2. odm/oem is available. 3. for users manual & datasheet download, visit www.ibase.com.tw.


▲Up To Search▲   

 
Price & Availability of HSET820-PGA-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X