Part Number Hot Search : 
040AS 20KW240A N5339 87006 5KP75 1205S PC1601H MSO2M
Product Description
Full Text Search
 

To Download HDM64GS244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 19 electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit operating voltage v dd - 4.5 5.0 5.5 v power supply for lcd v dd - v l - 12.6 13.0 13.4 v input high voltage v ih - v dd -2.2 - v dd v input low voltage v il - 0 - 0.8 v output high voltage v oh i oh =0.2ma v dd -0.4 - v dd v output low voltage v ol i ol =1.2ma 0 - 0.4 v power supply current i dd v dd =5.0v - 13.0 - ma ccfl operating volt. v fl i fl =5ma rms 180 330 580 v rms ccfl operating curr. i fl v fl =330v rms 3.0 5.0 7.0 marms ccfl frequency f fl - 20 35 khz led operating current (white led) i led - - 220 - ma - - 200 - drive method 1/64 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss 0 7.0 v power supply for lcd v o - -30.0 v input voltage v in 0 7.0 v operating temperature t op 0 50 c storage temperature t stg -20 70 c features backlight...........................el, (white) led or ccfl optional options..................fstn (w/ccfl) / gray stn / yellow stn normal/extended temperature bottom / top viewing built-in controller...........................................toshiba t6963c features physical data module size......................(led) 180.0w x 65.0h x 15.5t mm (ccfl backlight) 180.0w x 65.0h x 13.8t mm (el or reflective) 180.0w x 65.0h x 9.5t mm viewing area size....................................133.0w x 39.0h mm dot pitch....................................................0.53w x 0.53h mm dot size.....................................................0.49w x 0.49h mm pin connections pin no. symbol function data connector 1 fg frame ground 2 v ss 0v ground 3 v dd 5v power supply for logic 4 v l -8.6v operating voltage for lc 5 wr l data write 6 rd l data read 7 ce l chip enable 8 cd h/l h=command, l=data 9 n/c no connection 10 reset l reset 11 db0 h/l data bus 12 db1 h/l 13 db2 h/l 14 db3 h/l 15 db4 h/l 16 db5 h/l 17 db6 h/l 18 db7 h/l 19 fs h/l font select 20 n/c no connection ccfl connector (if used) 1 cfl hot - power supply for the ccfl 2 n/c no connection 3 n/c no connection 4 cfl gnd - power supply for the ccfl 0 . 0 4 0 . 4 9 dimension tolerance: +/-0.3mm dimensional drawing 240 x 64 dots graphic 0.04 0.49 1 5 . 5 m a x 9.5 max 1 . 6 24.42 127.16 (240 dots) 133.0 (viewing area) 176.0 180.00.5 2.0 3 3 . 8 8 ( 6 4 d o t s ) 3 9 . 0 ( v i e w i n g a r e a ) 5 4 . 0 6 5 . 0 0 . 5 1 0 . 0 6 7 . 5 5 . 5 4-r1.75 163.00.5 7.0 2.54 2.00.5 2 . 5 4 2 . 5 4 x 9 = 2 2 . 8 8 8 . 5 6 2 . 0 1 . 5 20- ? 1.0 1 20 a k 21.5 ccfl type ccfl type 200.0 j.a.e./il-g-4s-s3c2 v dd v l v ss l c m + + v lcd r h r l 5v 15v r h +r l = 10 ~ 20k w ccfl cfl (hot) cfl (gnd) power supply 1 . 5 hdm64gs24_-4


▲Up To Search▲   

 
Price & Availability of HDM64GS244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X