Part Number Hot Search : 
N4100 ISP1507C 231549P CY7C680 FSQ0765R TLC601 BU508DX C908GT
Product Description
Full Text Search
 

To Download GLBCSC08-LF-T74 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gblcsc03 thru gblcsc08c ultra low capacitance tvs array 1 05246.r3 1/08 www.protekdevices.com applications ? ethernet - 10/100/1000 base t ? cellular phones ? handheld - wireless systems ? personnal digital assistant (pda) ? usb interface iec compatibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns features ? 200 watts peak pulse power per line (tp=8/20s) ? unidirectional & bidirectional configurations ? replacement for mlv (0603) ? protects one power or i/o port ? esd protection > 40 kilovolts ? low clamping voltage ? available from 3v to 8v ? ultra low capacitance: 1.5pf typical ? rohs compliant mechanical characteristics ? molded eiaj sc-79 package ? weight 2 milligrams (approximate) ? available lead-free pure-tin plating (annealed) ? solder reflow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? 8mm tape and reel per eia standard 481 ? device marking: marking code & polarity band (unidirectional only) 05246 pin configurations sc-79   unidirectional   bidirectional
2 05246.r3 1/08 www.protekdevices.com gblcsc03 thru gblcsc08c device characteristics symbol v alue units parameter peak pulse power (tp = 8/20s) - see figure 1 p pp 200 watts maximum ratings @ 25c unless otherwise specified storage temperature t stg -55c to 150c c operating temperature c -55c to 150c t a figure 2 pulse wave form figure 1 peak pulse power vs pulse time 0.01 1 10 100 1,000 10,000 t d - pulse duration - s 0 5 10 15 20 25 30 t - time - s 0 20 40 60 80 100 120 i pp - peak pulse current - % of i pp test waveform parameters t f = 8s t d = 20s t f peak value i pp e -t t d = t i pp /2 10 100 1,000 10,000 p pp - peak pulse current - watts 200w, 8/20s waveform electrical characteristics per line @ 25c unless otherwise specified note 1: part numbers with an additional ?c? suffix are bidirectional devices, i.e., gblcsc05 c. for other voltages contact factory. note 2: for bidirectional devices only: electrical characteristics apply in both directions. part number (see note 1 & note 2) device marking minimum breakdown voltage @ 1ma v (br) volts maximum clamping voltage (see fig. 2) @8/20s v c @ i pp typical capacitance @0v, 1 mhz c t pf gblcsc03 gblcsc03c gblcsc05 gblcsc05c glbcsc08 gblcsc08c 3 h 5 o i k 4.0 4.0 6.0 6.0 8.5 8.5 13.0v @ 10.0a 13.0v @ 10.0a 16.0v @ 10.0a 16.0v @ 10.0a -- -- 1.5 1.5 1.5 1.5 1.5 1.5 maximum leakage current @v wm i d a 1.0 1.0 1.0 1.0 1.0 1.0 rated stand-off voltage v wm volts 3.3 3.3 5.0 5.0 8.0 8.0
3 05246.r3 1/08 www.protekdevices.com gblcsc03 thru gblcsc08c sc-79 package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the s election or specifications of such products. protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www.protekdevices.com notes 1. controlling dimensions in millimeters. 2. dimensions are exclusive of mold flash and metal burrs. package outline sc79 package mounting pad a b c d e f dim min max min max millimeters inches package dimensions 0.049 0.035 0.066 0.028 0.008 0.043 0.028 0.059 0.020 0.003 1.10 0.70 1.50 0.50 0.08 1.30 0.90 1.70 0.70 0.20 0.012 bse 0.30 bse        
          tape & reel ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia-481. 2. suffix-t7 = 7 inch reel - 4,000 pieces per 8mm tape , i.e., gblcsc05-lf-t74. 3. suffix-lf = lead-free, pure tin plating, i.e., gblcsc05c-lf-t74.        !"#$$%! %&& '      ( )#!!&*+ !& ,&+!+ -.&+ . / tape & reel specifications (dimensions in millimeters) d e p0 tmax fp2 w 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 p 4.00 0.10 0.25 a0 b0 k0 reel dia. tape width 178mm (7?) 8mm 1.00 0.10 1.95 0.05 0.75 0.05 outline & dimensions: rev 2 - 9/05, 06037


▲Up To Search▲   

 
Price & Availability of GLBCSC08-LF-T74

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X