~ _ ~ + ~ ~ + gbpc35005(w) thru 3510(w) features rating to 1000v prv high efficiency glass passivated chip junction electrically isolated metal case for maximum heat dissipation the plastic material has ul flammability classifica tion 94v-0 ul recognition file # e95060 mechanical data case : molded plastic with heatsink internally moun ted in the bridge encapsulation polarity : as marked on body mounting : hole for # 10 screw weight : 0.63 ounces , 18.0 grams (terminal) : 0.51 ounces , 14.5 grams (wire) gbpc 3510/w 1000 700 1000 gbpc 3508/w 800 560 800 gbpc 3506/w 600 420 600 gbpc 3504/w 400 280 400 gbpc 3502/w 200 140 200 gbpc 35005/w 50 35 50 gbpc 3501/w 100 70 100 notes : 1.measured at non-repetitive, for greater t han 1ms and less than 8.3ms 2.measured at 1.0mhz and applied rev erse voltage of 4.0v dc. 3.device mounted on 300mm x 300mm x 1.6mm cu pla te heatsink. v rms v dc v rrm i (av) i fsm v f maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 17.5a dc 35.0 400 1.1 t j operating temperature range -55 to +150 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 3, see fig.1) r 0jc 5.0 c/w c j typical junction capacitance per element (note 2) 150 pf i r maximum dc reverse current at rated dc blocking voltage @t j =125 c @t j =25 c 5.0 500 ua v a a v unit v v 660 a s 2 i t 2 i t rating for fusing (t < 8.3ms), (note 1) 2 characteristics symbol @t c = ta glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 35 amperes (wire) gbpc-w d a d e f b c d d n gbpc/gbpc-w all dimensions in millimeter dim. min. max. ac d e f g h b 31.80 8.00 7.40 28.30 28.80 18.60 17.60 10.90 11.90 17.60 18.60 16.10 14.80 m l k j i 17.10 13.80 17.10 16.10 0.76 0.86 6.30 0.97 1.07 5.59 5.08 hole for no. 10 screw n 21.30 18.80 6.50 c g h b l k j i m n gbpc (terminal) maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. semiconductor lite-on rev. 4, sep-2010, kbdh03 _
rating and characteristic curves gbpc35005(w) thru gbpc3510(w) fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 fig.1 - forward current derating curve average forward current amperes case temperature , c instantaneous forward voltage , volts fig.4 - typical forward characteristics instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0 0.1 10 100 0.6 0.8 1.0 0.01 1.8 1.6 pulse width 300us 450 400 350 300 250 single half-sine-wave fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10.0 0.1 100 1000 10 1.0 t j = 25 c, f= 1mhz 1.0 vsig=50mv p-p 100 t j = 25 c 1.0 4.0 fig.5 - typical reverse characteristics instantaneous reverse current ,(ua) 20 40 120 140 0 0.01 0.1 100 10 60 80 100 t j = 25 c 1.0 50v-400v 600v-1000v t j = 125 c percent of rated peak reverse voltage, (%) 2 0 6 4 40 60 80 100 20 140 120 single phase half wave 60hz resistive or inductive load 8 10
legal disclaimer notice gbpc35005(w) thru gbpc3510(w) lsc reserves the right to make changes to this docu ment and its products and specifications at any time without notice. custome rs should obtain and confirm the latest product information and specifications b efore final design, purchase or use. lsc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does l sc assume any liability for application assistance or customer product design. lsc does not warrant or accept any liability with products which are purcha sed or used for any unintended or unauthorized application. no license is granted by implication or otherwise u nder any intellectual property rights of lsc. lsc products are not authorized for use as critical components in life support devices or systems without express written approval of lsc. important notice and disclaimer
|