Part Number Hot Search : 
2045C LBN7002 HC273 NTD106B KSV1402 CT300278 C2852 ZMM5228B
Product Description
Full Text Search
 

To Download GBPC35005W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.1 1 june 2013 gbpc 12, 15, 25, 35 series bridge rectifiers (glass passivated) features ? integrally molded heat-sink provided very low thermal resistance for maximum heat dissipation. ? surge overload ratings from 300 a to 400 a. ? isolated voltage from case to lead over 2500 v. ? ul certified, ul #e258596 ? terminals finish material - silver (solderable per mil-std-202, method 208 for the wire type gbpc-w package) - nickel for gbpc package. suffix ?w? ? wire lead structure suffix ?m? ? terminal location face to face ordering informations part number marking package packing method GBPC35005W GBPC35005W gbpc-w 4l bulk gbpc35005 gbpc35005 gbpc 4l bulk +~ ~? ? + ~ ~ gbpc gbpc-w
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.1 2 absolute maximum ratings (1) stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. note: 1. these ratings are limiting values above which the serviceability of any semiconductor device may by impaired. thermal characteristics values are at t a = 25c unless otherwise noted. note: 2. with heatsink. electrical characteristics values are at t a = 25c unless otherwise noted . symbol parameter value units 005010204060810 v rrm maximum repetitive reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms bridge input voltage 35 70 140 280 420 560 700 v v r dc reverse voltage (rated v r ) 50 100 200 400 600 800 1000 v i f(av) average rectified forward current at t c = 55 c gbpc12 12 a gbpc15 15 gbpc25 25 gbpc35 35 i fsm non-repetitive peak forward s u r g e c u r r e n t gbpc12, 15, 25 300 a 8.3ms single half-sine-wave gbpc35 400 a t stg storage temperature range -55 to +150 c t j operating junction temperature -55 to +150 c symbol parameter value units p d power dissipation 83.3 w r jc thermal resistance, junction to case (2) 1.5 c/w symbol parameter test conditions value units v f f o r w a r d vo l t a g e d r o p , p e r b r i d g e 6.0 a gbpc12 1.1 (max) v 7.5 a gbpc15 12.5 a gbpc25 17.5 a gbpc35 i r reverse current, per element at rated v r t a = 25 c5.0 (max) a t a = 125 c 500 (max) a i 2 t rating for fusing t < 8.35 ms gbpc12, 15, 25 375 a 2 sec gbpc35 660 a 2 sec c t total capacitance, per leg v r = 4.0 v f = 1.0 mhz gbpc12, 15, 25 180 pf gbpc35 200 pf
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.1 3 typical performance characteristics figure 1. forward current derating curve figure 2. non-repetitive surge current figure 3. forward voltage characteristics figure 4. reverse curren t vs. reverse voltage ambient temperature [oc] average rectified forward current, i f [a] 0 25 50 75 100 125 150 175 0 10 20 30 40 gbpc12 gbpc15 gbpc25 gbpc35 single phase half wave 60hz resistive or inductive load lengths case 12 51020 50100 20 50 100 200 400 number of cycles at 60hz peak forward surge current, i fsm [a] gbpc12-gbpc25 gbpc35 12 51020 50100 20 50 100 200 400 number of cycles at 60hz peak forward surge current, i fsm [a] gbpc12-gbpc25 gbpc35 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0.1 1 10 100 200 forward voltage, v f [v] forward current, i f [a] pulse width = 300 s 2% duty cycle t = 25 c o a gbpc12-gbpc15 gbpc25 gbpc35 fi 3 f d v l ch i i 0 20 40 60 80 100 120 140 0.1 1 10 100 percent of rated peak reverse voltage [%] reverse current, ir [ma] t = 25 c o a t = 125 c o a fi 4 r c r v l i r [ a] percent of rated peak reverse voltage (per leg) [%]
gbpc 12, 15, 25, 35 se ries ? bridge rectifiers (glass passivated) ? 2010 fairchild semiconductor corporation www.fairchildsemi.com gbpc 12, 15, 25, 35 series rev. 1.3.1 4 physical dimensions figure 5. 4-terminal, combin ation gbpc and gbpc-w (active) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packing_dwg/pkg-gbpc04a_tsc.pdf .                     ;        0$; ;   ;   ; 0$;                     ;            0,1 0$; 127(6 $7+,63$&.$*('2(6127&21)25072 $1<67$1'$5'6 %$//',0(16,216$5(,10,//,0(7(56 &',0(16,216$5((;&/86,9(2)%8556 02/')/$6+$1'7,(%$53527586,216 (',0(16,21$1'72/(5$1&($63(5$60( < )'5$:,1*),/(1$0(0.7*%3&5(9 *%3&:67</( *%3&67</( for  approval  by:  boboy  maldo  gbpc
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool accupower ax-cap ? * bitsic build it now coreplus corepower crossvolt ctl current transfer logic deuxpeed ? dual cool? ecospark ? efficientmax esbc fairchild ? fairchild semiconductor ? fact quiet series fact ? fast ? fastvcore fetbench fps f-pfs frfet ? global power resource sm greenbridge green fps green fps e-series g max gto intellimax isoplanar making small speakers sound louder and better? megabuck microcoupler microfet micropak micropak2 millerdrive motionmax mwsaver optohit optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop qfet ? qs quiet series rapidconfigure saving our world, 1mw/w/kw at a time? signalwise smartmax smart start solutions for your success spm ? stealth superfet ? supersot -3 supersot -6 supersot -8 supremos ? syncfet sync-lock? ?* tinyboost tinybuck tinycalc tinylogic ? tinyopto tinypower tinypwm tinywire transic trifault detect truecurrent ? * p serdes uhc ? ultra frfet unifet vcx visualmax voltageplus xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i64 ?


▲Up To Search▲   

 
Price & Availability of GBPC35005W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X