Part Number Hot Search : 
48S3V 02M15 GS25B05 08583 00BGC IE0303S 21000 SL5501
Product Description
Full Text Search
 

To Download FRF505G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  voltage 200 to 1000 v current 5.0 a jun - 08 vf max. instantaneous forward voltage @ 2.5 a ir maximum dc reverse current @ t c = 25 oc at rated dc blocking voltage @ t c = 125 oc rthj-c typical thermal resistance (note 1) 4.0 c/w maximum recurrent peak reverse voltage (v) maximum rms voltage (v) maximum dc blocking voltage (v) maximum average forward rectified current see fig. vrrm vrms vdc i f(av) tj,tstg operating and storage temperature range ifsm peak forward surge current 8.3 ms. single half sine-wave superimposed on rated load (jedec method) 5.0 a 30 a ? 65 to + 150 c 200 800 140 560 200 800 cj 5.0 a 100 a frf 503g frf503g ........ frf507g absolute maximum ratings, according to iec publication no. 134 isolated 5.0 amp. glass passivated fast recovery rectifiers ito-220ab 1 3 400 280 400 1000 700 1000 frf 504g frf 506g frf 507g 1.5 v 150 ns maximum reverse recovery time from i f =0.5 a; ir = 1 a; irr = 0.25 a t rr typical junction capacitance at 1mhz and reverse voltage of 4v dc 500 ns 140 pf note: 1. thermal resistance from junction to case per leg mounted on heatsink size of 50.8 mm x 76.2 mm x 6.35 mm al-plate. electrical characteristics 600 420 600 frf 505g frf 503g frf 504g frf 506g frf 507g frf 505g ?? glass passivated chip junction. ??low power loss mechanical data ??terminals: pure tin plated, lead free. leads solderable per mil-std-202, method 208 guaranteed ?? high current capability ?? case: ito-220ab molded plastic ??polarity: as marked ??mounting position: any ??weight: 2.24 gram s ??e poxy: ul 94v- 0 rate flame retardant ?? high efficiency, low vf ?? high reliability ?? high surge current capability ??h igh temperature soldering guaranteed: 260 c/10 seconds/6.35mm from case. 250 ns ??mounting torque: 5 in - 1bs. max. 2 pin 1 pin 3 pin 2
jun - 08 frf503g ........ frf507g 0.01 i f , instantaneous forward current (a) 0.2 v f , instantaneous forward voltage (v) 0.8 1.0 1.2 typical forward characteristics per leg 8.0 100 maximum non-repetitive forward surge current per leg 30 0 10 1 ifsm , peak forward surge current (a) 300 0 50 0.1 cj, junction capacitance (pf) percent of rated peak reverse voltage (%) ir , instantaneous reverse current (a) 0 0.1 1000 1000 0.9 1.1 typical reverse characteristics per leg 20 40 60 80 number of cycles at 60 hz typical junction capacitance per leg vr , reverse voltage (v) 10 140 5 tl , lead temperature (c) 0 i f(av) , average forward current (a) 100 5 0 maximum forward current derating curve 150 50 1.3 1.4 250 reverse recovery time characteristic and test circuit diagram non inductive 50w pulse generator (note 2) set time base for 5/ 10ns/ cm 1cm trr +0.5a 0 -0.25a -1.0a 1w noninductive dut oscilloscope (note 1) non inductive 10w (+) 50vdc (approx) (-) (+) (-) notes: 1. rise time = 7ns max. input impedance = 1 megohm 22 pf 2. rise time = 10 ns max. sourse impedance = 50 ohms 3 0.04 200 50 0.5 1 10 100 25 20 5 2 5 20 50 120 100 2 4 1 1 0.02 0.4 4.0 15 150 100 2.0 500 10 1.0 0.1 1.5 100 rating and characteristic curves tj = 25 c pulse width = 300 s 1% duty cycle 8.3ms single half sine wawe jedec method tj = 125 c tj = 25 c tj = 25 c f = 1.0 mhz vsig = 50m vp-p
frf5g jun - 08 isolated 5.0 amp. glass passivated fast recovery rectifiers package mechanical data ito-220ab dimensions a b c e f1 f2 l2 l3 l4 l5 milimeters - 2.5 - - 13.2 14.8 2.55 - - - - - - - - - nominal min. - - ref. - l7 6.3 - d - - - f - - dia 3.0 - g1 - 2.55 4.7 2.8 13.8 15.5 2.85 4.1 3.16 max. 0.76 1.4 6.9 1.8 10.3 0.9 3.4 -


▲Up To Search▲   

 
Price & Availability of FRF505G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X