Part Number Hot Search : 
008226 GRM32ER M5S61AJ 50000 SI6955 TDA21201 U7001BG A6818SEP
Product Description
Full Text Search
 

To Download FN9260-10-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet iec inlet filters fn 9260 general purpose power entry module with fuses rated currents up to 10 a for one or two fuses optional safety version (a type) complies with iec/en 60601-1 snap-in versions (s type) technical specifications maximum continuous operating voltage 250 vac, 50/60 hz operating frequency dc to 400 hz rated currents 1 to 10 a @ 40 c max. high potential test voltage p C> pe 2000 vac for 2 sec (standard types) p C> pe 2500 vac for 2 sec (b types) p C> n 760 vac for 2 sec (standard types) p C> n 1700 vdc for 2 sec (b types) protection category ip40 according to iec 60529 temperature range (operation and storage) -25 c to +85 c (25/85/21) design corresponding to ul 1283, csa 22.2 no. 8 1986, iec/en 60939 flammability corresponding to ul 94 v-2 or better mtbf @ 40c/230v (mil-hb-217f) 2,200,000 hours fuse holder 1 or 2 fuses (? 5 x 20 mm) approvals the fn 9260 power entry module combines an iec inlet, mains filter with excellent filter attenuati on and fuses in a small form factor. choosing fn 9260 product line brings you rapid availability of a standard filter associated with the necessary safet y acceptances. standard iec connector filters are a practical solution helping you to pass emi system approval in a short time. a wide selection on amperage ratings, output connections, mounting possibilities and filters for medical applications are designed to offer you the desired solution. features and benefits exceptional conducted attenuation performance, based on chokes with high saturation resistance and excellent thermal behavior. b types comply with the requirements of iec/en 60601-1 for creepage and clearance, leakage current and high potential testing. versions up to 10 a are available with fuse holder for one or two fuses. custom-specific versions are available on request. typical applications portable electrical and electronic equipment medical equipment small to medium-sized machines and household equipment single-phase power supplies, switch-mode power supplies test and measurement equipment typical electrical schematic emc/emi products schaffner group datasheets 2014 filter selection table filter rated current leakage current* inductance capaci tance resistance input/output fuses weight @ 40 c (25 c) @ 230 vac/50 hz l cx cy r connections [a] [a] [mh] [f] [nf] [k] [qty] [g] fn 9260x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 2 55 fn 9260x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 2 55 fn 9260x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 2 55 fn 9260x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 2 55 fn 9260x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 2 55 fn 9260xa1-1-06-y 1 (1.2) 37 5.3 0.1 0.22 1000 -06 2 55 fn 9260xa-2-06-y 2 (2.3) 74 2.7 0.1 0.47 1000 -06 2 55 fn 9260xa-4-06-y 4 (4.6) 74 1.0 0.1 0.47 1000 -06 2 55 fn 9260xa-6-06-y 6 (6.9) 74 0.3 0.1 0.47 1000 -06 2 55 fn 9260xa-10-06-y 10 (11.5) 74 0.2 0.1 0.47 1000 -06 2 55 fn 9260xb-1-06-y 1 (1.2) 2 5.3 0.1 1000 -06 2 55 fn 9260xb-2-06-y 2 (2.3) 2 2.7 0.1 1000 -06 2 55 fn 9260xb-4-06-y 4 (4.6) 2 1.0 0.1 1000 -06 2 55 fn 9260xb-6-06-y 6 (6.9) 2 0.3 0.1 1000 -06 2 55 fn 9260xb-10-06-y 10 (11.5) 2 0.2 0.1 1000 -06 2 55 fn 261x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 1 55 fn 261x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 1 55 fn 261x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 1 55 fn 261x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 1 55 fn 261x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 1 55 * maximum leakage under normal operating conditions . note: if the neutral line is interrupted, worst c ase leakage could reach twice this level. product selector for example: fn 9260-1-06-10, fn 9260sb-10-06-20, f n 261s-6-06-30 emc/emi products schaffner group datasheets 2014 typical filter attenuation per cispr 17; a = 50 /50 sym; b = 50 /50 asym ; c = 0.1 /100 sym; d = 100 /0.1 sym fn 9260: 1 to 4 a types fn 261: 6 and 10 a types fn 261: 1 to 4 a types fn 261: 6 and 10 a types mechanical data fn 9260 / fn 261 fn 9260s / fn 261s dimensions fn 261 fn 261s fn 9260 fn 9260s tolerances a 46 34 0.3 b 35 35 0.3 c 36 0.3 d 41 41 0.3 e 27.8 27.8 +0.3/-0 f 5.5 5.5 0.3 g 32 32 +0.3/-0 h ? 3.2 0.1 i 13.8 13.8 j 12.5 12.5 0.3 m r 3.5 r 3.5 n 33 33 +0.3/-0 p 29 29.5 0.3 r m3 s 90 t* 0.6-1.5 t* 1.6-2.5 t* 2.6-3.5 * for selecting the panel thickness, please refer t o the filter selector table. all dimensions in mm; 1 inch = 25.4 mm tolerances according: iso 2768-m / en 22768-m please visit www.schaffner.com to find more details on filter co nnections. emc/emi products schaffner group datasheets 2014 headquarters, global innovation and development center switzerland schaffner group nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 630 info@schaffner.com http://www.schaffner.com to nd your local partner within scha?ners global network: www.schaffner.com ? 2014 schaffner group the content of this document has been carefully checked and understood. however, neither scha?ner nor its subsidiaries assume any liability whatsoever for any errors or inaccuracies of this document and the consequences thereof. published specica- tions are subject to change without notice. product suitability for any area of application must ultimately be determined by the customer. in all cases, products must never be operated outside their published specications. scha?ner does not guarantee the availability of all published products. this disclaimer shall be governed by substantive swiss law and resulting disputes shall be settled by the courts at the place of business of scha?ner holding ag. latest publications and a complete disclaimer can be downloa- ded from the scha?ner website. all trademarks recognized. sales and application centers china schaffner emc ltd. shanghai t20-3, no 565 chuangye road pudong new area 201201 shanghai t +86 21 3813 9500 f +86 21 3813 9501 / 02 cschina@schaffner.com http://www.schaffner.com.cn/ finland schaffner oy sauvonrinne 19 h 08500 lohja t +358 19 35 72 71 finlandsales@schaffner.com france schaffner emc s.a.s. 112, quai de bezons bo?te postale 133 95103 argenteuil t +33 1 34 34 30 60 f +33 1 39 47 02 28 francesales@schaffner.com germany schaffner deutschland gmbh schoemperlenstrasse 12b 76185 karlsruhe t +49 721 56910 f +49 721 569110 germanysales@schaffner.com italy schaffner emc s.r.l. via galileo galilei 47 20092 cinisello balsamo (mi) t +39 02 66 04 30 45/47 f +39 02 61 23 943 italysales@schaffner.com japan schaffner emc k.k. 1-32-12, kamiuma, setagaya-ku 7f mitsui-seimei sangenjaya bldg. 154-0011 tokyo t +81 3 5712 3650 f +81 3 5712 3651 japansales@schaffner.com http://www.schaffner.jp singapore schaffner emc pte ltd. blk 3015a ubi road 1 05-09 kampong ubi industrial estate 408705 singapore t +65 6377 3283 f +65 6377 3281 singaporesales@schaffner.com spain schaffner emc espa?a calle calndula 93 miniparc iii, edificio e el soto de la moraleja alcobendas 28109 madrid t +34 618 176 133 spainsales@schaffner.com sweden schaffner emc ab turebergstorg 1, 6 19147 sollentuna t +46 8 5792 1121 / 22 f +46 8 92 96 90 swedensales@schaffner.com switzerland schaffner emv ag nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 641 sales@schaffner.ch taiwan r.o.c. schaffner emv ltd. 6 floor, no. 413 rui guang road 114 neihu district taipei city t +886 2 87525050 f +886 2 87518086 taiwansales@schaffner.com thailand schaffner emc co. ltd. northern region industrial estate 67 moo 4 tambon ban klang amphur muangg p.o. box 14 51000 lamphun t +66 53 58 11 04 f +66 53 58 10 19 thailandsales@schaffner.com uk schaffner ltd. 5 ashville way molly millars lane wokingham rg41 2pl berkshire t +44 118 9770070 f +44 118 9792969 uksales@schaffner.com http://www.schaffner.uk.com usa schaffner emc inc. 52 mayfield avenue 08837 edison, new jersey t +1 800 367 5566 t +1 732 225 9533 f +1 732 225 4789 usasales@schaffner.com http://www.schaffner.com/us schaffner mtc llc 6722 thirlane road 24019 roanoke, virginia t +1 276 228 7943 f +1 276 228 7953 http://www.schaffner-mtc.com schaffner trenco llc 2550 brookpark road 44134 cleveland, ohio t +1 216 741 5282 f +1 216 741 4860 www.schaffner-trenco.com
2 data sheet iec inlet filters fn 9260 general purpose power entry module with fuses rated currents up to 10 a for one or two fuses optional safety version (a type) complies with iec/en 60601-1 snap-in versions (s type) technical specifications maximum continuous operating voltage 250 vac, 50/60 hz operating frequency dc to 400 hz rated currents 1 to 10 a @ 40 c max. high potential test voltage p C> pe 2000 vac for 2 sec (standard types) p C> pe 2500 vac for 2 sec (b types) p C> n 760 vac for 2 sec (standard types) p C> n 1700 vdc for 2 sec (b types) protection category ip40 according to iec 60529 temperature range (operation and storage) -25 c to +85 c (25/85/21) design corresponding to ul 1283, csa 22.2 no. 8 1986, iec/en 60939 flammability corresponding to ul 94 v-2 or better mtbf @ 40c/230v (mil-hb-217f) 2,200,000 hours fuse holder 1 or 2 fuses (? 5 x 20 mm) approvals the fn 9260 power entry module combines an iec inlet, mains filter with excellent filter attenuati on and fuses in a small form factor. choosing fn 9260 product line brings you rapid availability of a standard filter associated with the necessary safet y acceptances. standard iec connector filters are a practical solution helping you to pass emi system approval in a short time. a wide selection on amperage ratings, output connections, mounting possibilities and filters for medical applications are designed to offer you the desired solution. features and benefits exceptional conducted attenuation performance, based on chokes with high saturation resistance and excellent thermal behavior. b types comply with the requirements of iec/en 60601-1 for creepage and clearance, leakage current and high potential testing. versions up to 10 a are available with fuse holder for one or two fuses. custom-specific versions are available on request. typical applications portable electrical and electronic equipment medical equipment small to medium-sized machines and household equipment single-phase power supplies, switch-mode power supplies test and measurement equipment typical electrical schematic emc/emi products schaffner group datasheets 2014 filter selection table filter rated current leakage current* inductance capaci tance resistance input/output fuses weight @ 40 c (25 c) @ 230 vac/50 hz l cx cy r connections [a] [a] [mh] [f] [nf] [k] [qty] [g] fn 9260x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 2 55 fn 9260x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 2 55 fn 9260x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 2 55 fn 9260x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 2 55 fn 9260x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 2 55 fn 9260xa1-1-06-y 1 (1.2) 37 5.3 0.1 0.22 1000 -06 2 55 fn 9260xa-2-06-y 2 (2.3) 74 2.7 0.1 0.47 1000 -06 2 55 fn 9260xa-4-06-y 4 (4.6) 74 1.0 0.1 0.47 1000 -06 2 55 fn 9260xa-6-06-y 6 (6.9) 74 0.3 0.1 0.47 1000 -06 2 55 fn 9260xa-10-06-y 10 (11.5) 74 0.2 0.1 0.47 1000 -06 2 55 fn 9260xb-1-06-y 1 (1.2) 2 5.3 0.1 1000 -06 2 55 fn 9260xb-2-06-y 2 (2.3) 2 2.7 0.1 1000 -06 2 55 fn 9260xb-4-06-y 4 (4.6) 2 1.0 0.1 1000 -06 2 55 fn 9260xb-6-06-y 6 (6.9) 2 0.3 0.1 1000 -06 2 55 fn 9260xb-10-06-y 10 (11.5) 2 0.2 0.1 1000 -06 2 55 fn 261x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 1 55 fn 261x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 1 55 fn 261x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 1 55 fn 261x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 1 55 fn 261x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 1 55 * maximum leakage under normal operating conditions . note: if the neutral line is interrupted, worst c ase leakage could reach twice this level. product selector for example: fn 9260-1-06-10, fn 9260sb-10-06-20, f n 261s-6-06-30 emc/emi products schaffner group datasheets 2014 typical filter attenuation per cispr 17; a = 50 /50 sym; b = 50 /50 asym ; c = 0.1 /100 sym; d = 100 /0.1 sym fn 9260: 1 to 4 a types fn 261: 6 and 10 a types fn 261: 1 to 4 a types fn 261: 6 and 10 a types mechanical data fn 9260 / fn 261 fn 9260s / fn 261s dimensions fn 261 fn 261s fn 9260 fn 9260s tolerances a 46 34 0.3 b 35 35 0.3 c 36 0.3 d 41 41 0.3 e 27.8 27.8 +0.3/-0 f 5.5 5.5 0.3 g 32 32 +0.3/-0 h ? 3.2 0.1 i 13.8 13.8 j 12.5 12.5 0.3 m r 3.5 r 3.5 n 33 33 +0.3/-0 p 29 29.5 0.3 r m3 s 90 t* 0.6-1.5 t* 1.6-2.5 t* 2.6-3.5 * for selecting the panel thickness, please refer t o the filter selector table. all dimensions in mm; 1 inch = 25.4 mm tolerances according: iso 2768-m / en 22768-m please visit www.schaffner.com to find more details on filter co nnections. emc/emi products schaffner group datasheets 2014 headquarters, global innovation and development center switzerland schaffner group nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 630 info@schaffner.com http://www.schaffner.com to nd your local partner within scha?ners global network: www.schaffner.com ? 2014 schaffner group the content of this document has been carefully checked and understood. however, neither scha?ner nor its subsidiaries assume any liability whatsoever for any errors or inaccuracies of this document and the consequences thereof. published specica- tions are subject to change without notice. product suitability for any area of application must ultimately be determined by the customer. in all cases, products must never be operated outside their published specications. scha?ner does not guarantee the availability of all published products. this disclaimer shall be governed by substantive swiss law and resulting disputes shall be settled by the courts at the place of business of scha?ner holding ag. latest publications and a complete disclaimer can be downloa- ded from the scha?ner website. all trademarks recognized. sales and application centers china schaffner emc ltd. shanghai t20-3, no 565 chuangye road pudong new area 201201 shanghai t +86 21 3813 9500 f +86 21 3813 9501 / 02 cschina@schaffner.com http://www.schaffner.com.cn/ finland schaffner oy sauvonrinne 19 h 08500 lohja t +358 19 35 72 71 finlandsales@schaffner.com france schaffner emc s.a.s. 112, quai de bezons bo?te postale 133 95103 argenteuil t +33 1 34 34 30 60 f +33 1 39 47 02 28 francesales@schaffner.com germany schaffner deutschland gmbh schoemperlenstrasse 12b 76185 karlsruhe t +49 721 56910 f +49 721 569110 germanysales@schaffner.com italy schaffner emc s.r.l. via galileo galilei 47 20092 cinisello balsamo (mi) t +39 02 66 04 30 45/47 f +39 02 61 23 943 italysales@schaffner.com japan schaffner emc k.k. 1-32-12, kamiuma, setagaya-ku 7f mitsui-seimei sangenjaya bldg. 154-0011 tokyo t +81 3 5712 3650 f +81 3 5712 3651 japansales@schaffner.com http://www.schaffner.jp singapore schaffner emc pte ltd. blk 3015a ubi road 1 05-09 kampong ubi industrial estate 408705 singapore t +65 6377 3283 f +65 6377 3281 singaporesales@schaffner.com spain schaffner emc espa?a calle calndula 93 miniparc iii, edificio e el soto de la moraleja alcobendas 28109 madrid t +34 618 176 133 spainsales@schaffner.com sweden schaffner emc ab turebergstorg 1, 6 19147 sollentuna t +46 8 5792 1121 / 22 f +46 8 92 96 90 swedensales@schaffner.com switzerland schaffner emv ag nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 641 sales@schaffner.ch taiwan r.o.c. schaffner emv ltd. 6 floor, no. 413 rui guang road 114 neihu district taipei city t +886 2 87525050 f +886 2 87518086 taiwansales@schaffner.com thailand schaffner emc co. ltd. northern region industrial estate 67 moo 4 tambon ban klang amphur muangg p.o. box 14 51000 lamphun t +66 53 58 11 04 f +66 53 58 10 19 thailandsales@schaffner.com uk schaffner ltd. 5 ashville way molly millars lane wokingham rg41 2pl berkshire t +44 118 9770070 f +44 118 9792969 uksales@schaffner.com http://www.schaffner.uk.com usa schaffner emc inc. 52 mayfield avenue 08837 edison, new jersey t +1 800 367 5566 t +1 732 225 9533 f +1 732 225 4789 usasales@schaffner.com http://www.schaffner.com/us schaffner mtc llc 6722 thirlane road 24019 roanoke, virginia t +1 276 228 7943 f +1 276 228 7953 http://www.schaffner-mtc.com schaffner trenco llc 2550 brookpark road 44134 cleveland, ohio t +1 216 741 5282 f +1 216 741 4860 www.schaffner-trenco.com
3 data sheet iec inlet filters fn 9260 general purpose power entry module with fuses rated currents up to 10 a for one or two fuses optional safety version (a type) complies with iec/en 60601-1 snap-in versions (s type) technical specifications maximum continuous operating voltage 250 vac, 50/60 hz operating frequency dc to 400 hz rated currents 1 to 10 a @ 40 c max. high potential test voltage p C> pe 2000 vac for 2 sec (standard types) p C> pe 2500 vac for 2 sec (b types) p C> n 760 vac for 2 sec (standard types) p C> n 1700 vdc for 2 sec (b types) protection category ip40 according to iec 60529 temperature range (operation and storage) -25 c to +85 c (25/85/21) design corresponding to ul 1283, csa 22.2 no. 8 1986, iec/en 60939 flammability corresponding to ul 94 v-2 or better mtbf @ 40c/230v (mil-hb-217f) 2,200,000 hours fuse holder 1 or 2 fuses (? 5 x 20 mm) approvals the fn 9260 power entry module combines an iec inlet, mains filter with excellent filter attenuati on and fuses in a small form factor. choosing fn 9260 product line brings you rapid availability of a standard filter associated with the necessary safet y acceptances. standard iec connector filters are a practical solution helping you to pass emi system approval in a short time. a wide selection on amperage ratings, output connections, mounting possibilities and filters for medical applications are designed to offer you the desired solution. features and benefits exceptional conducted attenuation performance, based on chokes with high saturation resistance and excellent thermal behavior. b types comply with the requirements of iec/en 60601-1 for creepage and clearance, leakage current and high potential testing. versions up to 10 a are available with fuse holder for one or two fuses. custom-specific versions are available on request. typical applications portable electrical and electronic equipment medical equipment small to medium-sized machines and household equipment single-phase power supplies, switch-mode power supplies test and measurement equipment typical electrical schematic emc/emi products schaffner group datasheets 2014 filter selection table filter rated current leakage current* inductance capaci tance resistance input/output fuses weight @ 40 c (25 c) @ 230 vac/50 hz l cx cy r connections [a] [a] [mh] [f] [nf] [k] [qty] [g] fn 9260x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 2 55 fn 9260x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 2 55 fn 9260x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 2 55 fn 9260x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 2 55 fn 9260x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 2 55 fn 9260xa1-1-06-y 1 (1.2) 37 5.3 0.1 0.22 1000 -06 2 55 fn 9260xa-2-06-y 2 (2.3) 74 2.7 0.1 0.47 1000 -06 2 55 fn 9260xa-4-06-y 4 (4.6) 74 1.0 0.1 0.47 1000 -06 2 55 fn 9260xa-6-06-y 6 (6.9) 74 0.3 0.1 0.47 1000 -06 2 55 fn 9260xa-10-06-y 10 (11.5) 74 0.2 0.1 0.47 1000 -06 2 55 fn 9260xb-1-06-y 1 (1.2) 2 5.3 0.1 1000 -06 2 55 fn 9260xb-2-06-y 2 (2.3) 2 2.7 0.1 1000 -06 2 55 fn 9260xb-4-06-y 4 (4.6) 2 1.0 0.1 1000 -06 2 55 fn 9260xb-6-06-y 6 (6.9) 2 0.3 0.1 1000 -06 2 55 fn 9260xb-10-06-y 10 (11.5) 2 0.2 0.1 1000 -06 2 55 fn 261x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 1 55 fn 261x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 1 55 fn 261x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 1 55 fn 261x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 1 55 fn 261x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 1 55 * maximum leakage under normal operating conditions . note: if the neutral line is interrupted, worst c ase leakage could reach twice this level. product selector for example: fn 9260-1-06-10, fn 9260sb-10-06-20, f n 261s-6-06-30 emc/emi products schaffner group datasheets 2014 typical filter attenuation per cispr 17; a = 50 /50 sym; b = 50 /50 asym ; c = 0.1 /100 sym; d = 100 /0.1 sym fn 9260: 1 to 4 a types fn 261: 6 and 10 a types fn 261: 1 to 4 a types fn 261: 6 and 10 a types mechanical data fn 9260 / fn 261 fn 9260s / fn 261s dimensions fn 261 fn 261s fn 9260 fn 9260s tolerances a 46 34 0.3 b 35 35 0.3 c 36 0.3 d 41 41 0.3 e 27.8 27.8 +0.3/-0 f 5.5 5.5 0.3 g 32 32 +0.3/-0 h ? 3.2 0.1 i 13.8 13.8 j 12.5 12.5 0.3 m r 3.5 r 3.5 n 33 33 +0.3/-0 p 29 29.5 0.3 r m3 s 90 t* 0.6-1.5 t* 1.6-2.5 t* 2.6-3.5 * for selecting the panel thickness, please refer t o the filter selector table. all dimensions in mm; 1 inch = 25.4 mm tolerances according: iso 2768-m / en 22768-m please visit www.schaffner.com to find more details on filter co nnections. emc/emi products schaffner group datasheets 2014 headquarters, global innovation and development center switzerland schaffner group nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 630 info@schaffner.com http://www.schaffner.com to nd your local partner within scha?ners global network: www.schaffner.com ? 2014 schaffner group the content of this document has been carefully checked and understood. however, neither scha?ner nor its subsidiaries assume any liability whatsoever for any errors or inaccuracies of this document and the consequences thereof. published specica- tions are subject to change without notice. product suitability for any area of application must ultimately be determined by the customer. in all cases, products must never be operated outside their published specications. scha?ner does not guarantee the availability of all published products. this disclaimer shall be governed by substantive swiss law and resulting disputes shall be settled by the courts at the place of business of scha?ner holding ag. latest publications and a complete disclaimer can be downloa- ded from the scha?ner website. all trademarks recognized. sales and application centers china schaffner emc ltd. shanghai t20-3, no 565 chuangye road pudong new area 201201 shanghai t +86 21 3813 9500 f +86 21 3813 9501 / 02 cschina@schaffner.com http://www.schaffner.com.cn/ finland schaffner oy sauvonrinne 19 h 08500 lohja t +358 19 35 72 71 finlandsales@schaffner.com france schaffner emc s.a.s. 112, quai de bezons bo?te postale 133 95103 argenteuil t +33 1 34 34 30 60 f +33 1 39 47 02 28 francesales@schaffner.com germany schaffner deutschland gmbh schoemperlenstrasse 12b 76185 karlsruhe t +49 721 56910 f +49 721 569110 germanysales@schaffner.com italy schaffner emc s.r.l. via galileo galilei 47 20092 cinisello balsamo (mi) t +39 02 66 04 30 45/47 f +39 02 61 23 943 italysales@schaffner.com japan schaffner emc k.k. 1-32-12, kamiuma, setagaya-ku 7f mitsui-seimei sangenjaya bldg. 154-0011 tokyo t +81 3 5712 3650 f +81 3 5712 3651 japansales@schaffner.com http://www.schaffner.jp singapore schaffner emc pte ltd. blk 3015a ubi road 1 05-09 kampong ubi industrial estate 408705 singapore t +65 6377 3283 f +65 6377 3281 singaporesales@schaffner.com spain schaffner emc espa?a calle calndula 93 miniparc iii, edificio e el soto de la moraleja alcobendas 28109 madrid t +34 618 176 133 spainsales@schaffner.com sweden schaffner emc ab turebergstorg 1, 6 19147 sollentuna t +46 8 5792 1121 / 22 f +46 8 92 96 90 swedensales@schaffner.com switzerland schaffner emv ag nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 641 sales@schaffner.ch taiwan r.o.c. schaffner emv ltd. 6 floor, no. 413 rui guang road 114 neihu district taipei city t +886 2 87525050 f +886 2 87518086 taiwansales@schaffner.com thailand schaffner emc co. ltd. northern region industrial estate 67 moo 4 tambon ban klang amphur muangg p.o. box 14 51000 lamphun t +66 53 58 11 04 f +66 53 58 10 19 thailandsales@schaffner.com uk schaffner ltd. 5 ashville way molly millars lane wokingham rg41 2pl berkshire t +44 118 9770070 f +44 118 9792969 uksales@schaffner.com http://www.schaffner.uk.com usa schaffner emc inc. 52 mayfield avenue 08837 edison, new jersey t +1 800 367 5566 t +1 732 225 9533 f +1 732 225 4789 usasales@schaffner.com http://www.schaffner.com/us schaffner mtc llc 6722 thirlane road 24019 roanoke, virginia t +1 276 228 7943 f +1 276 228 7953 http://www.schaffner-mtc.com schaffner trenco llc 2550 brookpark road 44134 cleveland, ohio t +1 216 741 5282 f +1 216 741 4860 www.schaffner-trenco.com
4 data sheet iec inlet filters fn 9260 general purpose power entry module with fuses rated currents up to 10 a for one or two fuses optional safety version (a type) complies with iec/en 60601-1 snap-in versions (s type) technical specifications maximum continuous operating voltage 250 vac, 50/60 hz operating frequency dc to 400 hz rated currents 1 to 10 a @ 40 c max. high potential test voltage p C> pe 2000 vac for 2 sec (standard types) p C> pe 2500 vac for 2 sec (b types) p C> n 760 vac for 2 sec (standard types) p C> n 1700 vdc for 2 sec (b types) protection category ip40 according to iec 60529 temperature range (operation and storage) -25 c to +85 c (25/85/21) design corresponding to ul 1283, csa 22.2 no. 8 1986, iec/en 60939 flammability corresponding to ul 94 v-2 or better mtbf @ 40c/230v (mil-hb-217f) 2,200,000 hours fuse holder 1 or 2 fuses (? 5 x 20 mm) approvals the fn 9260 power entry module combines an iec inlet, mains filter with excellent filter attenuati on and fuses in a small form factor. choosing fn 9260 product line brings you rapid availability of a standard filter associated with the necessary safet y acceptances. standard iec connector filters are a practical solution helping you to pass emi system approval in a short time. a wide selection on amperage ratings, output connections, mounting possibilities and filters for medical applications are designed to offer you the desired solution. features and benefits exceptional conducted attenuation performance, based on chokes with high saturation resistance and excellent thermal behavior. b types comply with the requirements of iec/en 60601-1 for creepage and clearance, leakage current and high potential testing. versions up to 10 a are available with fuse holder for one or two fuses. custom-specific versions are available on request. typical applications portable electrical and electronic equipment medical equipment small to medium-sized machines and household equipment single-phase power supplies, switch-mode power supplies test and measurement equipment typical electrical schematic emc/emi products schaffner group datasheets 2014 filter selection table filter rated current leakage current* inductance capaci tance resistance input/output fuses weight @ 40 c (25 c) @ 230 vac/50 hz l cx cy r connections [a] [a] [mh] [f] [nf] [k] [qty] [g] fn 9260x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 2 55 fn 9260x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 2 55 fn 9260x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 2 55 fn 9260x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 2 55 fn 9260x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 2 55 fn 9260xa1-1-06-y 1 (1.2) 37 5.3 0.1 0.22 1000 -06 2 55 fn 9260xa-2-06-y 2 (2.3) 74 2.7 0.1 0.47 1000 -06 2 55 fn 9260xa-4-06-y 4 (4.6) 74 1.0 0.1 0.47 1000 -06 2 55 fn 9260xa-6-06-y 6 (6.9) 74 0.3 0.1 0.47 1000 -06 2 55 fn 9260xa-10-06-y 10 (11.5) 74 0.2 0.1 0.47 1000 -06 2 55 fn 9260xb-1-06-y 1 (1.2) 2 5.3 0.1 1000 -06 2 55 fn 9260xb-2-06-y 2 (2.3) 2 2.7 0.1 1000 -06 2 55 fn 9260xb-4-06-y 4 (4.6) 2 1.0 0.1 1000 -06 2 55 fn 9260xb-6-06-y 6 (6.9) 2 0.3 0.1 1000 -06 2 55 fn 9260xb-10-06-y 10 (11.5) 2 0.2 0.1 1000 -06 2 55 fn 261x-1-06-y 1 (1.2) 373 5.3 0.1 2.2 1000 -06 1 55 fn 261x-2-06-y 2 (2.3) 373 2.7 0.1 2.2 1000 -06 1 55 fn 261x-4-06-y 4 (4.6) 373 1.0 0.1 2.2 1000 -06 1 55 fn 261x-6-06-y 6 (6.9) 373 0.3 0.1 2.2 1000 -06 1 55 fn 261x-10-06-y 10 (11.5) 373 0.2 0.1 2.2 1000 -06 1 55 * maximum leakage under normal operating conditions . note: if the neutral line is interrupted, worst c ase leakage could reach twice this level. product selector for example: fn 9260-1-06-10, fn 9260sb-10-06-20, f n 261s-6-06-30 emc/emi products schaffner group datasheets 2014 typical filter attenuation per cispr 17; a = 50 /50 sym; b = 50 /50 asym ; c = 0.1 /100 sym; d = 100 /0.1 sym fn 9260: 1 to 4 a types fn 261: 6 and 10 a types fn 261: 1 to 4 a types fn 261: 6 and 10 a types mechanical data fn 9260 / fn 261 fn 9260s / fn 261s dimensions fn 261 fn 261s fn 9260 fn 9260s tolerances a 46 34 0.3 b 35 35 0.3 c 36 0.3 d 41 41 0.3 e 27.8 27.8 +0.3/-0 f 5.5 5.5 0.3 g 32 32 +0.3/-0 h ? 3.2 0.1 i 13.8 13.8 j 12.5 12.5 0.3 m r 3.5 r 3.5 n 33 33 +0.3/-0 p 29 29.5 0.3 r m3 s 90 t* 0.6-1.5 t* 1.6-2.5 t* 2.6-3.5 * for selecting the panel thickness, please refer t o the filter selector table. all dimensions in mm; 1 inch = 25.4 mm tolerances according: iso 2768-m / en 22768-m please visit www.schaffner.com to find more details on filter co nnections. emc/emi products schaffner group datasheets 2014 headquarters, global innovation and development center switzerland schaffner group nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 630 info@schaffner.com http://www.schaffner.com to nd your local partner within scha?ners global network: www.schaffner.com ? 2014 schaffner group the content of this document has been carefully checked and understood. however, neither scha?ner nor its subsidiaries assume any liability whatsoever for any errors or inaccuracies of this document and the consequences thereof. published specica- tions are subject to change without notice. product suitability for any area of application must ultimately be determined by the customer. in all cases, products must never be operated outside their published specications. scha?ner does not guarantee the availability of all published products. this disclaimer shall be governed by substantive swiss law and resulting disputes shall be settled by the courts at the place of business of scha?ner holding ag. latest publications and a complete disclaimer can be downloa- ded from the scha?ner website. all trademarks recognized. sales and application centers china schaffner emc ltd. shanghai t20-3, no 565 chuangye road pudong new area 201201 shanghai t +86 21 3813 9500 f +86 21 3813 9501 / 02 cschina@schaffner.com http://www.schaffner.com.cn/ finland schaffner oy sauvonrinne 19 h 08500 lohja t +358 19 35 72 71 finlandsales@schaffner.com france schaffner emc s.a.s. 112, quai de bezons bo?te postale 133 95103 argenteuil t +33 1 34 34 30 60 f +33 1 39 47 02 28 francesales@schaffner.com germany schaffner deutschland gmbh schoemperlenstrasse 12b 76185 karlsruhe t +49 721 56910 f +49 721 569110 germanysales@schaffner.com italy schaffner emc s.r.l. via galileo galilei 47 20092 cinisello balsamo (mi) t +39 02 66 04 30 45/47 f +39 02 61 23 943 italysales@schaffner.com japan schaffner emc k.k. 1-32-12, kamiuma, setagaya-ku 7f mitsui-seimei sangenjaya bldg. 154-0011 tokyo t +81 3 5712 3650 f +81 3 5712 3651 japansales@schaffner.com http://www.schaffner.jp singapore schaffner emc pte ltd. blk 3015a ubi road 1 05-09 kampong ubi industrial estate 408705 singapore t +65 6377 3283 f +65 6377 3281 singaporesales@schaffner.com spain schaffner emc espa?a calle calndula 93 miniparc iii, edificio e el soto de la moraleja alcobendas 28109 madrid t +34 618 176 133 spainsales@schaffner.com sweden schaffner emc ab turebergstorg 1, 6 19147 sollentuna t +46 8 5792 1121 / 22 f +46 8 92 96 90 swedensales@schaffner.com switzerland schaffner emv ag nordstrasse 11 4542 luterbach t +41 32 6816 626 f +41 32 6816 641 sales@schaffner.ch taiwan r.o.c. schaffner emv ltd. 6 floor, no. 413 rui guang road 114 neihu district taipei city t +886 2 87525050 f +886 2 87518086 taiwansales@schaffner.com thailand schaffner emc co. ltd. northern region industrial estate 67 moo 4 tambon ban klang amphur muangg p.o. box 14 51000 lamphun t +66 53 58 11 04 f +66 53 58 10 19 thailandsales@schaffner.com uk schaffner ltd. 5 ashville way molly millars lane wokingham rg41 2pl berkshire t +44 118 9770070 f +44 118 9792969 uksales@schaffner.com http://www.schaffner.uk.com usa schaffner emc inc. 52 mayfield avenue 08837 edison, new jersey t +1 800 367 5566 t +1 732 225 9533 f +1 732 225 4789 usasales@schaffner.com http://www.schaffner.com/us schaffner mtc llc 6722 thirlane road 24019 roanoke, virginia t +1 276 228 7943 f +1 276 228 7953 http://www.schaffner-mtc.com schaffner trenco llc 2550 brookpark road 44134 cleveland, ohio t +1 216 741 5282 f +1 216 741 4860 www.schaffner-trenco.com


▲Up To Search▲   

 
Price & Availability of FN9260-10-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X