Part Number Hot Search : 
SMCJ160A H7FT10 1N4001 KBPC8005 LQ5AW B90N6T 2SK2132 20400
Product Description
Full Text Search
 

To Download EUP7907VIR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eup7907 ds7907 v e r 1.2 oct . 2009 1 600ma high psrr low dr opout linear regulator description the eup7 90 7 is a high current, low dropout linear regulator with fast transient response and high psrr. it offers high output accuracy, extremely low dropout voltage, low quiescent current and fast start-up time. the eup7907 is designed to work with low-esr ceramic capacitor, reducing the amount of the pcb area necessary for power applications. only a 2.2uf ceramic capacitor can make the device stable over the whole load range. the eup7907 monitors the input voltage for power on reset to ensure the regulator is disabled when the input voltage is not high enough for normal operation. when eup7907 detects fault signal, such as over-temperature, it will turn off the pass transistor and discharge vout to gnd from the internal resistor. the eup7907 has two modes of operation. when the fb pin is connected to ground, its output is a pre-set value: 0.8v~3.6v. there is no external component needed to decide the output voltage. when the version of eup7907 with fixed voltage higher than 1.5v is selected and its fb pin is connected to two external resistors divider, its output can be adjusted from 0.8v to 5v. other key features include over-current protection, thermal shutdown. the device can be available in the tdfn-8 package or sot23-5 package. feat ures z 2.5v to 5. 5v input voltage range z 300mv@600ma dropout voltage z excellent transient response z stable with 2.2uf ceramic output capacitor z 70db psrr at 1khz z low 120a quiescent current z low shutdown current:<1a z output current limit z output voltage with high accuracy: 2% initial accuracy fixed output voltage: 0.8v ~ 3.6v adjustable output voltage: 0.8v to 5v z thermal shutdown z cout auto-discharge when shutdown z rohs compliant and 100% lead (fb)-free applicat ions z cell u lar phones z bluetooth portable radios and accessories z battery-powered equipment z laptop, palmtops, notebook computer typical application cir cuit figure . 1 adjustable output v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 2 typical application circuit (continued) figure. 2 fixed output block diagram figure. 3 n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 3 pin configurations package type pin configurations package type pin configurations sot23-5 tdfn-8 pin description pin sot23-5 tdfn-8 description vin 1 1,2 input voltage of the ldo. gnd 2 6 signal ground. en 3 8 enable pin. connect this pin to ground or less than 0.4v to disable the device. active-high for eup7907. fb 4 5 feedback pin. this pin is the anode terminal of the error amplifier. the fb pin compares with internal reference voltage to regulate the output voltage. connect to gnd for fixed output voltage version. vout 5 3,4 output voltage of the ldo. nc -- 7 not connected. n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 4 ordering information order number package type markin g operating temperature range eup7907-12vir1 sot23-5 xxxxx ac1t -40 c to +85c eup7907-15vir1 sot23-5 xxxxx ac1c -40 c to +85c eup7907-18vir1 sot23-5 xxxxx ac1d -40 c to +85c eup7907-25vir1 sot23-5 xxxxx ac1b -40 c to +85c eup7907-28vir1 sot23-5 xxxxx ac1e -40 c to +85c eup7907-30vir1 sot23-5 xxxxx ac1g -40 c to +85c eup7907-33vir1 sot23-5 xxxxx ac1h -40 c to +85c EUP7907VIR1 sot23-5 xxxxx ac1a -40 c to +85c eup7907-12jir1 tdfn-8 xxxxx p7907 1t -40 c to +85c eup7907-15jir1 tdfn-8 xxxxx p7907 1c -40 c to +85c eup7907-18jir1 tdfn-8 xxxxx p7907 1d -40 c to +85c eup7907-25jir1 tdfn-8 xxxxx p7907 1b -40 c to +85c eup7907-28jir1 tdfn-8 xxxxx p7907 1e -40 c to +85c eup7907-30jir1 tdfn-8 xxxxx p7907 1g -40 c to +85c eup7907-33jir1 tdfn-8 xxxxx p7907 1h -40 c to +85c eup7907 - ?? ?? ?? ?? ?? ?? lead free code 1: lead free 0: lead packing r: tape & reel operating temperature range i: industry standard package type v: sot-23 j : tdfn-8 output voltage 12:1.2v 15:1.5v 18:1.8v 25:2.5v 28:2.8v 30:3.0v 33:3.3v blank: adjustable note ?g the version of eup7907 with fixed voltage higher than 1.5v can operate at adjustable mode by connecting fb pin to an external resistor divider and its output can be adjusted from 0.8v to 5v. n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 5 absolute maximum ratings ? v in ,v en ----------------------------------------------------------------------------------------------- -0.3 to 6v ? v out ------------------------------------------------------------------------------------------- -0.3 to (vin+0.3) ? junction temperature -------------------------------------------------------------------------------- 150 ?? ? storage temperature range ----------------------------------------------------------------- -65 ?? to +150 ?? ? lead temperature ------------------------------------------------------------------------------------ 260 ?? ? thermal resistance ja (sot23-5) --------------------------------------------------------------- 205 ??/w thermal resistance ja (tdfn-8) ---------------------------------------------------------------- 72 j /w ? esd rating human body model -------------------------------------------------------------------------- 2kv operating conditions ? v in --------------------------------------------------------------------------------------------------- 2.5 to 5.5v ? v en --------------------------------------------------------------------------------------------------- 0 to 5.5v ? operating temperature range ----------------- ----------------------------------------------- -40 ?? to +85 ?? electrical characteristics t a =25??, v in =v out +1v, or vin=2.5v for v out <1.5v unless otherwise specified eup7907 symbol parameter conditions min. typ. max. unit input voltage v in input voltage 2.5 5.5 v v porth por threshold 2.1 v v porhys por hysteresis 0.4 v i q quiescent current v en =v in , i out =0ma 120 180 a i shdn shutdown current v en =0v 0.1 1 a psrr power supply ripple rejection v in =v nom +1v p-p ,f=1khz,i load =10ma 70 db v fb fb pin voltage 0.784 0.8 0.816 v enable v enh enable high voltage over temperature range 1.5 v v enl disable low voltage over temperature range 0.4 v i en en input current v in =5v, v en =5v or 0v -1 1 a t st start-up time 40 s output voltage v in =v nom +1.0v, i out =10ma -2 +2 % v out output voltage accuracy v in =v nom +1.0v, i out =10ma, temp=-40 ?? to 85?? -3 +3 % v lnr output line regulation v out +0.5v eup7907 ds7907 ver 1.2 oct . 2009 6 electrical characteristics (continued) t a =25??, v in =v out +1v, or vin=2.5v for v out <1.5v unless otherwise specified eup7907 symbol parameter conditions min. typ. max. unit protection il imit current limit 600 900 ma t sd thermal shutdown temperature no load, v in =v en =5v 170 ?? t sdhys thermal shutdown hysteresis no load, v in =v en =5v 30 ?? note 1: stresses listed as the above ?absolute maximum ratings? may cause permanent damage to the device. these are for stress ratings. functional operation of the device at thes e or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. note 2: dropout is defined as v in -v out when v out is 100mv below the value of v out for vin=v out +0.5v. note 3: test time needed for v out to reach 90% of final value n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 7 typical characteristics n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 8 typical characteristics (continued) n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 9 typical characteristics (continued) n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 10 ref 2 1 out v r r 1v ? ? ? ? ? ? ? ? += ? ? ? ? ? ? ? ? ? = 1 v v rr ref out 21 function description the eup7907 is a high output current, low dropout linear regulator with fast transient response and high psrr. it offers high output accuracy, extremely low dropout voltage, low quiescent current and fast start-up time. it is designed to work with low-esr ceramic capacitor, reducing the amount of the pcb area. only a 2.2uf ceramic capacitor can make the device stable over the whole load range. as shown in the function block diagram, the eup7907 is composed of the bandgap reference voltage, the error amplifier, p-channel mosfet pass transistor, internal resistor divider and some additional protection circuits. the reference voltage, connected to the cathode terminal of the error amplifier, compares with the feedback voltage to regulate the output voltage to make it constant over the whole load range. if the feedback voltage is lower than the reference voltage, the pass transistor gate is pulled low to increase its conductivity. this allows more current to flow to the output and increases the output voltage. if the feedback voltage is higher than the reference voltage, the pass transistor allows less current to flow to the output. the feedback point is the output of the internal or external resistor divider connected to the vout pin. supply input power on reset the input voltage supplies current to the output and the operation voltage of the internal circuit. the input voltage is monitored for power on reset (por) to ensure the regulator is disabled when the input voltage is not high enough for normal operation. the por threshold voltage is 2.1v at vin rising typically. enable/shutdown the eup7907 is disabled when the en pin is connected to ground or the voltage less than 0.4v, reducing the quiescent current to less than 1ua. in the shutdown mode the error amplifier, the reference voltage, the driver and the pass transistor are all disabled. make this pin higher than 1.5v to enable the device. soft stop when the regulator is disabled, an internal 40 0 ? resistor is connected between v out and gnd. this is intended to discharge c out. the internal resistor is not used when the device turns on. adjustable output voltage eup7907 has a wide output voltage range. the output voltage is programmed using an external resistor divider as shown in figure 4. the output voltage can be calculated by the following equation: (eq. 1) where v ref is the internal reference voltage, which is 0.8v in eup7907. figure 4. output voltage select circuit current limit the eup7907 includes a current limit circuit to monitor the gate voltage of the pass transistor to limit the output current. when the output current is higher than the over-current limit, the circuit will clamp the gate voltage of the pass transistor to keep the current flowing to the output. the typical value is 0.9a. thermal shutdown the eup7907 monitor its temperature automatically. when the operation junction temperature exceeds 170 ??, the otp circuit starts the thermal shutdown function to turn the pass transistor off until it cooled down by 30 ?? then the pass transistor turned on again. for continue operation, do not exceed absolute maximum operation junction temperature. the circuit is a non-latched protection. application information resistors select choose r2=100k to optimize accuracy, power supply rejection, noise and power consumption. and the r1 can be chosen by: (eq. 2) where v ref is the internal reference voltage, which is 0.8v in eup7907. external capacitor like other low-dropout regulator, the eup7907 requires external capacitors for stability. it is specifically designed for low-esr capacitors requiring minimum pcb area and smallest components. n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 11 () qin out out in d ivivvp +?= w488.0205)c25c125(p )max(d = ? = jaa)max(j)max(d )tt(p ?= w388.172)c25c125(p )max(d = ? = input capacitor a 2.2uf capacitor is required between the vin pin and the gnd pin. place it as close as possible to the device. there are no requirements for the esr on the input capacitor, but the tolerance and temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will be 2.2uf over the whole operating temperature range. output capacitor the eup7907 is designed specifically to work with very small ceramic output capacitors. a 2.2uf to 10uf with 5m ? to 500m ? esr range is suitable in the eup7907 application circuit. the esr of a typical 2.2uf ceramic capacitor is about 20m ? , which easily meets the esr requirement for stability. capacitor characteristics more consideration should be taken when selecting the capacitor because its capacitance can vary with temperature. the capacitor type x7r or x5r, which operates over a temperature range of -40 ?? to +85 ?? , will only vary within 15%. some large value ceramic capacitors are manufactured with z5u or t5v temperature characteristics. their capacitance can drop by more than 50% as the temperature goes from 25 ?? to 85?? . therefore the capacitor type x7r or x5r is recommended in applications where the ambient temperature will change significantly above or below 25??. no load stability the eup7907 will remains stable and in regulation with no external load. this is special important in cmos ram keep-alive applications. thermal considerations thermal protection limits power dissipation in eup7907.when the operation junction temperature exceeds 170c, the otp circuit starts the thermal shutdown function and turns the pass element off. the pass element turn on again after the junction temperature cools by 30c. for continuous operation, do not exceed absolute maximum operation junction temperature 125c. the power dissipation definition in device is: (eq.3) the maximum power dissipation depends on the thermal resistance of ic package, pcb layout, the rate of surroundings airflow and temperature difference between junction to ambient. the maximum power dissipation can be calculated by following formula : (eq.4) where t j(max) is the maximum operation junction temperature 125c, ta is the ambient temperature and the ja is the junction to ambient thermal resistance. for recommended operating conditions specification of eup7907, where t j(max) is the maximum junction temperature of the die (125c) and t a is the operated ambient temperature. the junction to ambient thermal resistance ja is layout dependent. for sot-23-5 package, the thermal resistance ja is 205c/w on the standard thermal test board. for tdfn-8 package, the thermal resistance ja is 72c/w on the standard thermal test board. the maximum power dissipation at t a = 25c can be calculated by following formula : (eq.5) for sot23-5 package (eq.6) for tdfn-8 package the maximum power dissipation depends on operating ambient temperature for fixed t j(max) and thermal resistance ja . for eup7907 packages, the figure 5 of derating curves allows the designer to see the effect of rising ambient temperature on the maximum power allowed. figure 5. power dissipation for eup7907 packages the eup7907 is available in two standard packages: tdfn-8 and sot23-5 packages. n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 12 packaging information sot23-5 millimeters inches symbols min. max. min. max. a - 1.30 - 0.052 a1 0.00 0.15 0.000 0.006 d 2.90 0.114 e1 1.60 0.063 e 2.60 3.00 0.102 0.118 l 0.30 0.60 0.012 0.024 b 0.30 0.50 0.012 0.020 e 0.95 0.037 n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eup7907 ds7907 ver 1.2 oct . 2009 13 tdfn-8 millimeters inches symbols min. max. min. max. a 0.70 0.80 0.028 0.031 a1 0.00 0.05 0.000 0.002 b 0.20 0.40 0.008 0.016 d 2.90 3.10 0.114 0.122 d1 2.30 0.090 e 2.90 3.10 0.114 0.122 e1 1.50 0.059 e 0.65 0.026 l 0.25 0.45 0.010 0.018 detail a n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com


▲Up To Search▲   

 
Price & Availability of EUP7907VIR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X