Part Number Hot Search : 
C5132A 1N4737 TB2905HQ KP30A U5222S0 EL2270CN 1CZ11V 34701
Product Description
Full Text Search
 

To Download D15S24A6RX22LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a b c 1 2 3 4 d a b c d 1 2 3 copyright fci. 4 rev f - 2006-04-17 rev ecn no dr date a - hle 02/02/06 b ls06-0040 pc 23/03/06 c ls06-0105 hle 25/07/06 d ls06-0220 pcr 2006/12/21 e ls07-0050 hle 2007/03/02 f i10-0120 ng 2010-05-27 g i10-0197 ng 2010-10-14 sheet 1 of 2 customer see table catalog no g c01-8646-0875 dwg no straight for tape and reel packaging title rev. sub delta d pip female h=2 - spec ref - product family 2010-10-14 sudhir v appr i10-0197 ecn 0.05 0.xxx linear 2 0 2010-10-14 nirmal g chr 2:1 a3 0.1 0.xx angular 02/02/06 h.legallic eng scale size 0.3 0.x 02/02/06 p.cron dr tolerances unless otherwise specified www.fciconnect.com mm iso 1101 iso 406 iso 1302 projection tolerance std - surface d xx s 24a 6 xx 22 lf series number of contacts 09 , 15 , 25 contacts s : socket termination mounting options packaging specification tape and reel note rohs information - the "lf" product meet european union directives and other country regulations asdescibed in gs-22-008. - the housing will whistand exposure to 260o peak temperature for 30 seconds in a convection , infra-red or vapor reflow oven. see application notes/procedures if are available. - termination plating spec:1.27 nickel mini,2.5 to 7.5 sn(pure mate) - shell plating : nickel bright - accessories : sn pure bright - packaging spec ; see gs-14-920 product specification see : gs-12-372 packaging specification see gs-14-1052 plating 6 = 500 mating / unmating mini see note rohs for connector with cap code type foot print/pitch length of termination pcb thickness 24a straight version 6 / 2.84mm 2 1.6 rl insert m3 rv female screw unc 4-40 rx insert unc 4-40 pdm: rev:g released . status: printed: jan 18, 2011
f f e d c b a 8 6 5 4 3 2 1 3 a b c d e f 1 2 4 5 6 7 8 copyright fci. rev f - 2006-04-17 b b sheet 2 of 2 customer see table catalog no g c01-8646-0875 dwg no straight for tape and reel packaging title rev. sub delta d pip female h=2 - spec ref - product family 2010-10-14 sudhir v appr i10-0197 ecn 0.05 0.xxx linear 2 0 2010-10-14 nirmal g chr 1:1 a2 0.1 0.xx angular 02/02/06 h.legallic eng scale size 0.3 0.x 02/02/06 p.cron dr tolerances unless otherwise specified www.fciconnect.com mm iso 1101 iso 406 iso 1302 projection tolerance std - surface 0.13 0.36 0.1 area vaccum nozzle type rx / rl all holes type rv without cap with cap true positioning : see detail a section b-b detail a scale 10:1 2.84 1.42 g f for shell 9-15 2.74 1.37 2.76 for shell 25 pads 5.80 3.10 0.10 1 0.1 b pads 1.65 x 0.45 0.55 12.85 0.24 1.65 0.16 b a 12.55 0.085 2.8 0 -0.05 11.8 0.3 6 0.1 7.45 0.1 2 0.3 recess 0.11 0.11 3.65 0.05 6 0.1 d 7.89 0.13 6.17 0.12 c 0.10 mini 6.85 6.1 12.0 shell p/n lead free a 0.38 b 0.10 c 0.10 d +0.25 0 f g 09 d09s24a6xx22lf 30.81 24.99 16.96 16.21 10.96 8.22 15 d15s24a6xx22lf 39.14 33.32 25.18 24.54 19.18 16.44 25 d25s24a6xx22lf 53.03 47.04 39.12 38.25 33.12 30.36 pcb card drilling dimensions and pads recommended (after plating - thickness : 1.60 mm) accessories details pdm: rev:g released . status: printed: jan 18, 2011


▲Up To Search▲   

 
Price & Availability of D15S24A6RX22LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X