Part Number Hot Search : 
5KP180CA F1209 F1209 LT301 1563CN ADUM3190 2424D 32200
Product Description
Full Text Search
 

To Download BUZ11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ^zmi-conauctoi l/^ioaucti, one. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 BUZ11 n - channel 50v - 0.03q - 33a to-220 stripfet? mosfet type BUZ11 vdss 50 v rds(on) < 0.04 ii id 33 a typical ros(on) = 0.03 q avalanche rugged technology 100% avalanche tested high current capability 175c operating temperature applications . high current, high speed switching . solenoid and relay drivers . regulators . dc-dc & dc-ac converters . motor control, audio amplifiers . automotive environment (injection, abs, air-bag, lampdrivers, etc.) to-220 internal schematic diagram absolute maximum ratings symbol vds vdgr vgs id idm plot tstg t parameter drain-source voltage (vgs = 0) drain- gate voltage (rgs = 20 kq) gate-source voltage drain current (continuous) at tc = 25 c drain current (pulsed) total dissipation at tc = 25 c storage temperature max. operating junction temperature din humidity category (din 40040) iec climatic category (din iec 68-1) value 50 50 20 33 134 90 -65 to 175 175 e 55/150/56 unit v v v a a w c c first digit of the datecode being z or k identifies silicon characterized in this datasheet. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
BUZ11 thermal data rthj-case rthj-amb thermal resistance junction-case max thermal resistance junction-ambient max 1.67 62.5 c/w c/w avalanche characteristics symbol iar eas parameter avalanche current, repetitive or not-repetitive (pulse width limited by tj max, 5 < 1%) single pulse avalanche energy (starting t, = 25 c, id = iar, vdd = 25 v) value 33 200 unit a mj electrical characteristics (tease = 25 c unless otherwise specified) off symbol v(br)dss loss igss parameter drain-source breakdown voltage zero gate voltage drain current (vgs = 0) gate-body leakage current (vds = 0) test conditions !d=250na vgs=0 vds - max rating vds = max rating tj=l25c vgs = 20 v min. 50 typ. max. 1 10 100 unit v ua ma na on (*) symbol vos(th) ros(orl) parameter gate threshold voltage static drain-source on resistance test conditions vds= vgs id= 1 ma vgs = 10v id = 19 a min. 2.1 typ. 3 0.03 max. 4 0.04 unit v il dynamic symbol 9fs (*) c,ss cosh crss parameter forward transconductance input capacitance output capacitance reverse transfer capacitance test conditions vds = 15 v id = 19 a vds= 25 v f = 1 mhz vgs = 0 min. 10 typ. 17 2100 260 65 max. unit s pf pf pf switching symbol td(on) tr td(off) tf parameter turn-on time rise time turn-off delay time fall time test conditions vdd = 30 v id = 18 a rgs = 50 q. vgs = 10 v min. typ. 40 200 220 110 max. unit ns ns ns ns
BUZ11 electrical characteristics (continued) source drain diode symbol iso 'sdm vsd (*) trr qrr parameter source-drain current source-drain current (pulsed) forward on voltage reverse recovery time reverse recovery charge test conditions isd = 60 a vgs = 0 lso=36a di/dt = 100 a/us vdd = 30 v t, = 150 c win. typ. 75 0.24 max. 33 134 1.8 unit a a v ns nc *) pulsed: pulse duration = 300 us, duty cycle 1.5 % safe operating area thermal impedance ?o 2 4 b 8 10 ' 10 vos(v) 10~s 10" 10 10


▲Up To Search▲   

 
Price & Availability of BUZ11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X