Part Number Hot Search : 
UF5400 LT44301 R15M03 E1C47 BD899A D1065 OL5200N BRY56
Product Description
Full Text Search
 

To Download B57045K472K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc thermistors for temperature measurement probe assemblies series/type: b57045k date: march 2013 ? epcos ag 2013. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited.
applications temperature compensation, measurement and control (chassis mounting) features cost-effective good thermal coupling through screw-type case (thread m3) electrically isolated aluminum case tinned copper leads options tighter resistance tolerance available on request. delivery mode bulk dimensional drawing dimensions in mm approx. weight 1 g general technical data climatic category (iec 60068-1) 55/125/56 max. power (at 25 c) p 25 450 mw resistance tolerance d r r /r r 10 % rated temperature t r 25 c dissipation factor (in air) d th approx. 9 mw/k dissipation factor (on chassis) d th approx. 20 mw/k thermal cooling time constant (in air) t c approx. 75 s thermal cooling time constant (on chassis) t c approx. 15 s torque approx. 0.5 nm insulation resistance (v = 100 v dc) r ins > 100 m w test voltage (t = 1 s) v test 2500 v ac temperature measurement b57045k probe assemblies k45 page 2 of 11 please read cautions and warnings and important notes at the end of this document.
electrical specification and ordering codes r 25 w no. of r/t characteristic b 25/100 k ordering code 1 k 1011 3730 3% b57045k0102k000 2.2 k 1013 3900 3% b57045k0222k000 4.7 k 4001 3950 3% b57045k0472k000 6.8 k 2903 4200 3% b57045k0682k000 10 k 2904 4300 3% b57045k0103k000 33 k 1012 4300 3% b57045k0333k000 47 k 4003 4450 3% b57045k0473k000 68 k 2005 4600 3% b57045k0683k000 100 k 2005 4600 3% b57045k0104k000 150 k 2005 4600 3% b57045k0154k000 reliability data test standard test conditions d r 25 /r 25 (typical) remarks storage in dry heat iec 60068-2-2 storage at upper category temperature t: 125 c t: 1000 h < 3% no visible damage storage in damp heat, steady state iec 60068-2-78 temperature of air: 40 c relative humidity of air: 93% duration: 56 days < 3% no visible damage endurance p max : 450 mw t: 1000 h < 3% no visible damage long-term stability (empirical value) temperature: 100 c t: 10000 h < 5% no visible damage note contact of ntc thermistors with any liquids and solvents shall be prevented. it must be ensured that no water enters the ntc thermistors (e.g. through plug terminals). avoid dewing and condensation unless thermistor is specified for these conditions. temperature measurement b57045k probe assemblies k45 page 3 of 11 please read cautions and warnings and important notes at the end of this document.
r/t characteristics r/t no. 1011 1012 1013 t ( c) b 25/100 = 3730 k b 25/100 = 4300 k b 25/100 = 3900 k r t /r 25 a (%/k) r t /r 25 a (%/k) r t /r 25 a (%/k)  55.0 70.014 6.9 87.237 6.8 77.285 7.0  50.0 49.906 6.7 62.264 6.7 54.938 6.7  45.0 36.015 6.4 44.854 6.5 39.507 6.5  40.0 26.296 6.2 32.599 6.3 28.722 6.3  35.0 19.411 6.0 23.893 6.1 21.099 6.1  30.0 14.479 5.8 17.654 6.0 15.652 5.9  25.0 10.903 5.6 13.098 5.8 11.715 5.7  20.0 8.2923 5.4 9.8059 5.7 8.8541 5.6  15.0 6.3591 5.2 7.4266 5.5 6.7433 5.4  10.0 4.9204 5.1 5.6677 5.4 5.1815 5.2  5.0 3.8279 4.9 4.3213 5.3 4.0099 5.1 0.0 3.0029 4.8 3.3208 5.1 3.1283 4.9 5.0 2.3773 4.6 2.5842 5.0 2.4569 4.8 10.0 1.8959 4.5 2.0238 4.9 1.9438 4.6 15.0 1.5207 4.3 1.5858 4.8 1.5475 4.5 20.0 1.228 4.2 1.2507 4.7 1.2403 4.4 25.0 1.0000 4.1 1.0000 4.5 1.0000 4.3 30.0 0.81779 3.9 0.7964 4.4 0.81104 4.1 35.0 0.67341 3.8 0.64053 4.3 0.66146 4.0 40.0 0.55747 3.7 0.51772 4.2 0.54254 3.9 45.0 0.46357 3.6 0.41958 4.1 0.44727 3.8 50.0 0.3874 3.6 0.34172 4.1 0.37067 3.7 55.0 0.32368 3.5 0.27877 4.0 0.30865 3.6 60.0 0.272 3.4 0.22861 3.9 0.25825 3.5 65.0 0.23041 3.3 0.18872 3.8 0.21707 3.4 70.0 0.19604 3.2 0.15645 3.7 0.18323 3.3 75.0 0.16735 3.1 0.13012 3.6 0.15535 3.3 80.0 0.14342 3.0 0.10863 3.6 0.13223 3.2 85.0 0.12347 3.0 0.091115 3.5 0.11302 3.1 90.0 0.10668 2.8 0.0767 3.4 0.096951 3.0 95.0 0.092734 2.8 0.064867 3.3 0.083487 3.0 100.0 0.080903 2.8 0.055047 3.3 0.072139 2.9 105.0 0.070616 2.7 0.046797 3.2 0.062559 2.8 110.0 0.061826 2.6 0.039904 3.1 0.054425 2.8 115.0 0.054282 2.6 0.034255 3.1 0.047508 2.7 120.0 0.047793 2.5 0.029498 3.0 0.041594 2.6 125.0 0.042249 2.4 0.025448 3.0 0.036532 2.6 temperature measurement b57045k probe assemblies k45 page 4 of 11 please read cautions and warnings and important notes at the end of this document.
r/t characteristics r/t no. 2005 2903 2904 t ( c) b 25/100 = 4600 k b 25/100 = 4200 k b 25/100 = 4300 k r t /r 25 a (%/k) r t /r 25 a (%/k) r t /r 25 a (%/k)  55.0 120.22 7.0 120.03 7.7 121.46 7.4  50.0 85.48 6.9 82.38 7.4 84.439 7.2  45.0 61.004 6.8 57.248 7.2 59.243 7.1  40.0 43.712 6.7 40.255 7.0 41.938 6.9  35.0 31.459 6.6 28.627 6.7 29.947 6.7  30.0 22.746 6.6 20.577 6.6 21.567 6.6  25.0 16.49 6.4 14.876 6.4 15.641 6.3  20.0 12.071 6.3 10.88 6.1 11.466 6.2  15.0 8.8455 6.1 8.0808 5.9 8.451 6.0  10.0 6.5446 6.0 6.0612 5.8 6.2927 5.9  5.0 4.8852 5.8 4.5649 5.6 4.7077 5.7 0.0 3.6781 5.6 3.4708 5.4 3.5563 5.5 5.0 2.7944 5.4 2.6625 5.2 2.7119 5.3 10.0 2.1391 5.3 2.0599 5.1 2.086 5.1 15.0 1.6507 5.1 1.6069 4.9 1.6204 5.0 20.0 1.2823 5.1 1.2631 4.8 1.2683 4.8 25.0 1.0000 5.0 1.0000 4.6 1.0000 4.7 30.0 0.78393 4.8 0.79593 4.5 0.7942 4.6 35.0 0.61822 4.7 0.63796 4.4 0.63268 4.5 40.0 0.49053 4.6 0.51467 4.2 0.5074 4.3 45.0 0.39116 4.5 0.41887 4.1 0.41026 4.2 50.0 0.31371 4.3 0.34272 4.0 0.33363 4.1 55.0 0.25338 4.2 0.28081 3.9 0.27243 4.0 60.0 0.20565 4.2 0.23141 3.8 0.2237 3.9 65.0 0.16762 4.1 0.19211 3.7 0.18459 3.8 70.0 0.13726 4.0 0.16027 3.6 0.15305 3.7 75.0 0.11279 3.9 0.13421 3.5 0.12755 3.6 80.0 0.093053 3.8 0.11288 3.4 0.10677 3.5 85.0 0.077177 3.7 0.095326 3.3 0.089928 3.4 90.0 0.064263 3.6 0.080828 3.2 0.076068 3.3 95.0 0.053678 3.6 0.068916 3.2 0.064524 3.3 100.0 0.044996 3.5 0.058989 3.1 0.054941 3.2 105.0 0.037917 3.4 0.050701 3.0 0.047003 3.1 110.0 0.032063 3.4 0.043735 3.0 0.040358 3.0 115.0 0.027161 3.3 0.037778 2.9 0.034743 3.0 120.0 0.023079 3.2 0.032736 2.8 0.030007 2.9 125.0 0.01968 3.2 0.028513 2.7 0.026006 2.8 130.0     0.022609 2.8 135.0     0.01972 2.7 140.0     0.017251 2.6 145.0     0.015139 2.6 150.0     0.013321 2.5 155.0     0.011754 2.5 temperature measurement b57045k probe assemblies k45 page 5 of 11 please read cautions and warnings and important notes at the end of this document.
r/t characteristics r/t no. 4001 4003 t ( c) b 25/100 = 3950 k b 25/100 = 4450 k r t /r 25 a (%/k) r t /r 25 a (%/k)  55.0 88.052 7.3 103.81 6.8  50.0 61.65 7.0 73.707 6.7  45.0 43.727 6.8 52.723 6.6  40.0 31.395 6.5 37.988 6.5  35.0 22.802 6.3 27.565 6.4  30.0 16.742 6.2 20.142 6.2  25.0 12.367 6.0 14.801 6.1  20.0 9.2353 5.6 10.976 5.9  15.0 7.0079 5.4 8.1744 5.8  10.0 5.3654 5.4 6.1407 5.7  5.0 4.126 5.2 4.6331 5.5 0.0 3.2 5.0 3.5243 5.4 5.0 2.4986 4.9 2.6995 5.3 10.0 1.9662 4.7 2.0831 5.1 15.0 1.5596 4.6 1.6189 5.0 20.0 1.2457 4.5 1.2666 4.9 25.0 1.0000 4.4 1.0000 4.7 30.0 0.80355 4.2 0.78351 4.6 35.0 0.65346 4.1 0.62372 4.5 40.0 0.53456 4.0 0.49937 4.4 45.0 0.43966 3.9 0.40218 4.3 50.0 0.36357 3.8 0.32557 4.2 55.0 0.30183 3.7 0.26402 4.1 60.0 0.25189 3.6 0.21527 4.0 65.0 0.21136 3.5 0.17693 3.9 70.0 0.17819 3.4 0.14616 3.8 75.0 0.15089 3.3 0.12097 3.7 80.0 0.12833 3.2 0.10053 3.7 85.0 0.10948 3.1 0.083761 3.6 90.0 0.093748 3.0 0.070039 3.5 95.0 0.080764 2.9 0.058937 3.4 100.0 0.069842 2.9 0.049777 3.4 105.0 0.060455 2.9 0.042146 3.3 110.0 0.052498 2.8 0.035803 3.2 115.0 0.04574 2.7 0.030504 3.2 120.0 0.039972 2.7 0.026067 3.1 125.0 0.034984 2.6 0.022332 3.0 130.0   0.019186 3.0 135.0   0.016515 2.9 140.0   0.014253 2.9 145.0   0.012367 2.8 150.0   0.010758 2.8 155.0   0.0093933 2.7 temperature measurement b57045k probe assemblies k45 page 6 of 11 please read cautions and warnings and important notes at the end of this document.
cautions and warnings see "important notes". storage store thermistors only in original packaging. do not open the package prior to storage. storage conditions in original packaging: storage temperature  25 c ... +45 c, relative humidity 75% annual mean, <95% maximum 30 days per annum, dew precipitation is inadmissible. do not store thermistors where they are exposed to heat or direct sunlight. otherwise, the packing material may be deformed or components may stick together, causing problems during mounting. avoid contamination of thermistor surface during storage, handling and processing. avoid storage of thermistors in harmful environments like corrosive gases (so x , cl etc). use the components as soon as possible after opening the factory seals, i.e. the polyvinyl-sealed packages. solder thermistors within the time specified after shipment from epcos. for leaded components this is 24 months, for smd components with nickel barrier termination 12 months, for smd components with agpd termination 6 months. handling ntc thermistors must not be dropped. chip-offs or any other damage must not be caused during handling of ntcs. do not touch components with bare hands. gloves are recommended. avoid contamination of thermistor surface during handling. washing processes may damage the product due to the possible static or cyclic mechanical loads (e.g. ultrasonic cleaning). they may cause cracks to develop on the product and its parts, which might lead to reduced reliability or lifetime. bending / twisting leads a lead (wire) may be bent at a minimum distance of twice the wire?s diameter plus 4 mm from the component head or housing. when bending ensure the wire is mechanically relieved at the component head or housing. the bending radius should be at least 0.75 mm. twisting (torsion) by 180 of a lead bent by 90 is permissible at 6 mm from the bottom of the thermistor body. soldering use resin-type flux or non-activated flux. insufficient preheating may cause ceramic cracks. rapid cooling by dipping in solvent is not recommended. complete removal of flux is recommended. temperature measurement b57045k probe assemblies k45 page 7 of 11 please read cautions and warnings and important notes at the end of this document.
mounting ensure that no thermo-mechanical stress occurs due to production processes (curing or overmolding processes) when thermistors are sealed, potted or overmolded or during their subsequent operation. the maximum temperature of the thermistor must not be exceeded. ensure that the materials used (sealing/potting compound and plastic material) are chemically neutral. electrodes/contacts must not be scratched or damaged before/during/after the mounting process. contacts and housing used for assembly with the thermistor must be clean before mounting. ensure that adjacent materials are designed for operation at temperatures comparable to the surface temperature of the thermistor. be sure that surrounding parts and materials can withstand the temperature. avoid contamination of the thermistor surface during processing. the connections of sensors (e.g. cable end, wire end, plug terminal) may only be exposed to an environment with normal atmospheric conditions. tensile forces on cables or leads must be avoided during mounting and operation. bending or twisting of cables or leads directly on the thermistor body is not permissible. avoid using chemical substances as mounting aids. it must be ensured that no water or other liquids enter the ntc thermistors (e.g. through plug terminals). in particular, water based substances (e.g. soap suds) must not be used as mounting aids for sensors. operation use thermistors only within the specified operating temperature range. use thermistors only within the specified power range. environmental conditions must not harm the thermistors. only use the thermistors under normal atmospheric conditions or within the specified conditions. contact of ntc thermistors with any liquids and solvents shall be prevented. it must be ensured that no water enters the ntc thermistors (e.g. through plug terminals). for measurement purposes (checking the specified resistance vs. temperature), the component must not be immersed in water but in suitable liquids (e.g. galden). avoid dewing and condensation unless thermistor is specified for these conditions. bending or twisting of cables and/or wires is not permissible during operation of the sensor in the application. be sure to provide an appropriate fail-safe function to prevent secondary product damage caused by malfunction. this listing does not claim to be complete, but merely reflects the experience of epcos ag. temperature measurement b57045k probe assemblies k45 page 8 of 11 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a area fl?che awg american wire gauge amerikanische norm fr drahtquerschnitte b b value b-wert b 25/100 b value determined by resistance measurement at 25 c and 100 c b-wert, ermittelt durch widerstands- messungen bei 25 c und 100 c c th heat capacitance w?rmekapazit?t i current strom n number (integer) anzahl (ganzzahliger wert) p 25 maximum power at 25 c maximale leistung bei 25 c p diss power dissipation verlustleistung p el electrical power elektrische leistung p max maximum power within stated temperature range maximale leistung im angegebenentemperaturbereich d r b /r b resistance tolerance caused by spread of b value widerstandstoleranz, die durch die streuung des b-wertes verursacht wird r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r r rated resistance nennwiderstand d r r /r r resistance tolerance widerstandstoleranz r s series resistance serienwiderstand r t resistance at temperature t (e.g. r 25 = resistance at 25 c) widerstand bei temperatur t (z.b. r 25 = widerstand bei 25 c) t temperature temperatur d t temperature tolerance temperaturtoleranz t time zeit t a ambient temperature umgebungstemperatur t max upper category temperature obere grenztemperatur (kategorietemperatur) t min lower category temperature untere grenztemperatur (kategorietemperatur) t op operating temperature betriebstemperatur t r rated temperature nenntemperatur t surf surface temperature oberfl?chentemperatur v voltage spannung v ins insulation test voltage isolationsprfspannung v op operating voltage betriebsspannung v test test voltage prfspannung temperature measurement b57045k probe assemblies k45 page 9 of 11 please read cautions and warnings and important notes at the end of this document.
symbol english german a temperature coefficient temperaturkoeffizient d tolerance, change toleranz, ?nderung d th dissipation factor w?rmeleitwert t c thermal cooling time constant thermische abkhlzeitkonstante t a thermal time constant thermische zeitkonstante abbreviations / notes symbol english german surface-mounted devices oberfl?chenmontierbares bauelement * to be replaced by a number in ordering codes, type designations etc. platzhalter fr zahl im bestellnummern- code oder fr die typenbezeichnung. + to be replaced by a letter. platzhalter fr einen buchstaben. all dimensions are given in mm. alle ma?e sind in mm angegeben. the commas used in numerical values denote decimal points. verwendete kommas in zahlenwerten bezeichnen dezimalpunkte. temperature measurement b57045k probe assemblies k45 page 10 of 11 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 11 of 11


▲Up To Search▲   

 
Price & Availability of B57045K472K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X