Part Number Hot Search : 
1AZ300Z TPCP8405 MY51W TDA3615J L1050 YB25D 855590 DG528AK
Product Description
Full Text Search
 

To Download ASMT-JW32-UUE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asmt-jx32 3w mini power led light source data sheet description the 3w mini power led light source is a high perfor- mance energy e?cient device which can handle high thermal and high driving current. the metal slug is electri- cally isolated. the white mini power led is available in the range of color temperature from 2700k to 10000k. the low pro?le package design and ultra small footprint is suitable for a wide variety of applications especially where space and height is a constraint. the package is compatible with re?ow soldering process. to facilitate easy pick & place assembly, the leds are packed in eia-compliant tape and reel. features ? available in cool white, neutral white and warm white ? small footprint and low pro?le ? symmetrical outline ? energy e?cient ? direct heat transfer from metal slug to mother board ? compatible with re?ow soldering process ? high current operation ? long operation life ? wide viewing angle ? silicone encapsulation ? non-esd sensitive (threshold > 16kv) ? msl 1 products applications ? sign backlight ? safety, exit and emergency sign lightings ? specialty lighting such as task lighting and reading lights ? retail display ? commercial lighting ? accent or marker lightings, strip or step lightings ? portable lightings, bicycle head lamp, torch lights ? decorative lighting ? architectural lighting ? pathway lighting ? street lighting ? pedestrian street lighting ? tunnel lighting caution: customer is advised to keep the leds in the mbb when not in use as prolonged exposure to environment might cause the silver plated leads to tarnish, which might cause di?culties in soldering.
2 package dimensions notes: 1. all dimensions in millimeters. 2. tolerance is 0.1 mm unless otherwise speci?ed. 3. terminal ?nish: ag plating. 4. corresponding nc (no connection) leads adjacent to anode and cathode leads can be electrically short. figure 1. asmt-jx32 package outline drawing 5.0 4.0 4.0 0.7 1.0 0.3 1.85 ? 3.7 0.8 0.65 0.60 ? 1.70 body cathode lead lens cathode mark anode lead nc nc nc nc metal slug
3 part numbering system device selection guide (t j = 25c) part number color luminous flux (im), v [1,2] test current (ma) dice technology electrically isolated metal slug min. typ. max. asmt-jw32-nuv01 cool white 87.4 100.0 113.6 350 ingan yes asmt-jw32-nvv01 99.6 105.0 113.6 350 ingan yes asmt-jn32-nuv01 neutral white 87.4 100.0 113.6 350 ingan yes asmt-jn32-nvv01 99.6 105.0 113.6 350 ingan yes asmt-jy32-ntv01 warm white 67.2 85.0 113.6 350 ingan yes notes: 1. v is the total luminous ?ux output as measured with an integrating sphere at 25ms mono pulse condition. 2. flux tolerance is 10% absolute maximum ratings parameter asmt-jx32 units dc forward current [1] 700 ma power dissipation 3010 mw led junction temperature 135 c operating metal slug temperature range at 350 ma -40 to +120 c operating metal slug temperature range at 700 ma -40 to +105 c storage temperature range -40 to + 120 c soldering temperature refer to figure. 13 reverse voltage [2] not recommended notes: 1. derate linearly based on figure 9. 2. not designed for reverse bias operation. asmt- j x 1 3 2 C x 2 x 3 x 4 x 5 x 6 packaging option color bin selection maximum flux bin selection minimum flux bin selection dice type n C ingan color w C cool white n C neutral white y C warm white note: 1. please refer to page 8 for selection details.
4 optical characteristics at 350 ma (t j = 25c) part number color correlated color temperature, cct (kelvin) viewing angle, 2 ? [1] () luminous e?ciency (lm/w) min. max. typ. typ. asmt-jw32-nuv01 cool white 4500 10000 140 89 asmt-jw32-nvv01 4500 10000 140 94 asmt-jn32-nuv01 neutral white 3500 4500 140 89 asmt-jn32-nvv01 3500 4500 140 94 asmt-jy32-ntv01 warm white 2700 3500 140 76 note: 1. ? is the o?-axis angle where the luminous intensity is ? the peak intensity. electrical characteristic at 350 ma (t j = 25c) dice type forward voltage, v f (volts) thermal resistance, r j?ms (c/w) [1] min. typ max. typ. ingan 2.8 3.2 3.5 9 note: 1. r j?ms is thermal resistance from led junction to metal slug. optical and electrical characteristic at 700 ma (t j = 25c) part number color luminous flux (lm), v forward voltage, v f (volts) typ. typ. asmt-jw32-nuv01 cool white 175.0 3.6 asmt-jw32-nvv01 180.0 3.6 asmt-jn32-nuv01 neutral white 175.0 3.6 asmt-jn32-nvv01 180.0 3.6 asmt-jy32-ntv01 warm white 140.0 3.6
5 figure 2. relative intensity vs. wavelength for cool white and warm white figure 3. relative intensity vs. wavelength for neutra l white figure 4. relative luminous flux vs. mono pulse current f igure 5. forward current vs. forward voltage figure 6. radiation pattern for cool white, warm white and neutral white 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 380 430 480 530 580 630 680 730 780 wavelength - nm relative intensity 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 380 430 480 530 580 630 680 730 780 wavelength - nm relative intensity 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 100 200 300 400 500 600 700 relative luminous flux (normalized at 350 ma) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 -90 -60 -30 0 30 60 90 normalized intensity mono pulse current - ma warm white cool white angular displacement - degrees 0 50 100 150 200 250 300 350 400 450 500 550 600 650 700 0 0.5 1 1.5 2 2.5 3 3.5 4 forward voltage - v forward current - ma
6 figure 7. relative light output vs. junction temperature figure 8. forward voltage shift vs. junction temperature figure 9. maximum forward current vs. ambient temperature. derated based on t jmax = 125c, r j-a = 20c/w, 25c/w and 30c/w figure 10. maximum forward current vs. metal slug temperature. derated based on t jmax = 125c, r j-ms = 9c/w 0 100 200 300 400 500 600 700 800 0 20 40 60 80 100 120 140 ambient temperature, t a - c max allowable dc current - ma r j-a = 20c/w r j-a = 25c/w r j-a = 30c/w 0 100 200 300 400 500 600 700 800 0 20 40 60 80 100 120 140 metal slug temperature, t ms - c max allowable dc current - ma r j-ms = 9c/w -0.25 -0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20 0.25 forward voltage shift - v (normalized at 25c) 0.0 10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0 110.0 120.0 -50 -25 0 25 50 75 100 125 150 relative light output (%) (normalized at 25c) junction temperature, t j - c -50 -25 0 25 50 75 100 125 150 junction temperature, t j - c
7 figure 11. recommended soldering land pattern solder pad solder pad slug indepdent 0.80 0.85 1.75 1.32 ? 1.90 3.50 5.20 figure 12. recommended pick and place nozzle tip. inner diameter = 3.2 mm (acc. to j-std-020c) 217c 200c 60 - 120 sec. 6c/sec. max. 3c/sec. max. 3c/sec. max. 150c 255 - 260c 100 sec. max. 10 - 30 sec. time temperature figure 13. recommended re?ow soldering pro?le note: for detail information on re?ow soldering of avago surface mount leds, do refer to avago application note an1060 surface mounti ng smt led indicator components. ? 3.2
8 option selection details asmt-j x 1 3 2 C x 2 x 3 x 4 x 5 x 6 x 3 C minimum flux bin selection x 4 C maximum flux bin selection x 5 C color bin selection x 6 C packaging option flux bin limit [x 3 , x 4 ] bin id luminous flux (lm) at 350 ma min. max. t 67.2 87.4 u 87.4 99.6 v 99.6 113.6 cool white selection bin id 0 full distribution e vm, um, vn and un f wm, vm, wn and vn g xm, wm, xn and wn h un, vn, u0 and v0 j wn, vn, w0 and v0 k xn, wn, x0 and w0 l v0, u0, vp and up m w0, v0, wp, vp and wq n x0, w0, xp, wp and wq p y0 q ya w arm white selection bin id 0 full distribution e nm, mm, n1 and m1 f pm, nm, p1 and n1 g qm, pm, q1 and p1 h m1, n1, m0 and n0 j p1, n1, p0 and n0 k q1, p1, q0 and p0 l n0, m0, na and ma m p0, n0, pa and na n q0, p0, qa and pa neutral white selection bin id 0 full distribution e sm, rm, s1 and r1 f tm, sm, tn and s1 g s1, r1, s0 and r0 h tn, s1, t0 and s0 j s0, r0, sa and ra k t0, s0, tp and sa color bin selection [x 5 ] individual reel will contain parts from one color bin selection only.
9 0.26 0.28 0.30 0.32 0.34 0.36 0.38 0.40 0.42 0.26 0.28 0.30 0.32 0.34 0.36 0.38 0.40 x-coordinate y-coordinate 10000k 7000k 6300k 5000k 4500k y0 ya um un up v0 vm vn vp x0 xp xm xn w0 wq 0.32 0.34 0.36 0.38 0.40 0.42 0.44 0.46 0.34 0.36 0.38 0.40 0.42 0.44 x-coordinate y-coordinate rm r1 r0 ra t0 sm s1 sa tm tn tp s0 4500k 0.32 0.34 0.36 0.38 0.40 0.42 0.44 0.46 0.48 0.38 0.40 0.42 0.44 0.46 0.48 0.50 x-coordinate y-coordinate qm mm nm q1 qa p1 m0 m1 ma na 3050k 2850k 3500k 3250k 2700k pm q0 p0 pa black body curve n1 n0 u0 wm wn wp 5650k black body curve black body curve 4100k 3800k 3500k figure 14. color bin structure for cool whit e figure 15. color bin structure for warm white figure 16. color bin structure for neutral white
10 color bin limits cool white color limits (chromaticity coordinates) bin um x y 0.365 0.386 0.367 0.400 0.348 0.385 0.347 0.372 bin un x y 0.365 0.386 0.362 0.372 0.346 0.359 0.347 0.372 bin u0 x y 0.362 0.372 0.360 0.357 0.344 0.344 0.346 0.359 bin up x y 0.360 0.357 0.357 0.342 0.343 0.331 0.344 0.344 bin vm x y 0.329 0.357 0.329 0.369 0.348 0.385 0.347 0.372 bin vn x y 0.329 0.345 0.329 0.357 0.347 0.372 0.346 0.359 bin v0 x y 0.329 0.331 0.329 0.345 0.346 0.359 0.344 0.344 bin vp x y 0.329 0.331 0.344 0.344 0.343 0.331 0.329 0.320 bin wm x y 0.329 0.369 0.329 0.357 0.315 0.344 0.314 0.355 bin wn x y 0.329 0.345 0.316 0.333 0.315 0.344 0.329 0.357 bin w0 x y 0.329 0.345 0.329 0.331 0.317 0.320 0.316 0.333 bin wp x y 0.329 0.331 0.329 0.320 0.318 0.310 0.317 0.320 bin wq x y 0.329 0.320 0.329 0.310 0.319 0.300 0.318 0.310 bin xm x y 0.301 0.342 0.314 0.355 0.315 0.344 0.303 0.333 bin xn x y 0.305 0.322 0.303 0.333 0.315 0.344 0.316 0.333 bin x0 x y 0.308 0.311 0.305 0.322 0.316 0.333 0.317 0.320 bin xp x y 0.308 0.311 0.317 0.320 0.319 0.300 0.311 0.293 bin yo x y 0.308 0.311 0.283 0.284 0.274 0.301 0.303 0.333 bin ya x y 0.308 0.311 0.311 0.293 0.290 0.270 0.283 0.284 tolerance: 0.01 warm white color limits (chromaticity coordinates) bin mm x y 0.471 0.451 0.460 0.430 0.473 0.432 0.486 0.455 bin m1 x y 0.460 0.430 0.453 0.416 0.467 0.419 0.473 0.432 bin m0 x y 0.453 0.416 0.444 0.399 0.459 0.403 0.467 0.419 bin ma x y 0.459 0.403 0.444 0.399 0.436 0.384 0.451 0.389 bin nm x y 0.454 0.446 0.444 0.426 0.460 0.430 0.471 0.451 bin n1 x y 0.444 0.426 0.438 0.412 0.453 0.416 0.460 0.430 bin n0 x y 0.438 0.412 0.429 0.394 0.444 0.399 0.453 0.416 bin na x y 0.444 0.399 0.429 0.394 0.422 0.379 0.436 0.384 bin pm x y 0.438 0.440 0.430 0.421 0.444 0.426 0.454 0.446 bin p1 x y 0.430 0.421 0.424 0.407 0.438 0.412 0.444 0.426 bin p0 x y 0.424 0.407 0.416 0.389 0.429 0.394 0.438 0.412 bin pa x y 0.429 0.394 0.416 0.389 0.410 0.374 0.422 0.379 bin qm x y 0.421 0.433 0.414 0.414 0.430 0.421 0.438 0.440 bin q1 x y 0.414 0.414 0.409 0.400 0.424 0.407 0.430 0.421 bin q0 x y 0.409 0.400 0.402 0.382 0.416 0.389 0.424 0.407 bin qa x y 0.416 0.389 0.402 0.382 0.396 0.367 0.410 0.374 tolerance: 0.01
11 neutral white color limits (chromaticity coordinates) bin rm x y 0.421 0.433 0.414 0.414 0.397 0.406 0.402 0.423 bin r1 x y 0.414 0.414 0.409 0.400 0.392 0.391 0.397 0.406 bin r0 x y 0.392 0.391 0.387 0.374 0.402 0.382 0.409 0.400 bin ra x y 0.387 0.374 0.383 0.360 0.396 0.367 0.402 0.382 bin sm x y 0.402 0.423 0.397 0.406 0.382 0.397 0.386 0.413 bin s1 x y 0.397 0.406 0.392 0.391 0.378 0.382 0.382 0.397 bin s0 x y 0.392 0.391 0.387 0.374 0.374 0.366 0.378 0.382 bin sa x y 0.387 0.374 0.383 0.360 0.370 0.351 0.374 0.366 bin tm x y 0.386 0.413 0.382 0.397 0.365 0.386 0.367 0.400 bin tn x y 0.382 0.397 0.378 0.382 0.362 0.372 0.365 0.386 bin t0 x y 0.378 0.382 0.374 0.366 0.360 0.357 0.362 0.372 bin tp x y 0.374 0.366 0.370 0.351 0.357 0.342 0.360 0.357 tolerance: 0.01 example asmt-jw32-nuv01 asmt-jw32-nxxxx C cool white, ingan, electrically isolated heat sink x 3 = u C minimum flux bin u x 4 = v C maximum flux bin v x 5 = 0 C full distribution x 6 = 1 C tape and reel option packaging option [x 6 ] selection option 1 tape and reel
12 tape and reel C option 1 figure 17. carrier tape dimensions notes: 1. empty component pockets sealed with top cover tape. 2. 250 or 500 pieces per reel. 3. drawing not to scale. 4. all dimensions are in millimeters. figure 18. reel dimensions 178 1 4 0.5 5 0.5 3 0.5 ? 21.0 0.5 ? 10 ? 13.1 0.5 ? 60 0.5 13.2 .5 16.0 .5 4.00 .10 8.00 .10 12.00 +.30 ?.10 4.15 .10 0.25 0.02 2.05 .10 8 ? 1.5 0.25 2.00 .05 5.50 .05 1.75 0.01 0.25 0.02 2.01 0.1 ? 1.5 0.1 5 5.25 .10
disclaimer: avagos products and software are not speci?cally designed, manufactured or authorized for sale as parts, components or assemblies for the planning, construction, maintenance or direct operation of a nuclear facility or for use in medical devices or applications. customer is solely responsible, and waives all rights to make claims against avago or its suppliers, for all loss, damage, expense or liability in connection with such use. for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2010 avago technologies. all rights reserved. av02-2428en - june 24, 2010 cathode side user feed direction printed label figure 19. reeling orientation


▲Up To Search▲   

 
Price & Availability of ASMT-JW32-UUE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X