Part Number Hot Search : 
SLU11155 MT2212 CA3094E MSK185G BU15005 EL5235IS M61510FP BH6513F
Product Description
Full Text Search
 

To Download AP02N60H-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 700v lower gate charge r ds(on) 8.8 fast switching characteristic i d 1.4a simple drive requirement description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj i ar avalanche current a e ar repetitive avalanche energy mj t stg t j operating junction temperature range thermal data symbol value units rthj-c maximum thermal resistance, junction-case 3.2 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data & specifications subject to change without notice maximum thermal resistance, junction-ambient (pcb mount) 4 rohs-compliant product storage temperature range -55 to 150 5.6 39 linear derating factor 0.31 0.5 1.4 0.9 + 30 parameter rating 700 200807222 1 ap02n60h/j-h 49 -55 to 150 parameter 1.4 the to-252 package is widely preferred for all commercial-industrial surface mount applications and suited for ac/dc converters. the through-hole version (ap02n60j-h) is available for low-profile applications. g d s to-251(j) g d s to-252(h) g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =10ma 700 - - v b breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.6 - v/ r ds(on) static drain-source on-resistance v gs =10v, i d =0.6a - - 8.8 ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =1a - 0.2 - s i dss drain-source leakage current v ds =600v, v gs =0v - - 10 ua drain-source leakage current (t j =150 o c) v ds =480v , v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 30v - - + 100 na q g total gate charge 3 i d =1.4a - 14 20 nc q gs gate-source charge v ds =480v - 2 - nc q gd gate-drain ("miller") charge v gs =10v - 8.5 - nc t d(on) turn-on delay time 3 v dd =300v - 9.5 - ns t r rise time i d =1.4a - 12 - ns t d(off) turn-off delay time r g =10 , v gs =10v - 21 - ns t f fall time r d =214 -9- ns c iss input capacitance v gs =0v - 155 240 pf c oss output capacitance v ds =25v - 27 - pf c rss reverse transfer capacitance f=1.0mhz - 14 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 3 i s =1.4a, v gs =0v - - 1.5 v t rr reverse recovery time i s =1.4a, v gs =0v, - 360 - ns q rr reverse recovery charge di/dt=100a/s - 1970 - nc notes: 1.pulse width limited by max. junction temperature. 2.starting t j =25 o c , v dd =50v , l=50mh , r g =25 , i as =1.4a. 3.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ap02n60h/j-h 4.surface mounted on 1 in 2 copper pad of fr4 board 2
ap02n60h/j-h fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =0.6a v g =10v 0 0.5 1 1.5 0 5 10 15 20 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 6.0v 5.5v 5.0v v g = 4.5 v 0 0.3 0.6 0.9 0 5 10 15 20 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 6.0v 5.5v 5.0v v g = 4.5 v 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o c t j = 25 o c 1 2 3 4 5 -50 0 50 100 150 t j , junction temperature ( o c ) v gs(th) (v)
fig 7. gate charge characteristics fig 8. typical capacitance characteristics 700 ap02n60h/j-h t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 4 8 12 16 0 4 8 12 16 20 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =1.4a v ds =320v v ds =400v v ds =480v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 sin g le pulse 0.01 0.1 1 10 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc
package outline : to-252 millimeters min nom max a2 1.80 2.30 2.80 a3 0.40 0.50 0.60 b1 0.40 0.70 1.00 d 6.00 6.50 7.00 d1 4.80 5.35 5.90 e3 3.50 4.00 4.50 e3 f 2.20 2.63 3.05 f1 0.5 0.85 1.20 e1 5.10 5.70 6.30 e2 0.50 1.10 1.80 e -- 2.30 -- c 0.35 0.50 0.65 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-252 symbols e e d d1 e2 e1 f b1 f1 a2 a3 c r : 0.127~0.381 ( 0.1mm part number package code 02n60h ywwsss date code (ywwsss) ylast digit of the year wwweek ssssequence logo 5
package outline : to-251 min nom max a 2.20 2.30 2.40 a1 0.90 1.20 1.50 b1 0.50 0.69 0.88 b2 0.60 0.87 1.14 c 0.40 0.50 0.60 c1 0.40 0.50 0.60 d 6.40 6.60 6.80 d1 5.20 5.35 5.50 e 6.70 7.00 7.30 e1 5.40 5.80 6.20 e ---- 2.30 ---- f 5.88 6.84 7.80


▲Up To Search▲   

 
Price & Availability of AP02N60H-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X