Part Number Hot Search : 
LPC23XX 370910 8C503 EL5163 NTE2516 D1616 ICL766 200CT
Product Description
Full Text Search
 

To Download AP02N40P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 400v fast switching characteristic r ds(on) 5 simple drive requirement i d 1.6a description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w e as single pulse avalanche energy 2 mj i ar avalanche current a t stg t j operating junction temperature range thermal data symbol value unit rthj-c maximum thermal resistance, junction-case 3.8 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data & specifications subject to change without notice parameter storage temperature range -55 to 150 1 parameter 200901203 AP02N40P + 30 rating 400 rohs-compliant product 1.6 3 33 1 1 5 -55 to 150 g d s to-220(p) the to-220 package is widely preferred for commercial-industrial applications. the good thermal performance and low package cost, contribute to its wide industry application. g d s a p02n40 uses rugged design with the best combination of fast switching and cost-effectiveness.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 400 - - v r ds(on) static drain-source on-resistance 3 v gs =10v, i d =0.7a - - 5 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =1a - 1.5 - s i dss drain-source leakage current v ds =400v, v gs =0v - - 25 ua drain-source leakage current (t j =125 o c) v ds =320v , v gs =0v - - 250 ua i gss gate-source leakage v gs =+ 30v, v ds =0v - - + 100 na q g total gate charge 3 i d =1a - 6.4 10 nc q gs gate-source charge v ds =320v - 1.2 - nc q gd gate-drain ("miller") charge v gs =10v - 3.2 - nc t d(on) turn-on delay time 3 v dd =200v - 8 - ns t r rise time i d =1a - 9 - ns t d(off) turn-off delay time r g =50 , v gs =10v - 21 - ns t f fall time r d =200 -12- ns c iss input capacitance v gs =0v - 180 300 pf c oss output capacitance v ds =25v - 22 - pf c rss reverse transfer capacitance f=1.0mhz - 5.6 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 3 i s =1.6a, v gs =0v - - 1.5 v t rr reverse recovery time 3 i s =1a, v gs =0 v , - 150 - ns q rr reverse recovery charge di/dt=100a/s - 680 - nc notes: 1.pulse width limited by max. junction temperature. 2.starting t j =25 o c , v dd =50v , l=10mh , r g =25 3.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP02N40P
fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 AP02N40P 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 1 2 3 0 4 8 121620242832 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 8.0v 7.0v 6.0v v g =5.0v 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =0.7a v g =10v 0 0.4 0.8 1.2 1.6 2 0 5 10 15 20 25 30 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 8 .0v 7 .0v 6.0 v v g =5 .0v 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o ct j = 25 o c 0.6 0.7 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP02N40P 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0 2 4 6 8 10 12 02468 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =1a v ds =320v 1 100 10000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge
package outline : to-220 millimeters min nom max a 4.25 4.48 4.70 b 0.65 0.80 0.90 b1 1.15 1.38 1.60 c 0.40 0.50 0.60 c1 1.00 1.20 1.40 e 9.70 10.00 10.40 e1 --- --- 11.50 e ---- 2.54 ---- l 12.70 13.60 14.50 l1 2.60 2.80 3.00 l2 1.00 1.40 1.80 l3 2.60 3.10 3.60 l4 14.70 15.50 16.00 l5 6.30 6.50 6.70 3.50 3.70 3.90 d 8.40 8.90 9.40 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-220 symbols advanced power electronics corp. e b b1 e d l3 l4 l1 l2 a c1 c l package code part number date code (ywwsss) y last digit of the year ww week sss sequence 02n40p ywwsss logo l5 e1 5


▲Up To Search▲   

 
Price & Availability of AP02N40P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X