Part Number Hot Search : 
2SB118 BAV10 AX3842P AN1438 PQ05RF2V 12030 45DB32 SMCJ18CA
Product Description
Full Text Search
 

To Download ACZRW5223B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage: 2.7 to 30 v olts power: 350 mw atts rohs device page 1 rev :a features - for surface mounted applications. - ideally suited for automated assembly processes. mechanical data - case: sod-123 , molded plastic. - t erminals: solder plated,solderable per mil-std-750,method 2026. - polarity: cathode band. - w eight: 0.01 gram(approx.). aczr w5223b-g thru. aczr w5256b-g p ar am et er s ym bo l v al ue u ni t maximum rating (@t a=25c unless otherwise specified) 0.9 mw v f forward v oltage (note 2) @ i f =10ma 0 . 1 5 2 ( 3 . 8 5 ) 0 . 1 4 0 ( 3 . 5 5 ) 0 . 0 4 9 ( 1 . 2 5 ) 0 . 0 4 1 ( 1 . 0 5 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o d - 1 2 3 0 . 0 2 0 ( 0 . 5 0 ) r e f 0 . 0 0 4 ( 0 . 1 0 ) m a x . 0 . 11 0 ( 2 . 8 0 ) 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 5 9 ( 1 . 5 0 ) 0 . 0 2 6 ( 0 . 6 5 ) 0 . 0 1 8 ( 0 . 4 5 ) 0 . 0 0 6 ( 0 . 1 5 ) po we r d iss ipa tio n ( no te 1) 35 0 p d aqw -bz 002 35 7 thermal resistance, junction to ambient air op era tin g an d s tor ag e t em pe rat ure r an ge -65 to +1 50 t j, t stg c r ja v c/w 2 no tes : 1 . d ev ice m ou nte d o n c era mi c p cb ; 7 .6m m x 9 .4m m x 0 .87 mm w ith pa d a rea s 2 5m m . 2. t es ted w ith pu lse s, tp 1.0 ms . 0 . 0 0 3 ( 0 . 0 8 ) - ultra-small surface medium package. - general purpose, medium current. company reserves the right to improve product design , functions and reliability without notice. - comply with aec-q101.
smd zener diode page 2 electrical characteristics(@t a = 25c unless otherwise specified) aqw -bz 002 mar king cod e p a r t n u m b e r z e n e r v o lt a g e m in v z (v )@ i z t m a x i z t (m a ) z z t (o h m ) m a x i z k (m a ) z z k (o h m ) m a x v r (v ) i r (u a ) o p e r a ti n g r e s is ta n c e r is in g o p e r a ti n g r e s is ta n c e r e v e r s e c u r r e n t n o m m a x a c z rw 5 2 2 3 b -g a c z rw 5 2 2 5 b -g a c z rw 5 2 2 6 b -g a c z rw 5 2 2 7 b -g a c z rw 5 2 2 8 b -g a c z rw 5 2 2 9 b -g a c z rw 5 2 3 0 b -g a c z rw 5 2 3 1 b -g a c z rw 5 2 3 2 b -g a c z rw 5 2 3 4 b -g a c z rw 5 2 3 5 b -g a c z rw 5 2 3 6 b -g a c z rw 5 2 3 7 b -g a c z rw 5 2 3 9 b -g a c z rw 5 2 4 0 b -g a c z rw 5 2 4 1 b -g a c z rw 5 2 4 2 b -g a c z rw 5 2 4 3 b -g a c z rw 5 2 4 4 b -g a c z rw 5 2 4 5 b -g a c z rw 5 2 4 6 b -g a c z rw 5 2 4 8 b -g a c z rw 5 2 5 0 b -g a c z rw 5 2 5 1 b -g a c z rw 5 2 5 2 b -g a c z rw 5 2 5 4 b -g a c z rw 5 2 5 5 b -g a c z rw 5 2 5 6 b -g c 3 c 5 g 1 g 2 g 3 g 4 g 5 e 1 e 2 e 4 e 5 f 1 f 2 f 5 h 1 h 2 h 3 h 4 h 5 j 1 j 3 j 5 k 1 k 2 k 4 k 5 m 1 f 4 2 .5 7 2 .8 5 3 .1 4 3 .4 2 3 .7 1 4 .0 9 4 .4 7 4 .8 5 5 .3 2 5 .8 9 6 .4 6 7 .1 3 7 .7 9 8 .6 5 9 .5 0 1 0 .4 5 1 1 .4 0 1 2 .3 5 1 3 .3 0 1 4 .2 5 1 5 .2 0 1 7 .1 0 1 9 .0 0 2 0 .9 0 2 2 .8 0 2 5 .6 5 2 6 .6 0 2 8 .5 0 1 3 0 0 1 6 0 0 1 6 0 0 1 7 0 0 1 9 0 0 2 0 0 0 1 9 0 0 1 6 0 0 1 6 0 0 1 0 0 0 7 5 0 5 0 0 5 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 7 5 5 0 2 5 1 5 1 0 5 5 5 5 5 3 3 3 3 3 2 1 0 .5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 1 .0 1 .0 1 .0 1 .0 1 .0 1 .0 2 .0 2 .0 3 .0 4 .0 5 .0 6 .0 6 .5 8 .0 8 .4 9 .1 9 .9 1 0 1 1 1 2 1 4 1 5 1 7 1 8 2 1 2 1 2 3 7 .0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 2 0 9 .5 9 .0 8 .5 7 .8 7 .0 6 .2 5 .6 5 .2 5 .0 4 .5 4 .2 3 0 3 0 2 8 2 4 2 3 2 2 1 9 1 7 1 1 7 5 6 8 1 7 2 2 3 0 1 3 1 5 1 6 1 7 2 1 2 5 2 9 3 3 4 1 4 4 4 9 1 0 2 .8 4 3 .1 5 3 .4 7 3 .7 8 4 .1 0 4 .5 2 4 .9 4 5 .3 6 5 .8 8 6 .5 1 7 .1 4 7 .8 8 8 .6 1 9 .5 6 1 0 .5 0 1 1 .5 5 1 2 .6 0 1 3 .6 5 1 4 .7 0 1 5 .7 5 1 6 .8 0 1 8 .9 0 2 1 .0 0 2 3 .1 0 2 5 .2 0 2 8 .3 5 2 9 .4 0 3 1 .5 0 2 .7 3 .0 3 .3 3 .6 3 .9 4 .3 4 .7 5 .1 5 .6 6 .2 6 .8 7 .5 8 .2 9 .1 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 8 2 0 2 2 2 4 2 7 2 8 3 0 rev : a a c z rw 5 2 3 3 b -g e 3 5 .7 0 1 6 0 0 0 .2 5 5 3 .5 2 0 7 6 .3 0 6 .0 a c z rw 5 2 3 8 b -g f 3 8 .2 7 6 0 0 0 .2 5 3 6 .5 2 0 8 9 .1 4 8 .7 a c z rw 5 2 5 3 b -g k 3 2 3 .7 5 6 0 0 0 .2 5 0 .1 1 9 5 .0 3 5 2 6 .2 5 2 5 company reserves the right to improve product design , functions and reliability without notice.
smd zener diode page 3 a 002 qw -bz 0 3 0 0 2 0 0 1 0 0 0 1 7 5 1 2 5 1 0 0 7 5 5 0 2 5 p o w e r d i s s i p a t i o n , ( m w ) fig.1 - power derating curve ambient t emperature , (c) 1 5 0 4 0 0 r a t in g a n d c h a r a c t e r is t ic c u r v e s ( a c z r w 5 2 2 3 b - g t h r u a c z r w 5 2 5 6 b - g ) rev : a company reserves the right to improve product design , functions and reliability without notice.
page 4 reel t aping specification comchip t echnology co., l td. smd zener diode a 002 qw -bz t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... start direction of feed end rev : a b c d d d 2 d 1 s o d - 1 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 1 4 2 0 . 0 3 9 4 . 0 0 0 . 1 0 1 . 5 5 + 0 . 1 0 5 4 . 4 0 1 . 0 0 1 3 . 0 1 . 0 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 7 8 2 . 0 0 7 . 0 0 8 0 . 0 7 9 0 . 5 1 2 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 8 0 . 0 0 4 0 . 1 5 8 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 1 0 0 . 1 3 8 0 . 0 0 4 s o d - 1 2 3 1 . 8 5 0 . 0 5 0 . 0 7 3 0 . 0 0 2 3 . 9 4 0 . 0 5 0 . 1 5 5 0 . 0 0 2 1 . 5 7 0 . 0 5 0 . 0 6 2 0 . 0 0 2 9 . 5 0 1 . 0 0 0 . 3 7 4 0 . 0 3 9 0 . 0 6 1 + 0 . 0 0 4 0 . 3 1 5 + 0 . 0 1 2 / - 0 . 0 0 4 8 . 0 0 + 0 . 3 0 / - 0 . 1 0 d 1 d 2 d w 1 t c o 1 2 0 i n d e x h o l e d e f b w p p 0 p 1 a company reserves the right to improve product design , functions and reliability without notice.
page 5 part number aczr w5223b-g ~ aczr w5256b-g marking code xx marking code suggested p ad layout size (inch) 0.128 (mm) 3.24 0.80 1.00 0.031 0.039 sod-123 4.04 0.159 e 2.44 0.096 a b c d a c b e d comchip t echnology co., l td. xx smd zener diode a qw -bz002 rev : a product type marking code (see page.2) standard packaging c a s e t y p e s o d - 1 2 3 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k company reserves the right to improve product design , functions and reliability without notice.


▲Up To Search▲   

 
Price & Availability of ACZRW5223B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X