c a a b a c a a b a a b a a cc a a b a a b a a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c a a b a c a b a a c a a b a a a b a c c 3,7 0,3 4,5 0,3 8,3 0,1 9,8 0,1 11,3 0,1 13 0,2 14,5 0,2 16 0,2 1,8 0,1 2,1 0,1 5,3 0,1 6,8 0,1 8,3 0,1 p3 r1 r2 r3 p1 p2 ebene - level 1 ebene - level 2 a b c d e f k l m n p q r s t u v w x y z p4 ebene - level 3 prior notice. contact one of the erni companies date 25.06.2013 b index ermd ermet male wide type d ermet messerleiste d 933093 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. 0,05 hole 0,05 date code compliant zone for thru 0,6 en zone fr durchkontaktierte l?cher 0,6 anforderungsstufe class xxxxxxx erni rc 2 10 x 2 = 20 2 8 10 x 2 = 20 3 9 x 2 = 18 -0,1 2 13,45 -0,1 21,4 f g h 1 11 15 25 z a b c d e i 1 max. 1 max. 50 max. g f h i contact layout 1 2 3 4 5 6 7 8 9 10 11 15 16 17 18 19 20 21 22 23 24 25 a b c d e bestckungsplan / z for guiding pin nicht durchkontaktiert 1 11 13 15 25 a b c d e f g h not plated thru fr fhrungsstift i z not plated thru nicht durchkontaktiert all holes alle l?cher (component mounting side) board hole pattern (bestckungsseite) lochbild fr leiterplatte 0,05 = (18) 2 6 2 2 +0,05 1) 2 2 10 x = (20) 2 10 x = (20) 4 4 9 x 2,6 1) 0,6 0,05 durchmesser des me tallisierten loches 0,6 0,05 diameter of finished plated-through hole 0,7 0,02 bohrungsdurchmesser des loches 0,7 0,02 diameter of drilled hole schichtaufbau im metallisier ten loch siehe zeichnung 114406 metal plating of plated-thr ough hole see drawing 114406 fehlende ma?e und angaben nach iec 61076-4-101 missing information and dime nsions per iec 61076-4-101 p2 level 1, 2, 3 siehe bestckungsplan / see contact layout anforderungsstufe 2 / class 2
|