Part Number Hot Search : 
K500FMSB RM709024 MAX644 MAX715 ATA6826 KBU25 56855 51730
Product Description
Full Text Search
 

To Download 60502-C-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/14/2014 please check www.molex.com for latest part information part number: 38600-7802 status: active overview: beau? barrier strips description: 6.35mm pitch beau? pcb tri-barrier terminal strip, without mounting ends, with clamp washer screws, 300v, 2 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family terminal blocks series 38600 application n/a component type one piece overview beau? barrier strips product name fixed mount barrier type barrier strip upc 800756247366 physical circuits (loaded) 2 circuits (maximum) 2 color - resin black entry angle horizontal lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester alloy net weight 3.210/g number of rows 1 orientation horizontal pc tail length 5.10mm pcb thickness - recommended 3.18mm panel mount no pitch - mating interface 6.35mm pitch - termination interface 6.35mm polarized to mating part no shrouded tri-barrier stackable no surface mount compatible (smc) no temperature range - operating -40c to +130c wire size awg 18, 20, 22 electrical current - maximum per contact 10a voltage - maximum 300v solder process data lead-free process capability wave capable (th only) material info old part number 60502-C-50 reference - drawing numbers sales drawing sd-38600-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 38600 series
this document was generated on 10/14/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 60502-C-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X