Part Number Hot Search : 
IRF95 MTV118 20016 110N8F6 IP105 C5132A HC574A T74FCT
Product Description
Full Text Search
 

To Download 53309-1470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/26/2013 please check www.molex.com for latest part information part number: 53309-1470 status: active description: 0.80mm pitch board-to-board header, surface mount, dual row, right angle, lead- free, 14 circuits documents: 3d model product specification ps-52588-031 (pdf) drawing (pdf) packaging specification spk-53309-001 (pdf) product specification ps-52465-014 (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 53309 application board-to-board, signal product name n/a upc 822348124251 physical breakaway no circuits (loaded) 14 circuits (maximum) 14 color - resin natural durability (mating cycles max) 30 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes mated height 5.65mm material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic net weight 258.815/mg number of rows 2 orientation right angle pc tail length 0.40mm, 0.50mm pcb locator no pcb retention none packaging type embossed tape on reel pitch - mating interface 0.80mm plating min - mating 1.016m plating min - termination 1.016m polarized to pcb no shrouded fully stackable no temperature range - operating -20c to +105c termination interface: style surface mount electrical current - maximum per contact 0.5a voltage - maximum 50v material info reference - drawing numbers packaging specification spk-53309-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53309 series mates with 52465 board-to-board receptacle
product specification ps-52465-014, ps-52588-031, rps-52465-042, rps-52465-047, rps-52465-049, rps-52465-054, rps-52588-040, rps-52588-041 sales drawing sd-53309-011, sd-53309-012 this document was generated on 11/26/2013 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 53309-1470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X