Part Number Hot Search : 
0100C 7502B IRG4BC10 M51945 CS3842B ST1S10P 0603A NTE832SM
Product Description
Full Text Search
 

To Download 100200100005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  330 verpackt im gurt nach din iec 60286-3 tape on reel packaging according to din iec 60286-3 verpackungseinheit: 650 stck packaging unit: 650 pcs anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating 0,1 mm abspulrichtung - reel off direction before using. k 100200100005 version of this drawing, please srcp 26.02.2014 all dimensions scale in mm proprietary notice pursuant to iso 16016 to be observed. copyright by erni gmbh d www.erni.com class designation drawing will not be updated. contact one of the erni companies tolerances m 1,27 src p, 6-polig ba1 index 5:1 a3 information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date 0,03 10,77 5,25 5,6 12,7 7 5 ansaughaube hood kontaktbezeichnung contact marking 3,5 2,5 -0,2 +0,1 10,6 2,93 0,75 -0,05 6,1 1,5 -0,03 leiterplatten-layout fr smt pcb-layout for smt kontaktbezeichnung bei pin 1 contact marking at pin 1 6,35 5 x 1,27 = 2,21 1,27 10,77 0,03 0,3 0,03 2 7,4 1,2 2,6 -0,03 1,45 1,6 0,8 ohne ansaughaube - without hood 8,46 0,99 1,27 9,46 1,98 5 x 1,27 = 6,35 pos. 1 24 12


▲Up To Search▲   

 
Price & Availability of 100200100005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X