Part Number Hot Search : 
CM160 BAV21W 74HCT13 L9765 TN7272 2SC4311 10294 4054B
Product Description
Full Text Search
 

To Download 100200100003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  max. 0,2 zu leiterplattenkante 1) abspulrichtung - reel off direction 8,5 koplanarit?t der anschlsse 0,1 mm coplanarity area of termination anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating 0,1 mm 330 verpackungseinheit: 1000 stck verpackt in gurtverpackung tape on reel packaging packaging unit: 1000 pcs max. 0,2 to board edge 3,5 7 14,34 +0,1 2,5 -0,2 1,27 7 x 1,27 = 8,89 -0,05 6,6 -0,03 3 7,2 1,5 3,6 0,75 2,98 leiterplatten-layout fr smt pcb-layout for smt kontaktbezeichnung bei pin 1 contact marking at pin 1 7 x 1,27 = 8,89 0,03 1,2 2,6 1,4 3,05 0,03 13,31 1,27 0,05 -0,03 0,3 7,4 1,6 2,21 0,8 12 32 sperrfl?che fr leiterbahnen gltig bei verwendung von gegenstecker federleiste 90 in skv ausfhrung restricted area for conductors valid for use by mating female connector 90 in idc version 1) gltig bei verwendung von gegenstecker federleiste 90 in sm d ausfhrung valid for use by mating female connector 90 in smd version index srca copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. a2 class g m 1,27 src a, 8-polig ba1 100200100003 5:1 information: k 14.05.2013 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date 0,03 11 0,99 12 1,98 13,31 15,24 kontaktbezeichnung contact marking 3,05


▲Up To Search▲   

 
Price & Availability of 100200100003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X