Part Number Hot Search : 
2SD1328 G941T25B 256160 MD5021T LC101 90XC3X TSSP4400 CNY17
Product Description
Full Text Search
 

To Download VSMB2943GX01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 1 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high speed infrared emitting diodes, 940 nm, gaalas, mqw description vsmb2943x01 series are infrared, 940 nm emitting diodes in gaalas multi quantum well (mqw) technology with high radiant power and high speed, molded in clear, untinted plastic packages (with lens) for surface mounting (smd). applications ? irda compatible data transmission ? miniature light barrier ? ir touch panels ?3d tv ? photointerrupters ? optical switch ? control and drive circuits ? shaft encoders features ? package type: surface mount ? package form: gw, rgw ? dimensions (l x w x h in mm): 2.3 x 2.3 x 2.55 ? aec-q101 qualified ? peak wavelength: ? p = 940 nm ? high reliability ? high radiant power ? high radiant intensity ? angle of half intensity: ? = 25 ? low forward voltage ? suitable for high pulse current operation ? terminal configurations: gu llwing or reserve gullwing ? package matches with detector vemd2xx3x01 and vemt2xx3x01 series ? floor life: 4 weeks, msl 2a, acc. j-std-020 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? test conditions see table basic characteristics note ? moq: minimum order quantity vsmb2943rgx01 VSMB2943GX01 product summary component i e (mw/sr) ? (deg) ? p (nm) t r (ns) vsmb2943rgx01 20 25 940 15 VSMB2943GX01 20 25 940 15 ordering information ordering code packaging remarks package form vsmb2943rgx01 tape and reel moq: 6000 pc s, 6000 pcs/reel reverse gullwing VSMB2943GX01 tape and reel moq: 6000 pcs, 6000 pcs/reel gullwing absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.5, t p ? 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power dissipation p v 160 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature accordi ng figure 9, j-std-020 t sd 260 c thermal resistance junction/ambient j-std-051, leads 7 mm, soldered on pcb r thja 250 k/w
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 2 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - power dissipation limit vs. ambient temperature fig. 2 - forward current limit vs. ambient temperature 0 20 40 60 80 100 120 140 160 180 0 102030405060708090100 21343 t amb - ambient temperature (c) p v - power dissipation (mw) r thja = 250 k/w 0 20 40 60 80 100 120 0 10 203040 50607080 90100 21344 r thja = 250 k/w t amb - ambient temperature (c) i f - forward current (ma) basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.15 1.35 1.6 v i f = 1 a, t p = 100 s v f 2.2 v temperature coefficient of v f i f = 1 ma tk vf - 1.8 mv/k i f = 100 ma tk vf - 1.1 mv/k reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz, e = 0 mw/cm 2 c j 70 pf radiant intensity i f = 100 ma, t p = 20 ms i e 10 20 30 mw/sr i f = 1 a, t p = 100 s i e 170 mw/sr radiant power i f = 100 ma, t p = 20 ms ? e 40 mw temperature coefficient of radiant power i f = 1 ma tk ? e - 1.1 %/k i f = 100 ma tk ? e - 0.51 %/k angle of half intensity ? 25 deg peak wavelength i f = 30 ma ? p 920 940 960 nm spectral bandwidth i f = 30 ma ?? 25 nm temperature coefficient of ? p i f = 30 ma tk ? p 0.25 nm/k rise time i f = 100 ma, 20 % to 80 % t r 15 ns fall time i f = 100 ma, 20 % to 80 % t f 15 ns cut-off frequency i dc = 70 ma, i ac = 30 ma pp f c 23 mhz
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 3 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - forward current vs. forward voltage fig. 4 - relative forward voltage vs. ambient temperature fig. 5 - radiant intensity vs. forward current fig. 6 - relative radiant in tensity vs. ambient temperature fig. 7 - relative radi ant power vs. wavelength fig. 8 - relative radiant in tensity vs. angular displacement 1 10 100 1000 01 23 t p = 100 s t p /t= 0.001 v f - forward voltage (v) 21534 i f - forward current (ma) 90 92 94 96 98 100 102 104 106 108 110 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) v f, rel - relative forward voltage (%) i f = 100 ma i f = 10 ma i f = 1 ma 21443 t p = 20 ms i f - forward current (a) i e - radiant intensity (mw/sr) 0.001 0.01 0.1 1 0.1 1 10 100 1000 t p = 100 s 40 60 80 100 120 140 160 180 - 60 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) i e rel - relative radiant intensity (%) t p = 20 ms i f = 1 ma 21444 i f = 100 ma 0 10 20 30 40 50 60 70 80 90 100 840 880 920 960 1000 1040 - wavelength (nm) 21445 e rel - relative radiant power (%) i f = 30 ma 22694 i e rel - relative radiant intensity ? - angular displacement 0.4 0.2 0 0.6 0 10 20 0.9 0.8 30 40 50 60 70 80 0.7 1.0
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 4 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solder profile fig. 9 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in moisture barrier bags (mbb) to prevent the products from moisture absorption during transportation and storage. each bag contains a desiccant. floor life floor life (time between soldering and removing from mbb) must not exceed the time indicated on mbb label: floor life: 4 weeks conditions: t amb < 30 c, rh < 60 % moisture sensitivity leve l 2a, acc. to j-std-020. drying in case of moisture absorpti on devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry using recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. package dimensions in millimeters: vsmb2943rg 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 5 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters: vsmb2943g
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 6 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping and reel dimensions in millimeters : vsmb2943rg
vsmb2943rgx01, VSMB2943GX01 www.vishay.com vishay semiconductors rev. 1.5, 26-feb-13 7 document number: 83486 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping and reel dimensions in millimeters : vsmb2943g
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VSMB2943GX01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X