Part Number Hot Search : 
KB201 SF20CG ADM696AQ 81KZF BD902 28F01 HZC10 SCNAR05F
Product Description
Full Text Search
 

To Download VSMB1940X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 1 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high speed infrared emitting diode, 940 nm, gaalas double hetero description VSMB1940X01 is an infrared, 940 nm emitting diode in gaalas double hetero technol ogy with high radiant power and high speed, molded in clear, untinted 0805 plastic package for surface mounting (smd). features ? package type: surface mount ? package form: 0805 ? dimensions (l x w x h in mm): 2 x 1.25 x 0.85 ? aec-q101 qualified ? peak wavelength: ? p = 940 nm ? high reliability ? high radiant power ? high radiant intensity ? high speed ? angle of half sensitivity: ? = 60 ? low forward voltage ? suitable for high pulse current operation ? 0805 standard surface-mountable package ? floor life: 168 h, msl 3, acc. j-std-020 ? lead (pb)-free re flow soldering ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? high speed ir data transmission ? high power emitter for low space applications ? high performance transmissi ve or reflective sensors note ? test conditions see table basic characteristics note ? moq: minimum order quantity 21531 product summary component i e (mw/sr) ? (deg) ? p (nm) t r (ns) VSMB1940X01 6 60 940 15 ordering information ordering code packaging remarks package form VSMB1940X01 tape and reel moq: 3000 pcs, 3000 pcs/reel 0805 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit reverse voltage v r 5v forward current i f 100 ma peak forward current t p /t = 0.1, t p = 100 s i fm 200 ma surge forward current t p = 100 s i fsm 1a power di ssipation p v 160 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 100 c soldering temperature t ? 5 s, 2 mm from case t sd 260 c thermal resistance junction/ambient j- std-051, leads 7 mm, soldered on pcb r thja 270 k/w
VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 2 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - power dissipat ion limit vs. ambient temperature fig. 2 - fo rward current limit vs. ambient temperature 21532 t amb - ambient temperature (c) p v - power dissipation (mw) 0 20 40 60 80 100 120 140 160 180 0 102030405060708090100 r thja = 270 k/w 21533 t amb - ambient temperature (c) i f - forward current (ma) 0 20 40 60 80 100 120 020406080100 r thja = 270 k/w basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit forward voltage i f = 100 ma, t p = 20 ms v f 1.15 1.35 1.6 v i f = 1 a, t p = 100 s v f 2.2 v temperature coefficient of v f i f = 1 ma tk vf - 1.5 mv/k i f = 100 ma tk vf - 1.1 mv/k reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz, e = 0 mw/cm 2 c j 70 pf radiant intensity i f = 100 ma, t p = 20 ms i e 3612mw/sr i f = 1 a, t p = 100 s i e 60 mw/sr radiant power i f = 100 ma, t p = 20 ms ? e40mw temperature coefficient of radiant power i f = 1 ma tk ? e - 1.1 %/k i f = 100 ma tk ? e - 0.51 %/k angle of half intensity ? 60 deg peak wavelength i f = 30 ma ? p 940 nm spectral bandwidth i f = 30 ma ?? 25 nm temperature coefficient of ? p i f = 30 ma tk ? p 0.25 nm rise time i f = 100 ma, 20 % to 80 % t r 15 ns fall time i f = 100 ma, 20 % to 80 % t f 15 ns virtual source diameter d 0.5 mm
VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 3 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 basic characteristics (t amb = 25 c, unless otherwise specified) fig. 3 - forward current vs. forward voltage fig. 4 - relative forward voltage vs. ambient temperature fig. 5 - radiant intensity vs. forward current fig. 6 - relative radiant in tensity vs. ambient temperature fig. 7 - relative radiant power vs. wavelength fig. 8 - relative radiant in tensity vs. angular displacement 1 10 100 1000 01 23 t p = 100 s t p /t= 0.001 v f - forward voltage (v) 21534 i f - forward current (ma) 90 92 94 96 98 100 102 104 106 108 110 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) v f, rel - relative forward voltage (%) i f = 100 ma i f = 10 ma i f = 1 ma 21443 t p = 20 ms 0.01 0.1 1 10 100 1 10 100 1000 20921 i f - forward pulse current (ma) i e - radiant intensity (mw/sr) t p = 1 s 40 60 80 100 120 140 160 180 - 60 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) i e rel - relative radiant intensity (%) t p = 20 ms i f = 1 ma 21444 i f = 100 ma 0 10 20 30 40 50 60 70 80 90 100 840 880 920 960 1000 1040 - wavelength (nm) 21445 e rel - relative radiant power (%) i f = 30 ma 0.4 0.2 0 i e, rel - relative radiant intensity 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 ? - angular displacement 948013-1
VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 4 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reflow solder profile fig. 9 - lead (pb)-free reflow solder profile acc. j-std-020 drypack devices are packed in moistu re barrier bags (mbb) to prevent the products from mo isture absorption during transportation and storage. each bag contains a desiccant. floor life time between soldering and re moving from mbb must not exceed the time indicated in j-std-020: ? moisture sensitivity: level 3 ? floor life: 168 h ? conditions: t amb < 30 c, rh < 60 % drying in case of moisture absorpt ion devices should be baked before soldering. conditions see j-std-020 or label. devices taped on reel dry us ing recommended conditions 192 h at 40 c (+ 5 c), rh < 5 %. package dimensions in millimeters 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c 20018
VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 5 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 blister tape dimensions in millimeters 21501
VSMB1940X01 www.vishay.com vishay semiconductors rev. 1.4, 02-may-13 6 document number: 81933 for technical questions, contact: emittertechsupport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters of the wheel i s s upplier s pecific. form of the leave open i ss ue: 2; 26.04.10 drawing-no.: 9.800-5096.01-4 s pecification s according to din technical drawing s ? 177.8 max. ? 55 min. 8.4 +2.5 8.4 +0.15 14.4 max. ? 13 + 0.5 - 0.2 1.5 min. ? 20.2 min. z z 2:1 20875
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VSMB1940X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X