Part Number Hot Search : 
2SK3058 45F2R0 1H222 RT9625B SLG505 AD7226KN 21125 MBR8045R
Product Description
Full Text Search
 

To Download V54C365164VL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mosel vitelic 1 v54c365164vd(l) high performance 225/200/166/143 mhz 3.3 volt 4m x 16 synchronous dram 4banksx1mbitx16 v54c365164vd(l) rev. 1.3 september 2001 preliminary 45567 system frequency (f ck ) 225 mhz 200 mhz 166 mhz 143 mhz clock cycle time (t ck3 ) 4.5 ns 5 ns 6 ns 7 ns clock access time (t ac3 )cas latency = 3 4.5 ns 5 ns 5.4 ns 5.4 ns clock access time (t ac2 )cas latency = 2 4.5 ns 5 ns 5.5 ns 5.5 ns clock access time (t ac1 )cas latency=1 12ns 12ns 12ns 12ns features  4banksx1mbitx16organization  high speed data transfer rates up to 225 mhz  full synchronous dynamic ram, with all signals referenced to clock rising edge  single pulsed ras interface  data mask for byte control  four banks controlled by ba0 & ba1  programmable cas latency:1,2,3  programmable wrap sequence: sequential or interleave  programmable burst length: 1, 2, 4, 8 and full page for sequential type 1, 2, 4, 8 for interleave type  multiple burst read with single write operation  automatic and controlled precharge command  random column address every clk (1-n rule)  suspend mode and power down mode  auto refresh and self refresh  refresh interval: 4096 cycles/64 ms  available in 54 pin 400 mil tsop-ii  lvttl interface  single +3.3 v 0.3 v power supply description the v54c365164vd(l) is a four bank synchro- nous dram organized as 4 banks x 1mbit x 16. the v54c365164vd(l) achieves high speed data trans- fer rates up to 225 mhz by employing a chip archi- tecture that prefetches multiple bits and then synchronizes the output data to a system clock all of the control, address, data input and output circuits are synchronized with the positive edge of an externally supplied clock. operating the four memory banks in an inter- leaved fashion allows random access operation to occur at higher rate than is possible with standard drams. a sequential and gapless data rate of up to 225 mhz is possible depending on burst length, cas latency and speed grade of the device. device usage chart operating temperature range package outline access time (ns) power temperature mark t45567std.l 0 cto70 c?blank
2 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 54 pin plastic tsop-ii pin configuration top view pin names v cc i/o 1 v ccq i/o 2 i/o 3 v ssq i/o 4 i/o 5 v ccq i/o 6 i/o 7 v ssq i/o 8 v cc ldqm we cas ras cs ba0 ba1 a 10 a 0 a 1 a 2 a 3 v cc v ss i/o 16 v ssq i/o 15 i/o 14 v ccq i/o 13 i/o 12 v ssq i/o 11 i/o 10 v ccq i/o 9 v ss nc udqm clk cke nc a 11 a 9 a 8 a 7 a 6 a 5 a 4 v ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 365164va 01 clk clock input cke clock enable cs chip select ras row address strobe cas column address strobe we write enable a 0 ? a 11 address inputs ba0, ba1 bank select i/o 1 ? i/o 16 data input/output ldqm, udqm data mask v cc power (+3.3v) v ss ground v ccq power for i/o ? s(+3.3v) v ssq ground for i/o ? s nc not connected description pkg. pin count tsop-ii t 54
3 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 56 ball grid array (or bga) wbga sdram (x4/x8/x16) 56 pins assignment (top view) nc vss nc vssq vddq dq3 nc nc nc vssq vddq dq2 vss nc dqm nc cke clk a11 ? a8 a9 a6 a7 a4 a5 nc vss dq7 vss nc vssq vddq dq6 dq5 nc nc vssq vddq dq4 vss nc dqm nc cke clk a11 ? a8 a9 a6 a7 a4 a5 nc vss dq15 vss dq14 vssq vddq dq13 dq11 dq12 dq10 vssq vddq dq9 vss dq8 udqm nc cke clk a11 ? a8 a9 a6 a7 a4 a5 nc vss vdd nc vddq dq0 dq2 dq1 dq3 vssq vddq dq4 dq6 dq5 dq7 vssq ldqm vdd cas we cs ras ba1 ba0 a0 a10 a2 a1 vdd a3 vdd nc vddq dq0 dq1 nc nc vssq vddq dq2 dq3 nc nc vssq nc vdd cas we cs ras ba1 ba0 a0 a10 a2 a1 vdd a3 vdd nc vddq nc dq1 nc nc vssq vddq nc dq1 nc nc vssq nc vdd cas we cs ras ba1 ba0 a0 a10 a2 a1 vdd a3 x4 x8 x16
4 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) bottom view (from solder ball side) nc vdd nc vddq nc dq0 vssq nc nc vddq nc dq1 vssq nc vdd nc we cas ras cs ba0 ba1 a10 a0 a1 a2 a3 vdd nc vdd dq0 vddq nc dq1 vssq nc dq3 vddq nc dq3 vssq nc vdd nc we cas ras cs ba0 ba1 a10 a0 a1 a2 a3 vdd nc vdd dq0 vddq dq1 dq2 vssq dq3 dq4 vddo dq5 dq6 vssq dq7 vdd ldqm we cas ras cs ba0 ba1 a10 a0 a1 a2 a3 vdd vss dq15 vssq dq14 dq13 vddq dq12 dq11 vssq dq10 dq9 vddq dq8 vss nc udqm clk cke ? a11 a9 a8 a7 a6 a5 a4 vss nc vss dq7 vssq nc dq6 vddq nc dqs vssq nc dq4 vddq nc vss nc dqm clk cks ? a11 a9 a8 a7 a6 a5 a4 vss nc vss nc vssq nc dq3 vddq nc nc vssq nc dq2 vddq nc vss nc dqm clk cke ? a11 a9 a8 a7 a6 a5 a4 vss nc x4 x8 x16
mosel vitelic v54c365164vd(l) 5 v54c365164vd(l) rev. 1.3 september 2001 capacitance* t a =0to70 c, v cc =3.3v 0.3 v, f = 1 mhz * note: capacitance is sampled and not 100% tested. symbol parameter max. unit c i1 input capacitance (a0 to a11) 5 pf c i2 input capacitance ras ,cas ,we ,cs , clk, cke, dqm 5pf c io output capacitance (i/o) 6.5 pf c clk input capacitance (clk) 4 pf block diagram row decoder memory array bank 0 4096 x 256 x16bit column decoder sense amplifier & i(o) bus row decoder memory array bank 1 4096 x 256 x16bit column decoder sense amplifier & i(o) bus row decoder memory array bank 2 4096 x 256 x16bit column decoder sense amplifier & i(o) bus row decoder memory array bank 3 4096 x 256 x16bit column decoder sense amplifier & i(o) bus input buffer output buffer i/o 1 -i/o 16 column address counter column address buffer row address buffer refresh counter a0 - a11, ba0, ba1 a0 - a7, ap, ba0, ba1 control logic & timing generator clk cke cs ras cas we ldqm row addresses column addresses udqm
6 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) signal pin description pin type signal polarity function clk input pulse positive edge the system clock input. all of the sdram inputs are sampled on the rising edge of the clock. cke input level active high activates the clk signal when high and deactivates the clk signal when low, thereby initiates either the power down mode, suspend mode, or the self refresh mode. cs input pulse active low cs enables the command decoder when low and disables the command decoder when high. when the command decoder is disabled, new commands are ignored but previous operations continue. ras ,cas we input pulse active low when sampled at the positive rising edge of the clock, cas ,ras ,andwe define the command to be executed by the sdram. a0 - a11 input level ? during a bank activate command cycle, a0-a11 defines the row address (ra0-ra11) when sampled at the rising clock edge. during a read or write command cycle, a0-an defines the column address (ca0-can) when sampled at the rising clock edge.can depends from the sdram organization: 4m x 16 sdram ca0 ? ca7 (page length = 256 bits) in addition to the column address, a10(=ap) is used to invoke autoprecharge operation at the end of the burst read or write cycle. if a10 is high, autoprecharge is selected and ba0, ba1 defines the bank to be precharged. if a10 is low, autoprecharge is disabled. during a precharge command cycle, a10(=ap) is used in conjunction with ba0 and ba1 to control which bank(s) to precharge. if a10 is high, all four banks will ba0 and ba1 are used to define which bank to precharge. ba0, ba1 input level ? selects which bank is to be active. dqx input output level ? data input/output pins operate in the same manner as on conventional drams. dqm ldqm udqm input pulse active high the data input/output mask places the dq buffers in a high impedance state when sam- pled high. in read mode, dqm has a latency of two clock cycles and controls the output buffers like an output enable. in write mode, dqm has a latency of zero and operates as a word mask by allowing input data to be written if it is low but blocks the write operation if dqm is high. ldqm and udqm controls the lower and upper bytes in a x16 sdrams. vcc, vss supply power and ground for the input buffers and the core logic. vccq vssq supply ?? isolated power supply and ground for the output buffers to provide improved noise immunity.
7 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) operation definition all of sdram operations are defined by states of control signals cs ,ras ,cas ,we ,anddqmatthe positive edge of the clock. the following list shows the thruth table for the operation commands. notes: 1. v = valid , x = don ? t care, l = low level, h = high level 2. cken signal is input level when commands are provided, cken-1 signal is input level one clock before the commands are provided. 3. these are state of bank designated by bs0, bs1 signals. 4. device state is full page burst operation 5. power down mode can not entry in the burst cycle. when this command assert in the burst mode cycle device is clock suspend mode. operation device state cke n-1 cke ncs ras cas we dqm a0-9, a11 a10 bs0 bs1 row activate idle 3 hxllhhxvv v read active 3 hxlhlhxvl v read w/autoprecharge active 3 hxlhlhxvh v write active 3 hxlhllxvl v write with autoprecharge active 3 hxlhl lxvh v rowprecharge any hxllhlxxl v precharge all any h x l l h l x x h x moderegisterset idle hxllllxvv v no operation any h x l h h h x x x x device deselect any h x h x x x x x x x auto refresh idle h h l l l h x x x x self refresh entry idle h l l l l h x x x x self refresh exit idle (self refr.) l h hxxx xxx x lhhx power down entry idle active 5 hl hxxx xxx x lhhx power down exit any (power down) lh hxxx xxx x lhhl data write/output enable active h x x x x x l x x x data write/output disable active h x x x x x h x x x
mosel vitelic v54c365164vd(l) 8 v54c365164vd(l) rev. 1.3 september 2001 power on and initialization the default power on state of the mode register is supplier specific and may be undefined. the following power on and initialization sequence guarantees the device is preconditioned to each users specific needs. like a conventional dram, the synchronous dram must be powered up and initialized in a predefined manner. during power on, all vcc and vccq pins must be built up simultaneously to the specified voltage when the input signals are held in the ? nop ? state. the power on voltage must not exceed vcc+0.3v on any of the input pins or vcc supplies. the clk signal must be started at the same time. after power on, an initial pause of 200 s is required followed by a precharge of both banks using the precharge command. to prevent data contention on the dq bus during power on, it is required that the dqm and cke pins be held high during the initial pause period. once all banks have been precharged, the mode register set command must be issued to initialize the mode register. a minimum of eight auto refresh cycles (cbr) are also required.these may be done before or after programming the mode register. failure to follow these steps may lead to unpredictable start-up modes. programming the mode register the mode register designates the operation mode at the read or write cycle. this register is di- vided into 4 fields. a burst length field to set the length of the burst, an addressing selection bit to program the column access sequence in a burst cy- cle (interleaved or sequential), a cas latency field to set the access time at clock cycle and a opera- tion mode field to differentiate between normal op- eration (burst read and burst write) and a special burst read and single write mode. the mode set operation must be done before any activate com- mand after the initial power up. any content of the mode register can be altered by re-executing the mode set command. all banks must be in pre- charged state and cke must be high at least one clock before the mode set operation. after the mode register is set, a standby or nop command is re- quired. low signals of ras ,cas , and we at the positive edge of the clock activate the mode set op- eration. address input data at this timing defines pa- rameters to be set as shown in the previous table. read and write operation when ras is low and both cas and we are high at the positive edge of the clock, a ras cycle starts. according to address data, a word line of the select- ed bank is activated and all of sense amplifiers as- sociated to the wordline are set. a cas cycle is triggered by setting ras high and cas low at a clock timing after a necessary delay, t rcd ,fromthe ras timing. we is used to define either a read (we =h)orawrite(we = l) at this stage. sdram provides a wide variety of fast access modes. in a single cas cycle, serial data read or write operations are allowed at up to a 225 mhz data rate. the numbers of serial data bits are the burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page. column address- es are segmented by the burst length and serial data accesses are done within this boundary. the first column address to be accessed is supplied at the cas timing and the subsequent addresses are generated automatically by the programmed burst length and its sequence. for example, in a burst length of 8 with interleave sequence, if the first ad- dress is ? 2 ? , then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5. full page burst operation is only possible using the sequential burst type and page length is a func- tion of the i/o organisation and column addressing. full page burst operation do not self terminate once the burst length has been reached. in other words, unlike burst length of 2, 3 or 8, full page burst con- tinues until it is terminated using another command.
9 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) address input for mode set (mode register operation) a11 a3 a4 a2 a1 a0 a10 a9 a8 a7 a6 a5 address bus (ax) bt burst length cas latency mode register cas latency a6 a5 a4 latency 0 0 0 reserve 001 1 010 2 011 3 1 0 0 reserve 1 0 1 reserve 1 1 0 reserve 1 1 1 reserve burst length a2 a1 a0 length sequential interleave 000 1 1 001 2 2 010 4 4 011 8 8 1 0 0 reserve reserve 1 0 1 reserve reserve 1 1 0 reserve reserve 111fullpagereserve burst type a3 type 0 sequential 1 interleave operation mode ba1 ba0 a11 a10 a9 a8 a7 mode 0000000 burst read/burst write 0000100 burst read/single write operation mode ba0 ba1 similar to the page mode of conventional dram ? s, burst read or write accesses on any col- umn address are possible once the ras cycle latch- es the sense amplifiers. the maximum t ras or the refresh interval time limits the number of random col- umn accesses. a new burst access can be done even before the previous burst ends. the interrupt operation at every clock cycles is supported. when the previous burst is interrupted, the remaining ad- dresses are overridden by the new address with the full burst length. an interrupt which accompanies with an operation change from a read to a write is possible by exploiting dqm to avoid bus contention. when two or more banks are activated sequentially, interleaved bank read or write operations are possible. with the programmed burst length, alternate access and precharge operations on two or more banks can realize fast serial data access modes among many different pages. once two or more banks are activated, column to column interleave operation can be done between different pages.
mosel vitelic v54c365164vd(l) 10 v54c365164vd(l) rev. 1.3 september 2001 burst length and sequence: refresh mode sdram has two refresh modes, auto refresh and self refresh. auto refresh is similar to the cas -before-ras refresh of conventional drams. all of banks must be precharged before applying any re- fresh mode. an on-chip address counter increments the word and the bank addresses and no bank infor- mation is required for both refresh modes. the chip enters the auto refresh mode, when ras and cas are held low and cke and we are held high at a clock timing. the mode restores word line after the refresh and no external precharge command is necessary. a minimum trc time is re- quired between two automatic refreshes in a burst refresh mode. the same rule applies to any access command after the automatic refresh operation. the chip has an on-chip timer and the self re- fresh mode is available. it enters the mode when ras ,cas , and cke are low and we is high at a clock timing. all of external control signals including the clock are disabled. returning cke to high en- ables the clock and initiates the refresh exit opera- tion. after the exit command, at least one t rc delay is required prior to any access command. dqm function dqm has two functions for data i/o read and write operations. during reads, when it turns to ? high ? at a clock timing, data outputs are disabled and become high impedance after two clock delay (dqm data disable latency t dqz ). it also provides a data mask function for writes. when dqm is acti- vated, the write operation at the next clock is prohib- ited (dqm write mask latency t dqw = zero clocks). suspend mode during normal access mode, cke is held high en- abling the clock. when cke is low, it freezes the in- ternal clock and extends data read and write operations. one clock delay is required for mode entry and exit (clock suspend latency t csl ). power down in order to reduce standby power consumption, a power down mode is available. all banks must be precharged and the necessary precharge delay (trp) must occur before the sdram can enter the power down mode. once the power down mode is initiated by holding cke low, all of the receiver cir- cuits except clk and cke are gated off. the power down mode does not perform any refresh opera- tions, therefore the device can ? t remain in power down mode longer than the refresh period (tref) of the device. exit from this mode is performed by tak- ing cke ? high ? . one clock delay is required for mode entry and exit. auto precharge two methods are available to precharge sdrams. in an automatic precharge mode, the cas timing accepts one extra address, ca10, to determine whether the chip restores or not after the burst length starting address (a2 a1 a0) sequential burst addressing (decimal) interleave burst addressing (decimal) 2 xx0 xx1 0, 1 1, 0 0, 1 1, 0 4x00 x01 x10 x11 0, 1, 2, 3 1, 2, 3, 0 2, 3, 0, 1 3, 0, 1, 2 0, 1, 2, 3 1, 0, 3, 2 2, 3, 0, 1 3, 2, 1, 0 8 000 001 010 011 100 101 110 111 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 0 2 3 4 5 6 7 0 1 3 4 5 6 7 0 1 2 4 5 6 7 0 1 2 3 5 6 7 0 1 2 3 4 6 7 0 1 2 3 4 5 7 0 1 2 3 4 5 6 0 1 2 3 4 5 6 7 1 0 3 2 5 4 7 6 2 3 0 1 6 7 4 5 3 2 1 0 7 6 5 4 4 5 6 7 0 1 2 3 5 4 7 6 1 0 3 2 6 7 4 5 2 3 0 1 7 6 5 4 3 2 1 0 full page nnn cn, cn+1, cn+2,..... not supported
11 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) operation. if ca10 is high when a read command is issued, the read with auto-precharge function is initiated. the sdram automatically enters the pre- charge operation one clock before the last data out for cas latencies 2, two clocks for cas latencies 3 and three clocks for cas latencies 4. if cas10 is high when a write command is issued, the write with auto-precharge function is initiated. the sdram automatically enters the precharge opera- tion a time delay equal to t wr (write recovery time) after the last data in. precharge command there is also a separate precharge command available. when ras and we are low and cas is high at a clock timing, it triggers the precharge oper- ation. three address bits, ba0, ba1 and a10 are used to define banks as shown in the following list. the precharge command can be imposed one clock before the last data out for cas latency = 2, two clocks before the last data out for cas latency = 3 and three clocks before the last data out for cas la- tency= 4. writes require a time delay twr from the last data out to apply the precharge command. bank selection by address bits: burst termination once a burst read or write operation has been ini- tiated, there are several methods in which to termi- nate the burst operation prematurely. these methods include using another read or write com- mand to interrupt an existing burst operation, use a precharge command to interrupt a burst cycle and close the active bank, or using the burst stop com- mand to terminate the existing burst operation but leave the bank open for future read or write com- mands to the same page of the active bank. when interrupting a burst with another read or write com- mand care must be taken to avoid i/o contention. the burst stop command, however, has the fewest restrictions making it the easiest method to use when terminating a burst operation before it has been completed. if a burst stop command is issued during a burst write operation, then any residual data from the burst write cycle will be ignored. data that is presented on the i/o pins before the burst stop command is registered will be written to the memory. a10 ba0 ba1 000 bank0 001 bank1 010 bank2 011 bank3 1 x x all banks
12 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) absolute maximum ratings* operating temperature range ..................0 to 70 c storage temperature range ............... -55 to 150 c input/output voltage .................. -0.3 to (v cc +0.3) v power supply voltage .......................... -0.3 to 4.6 v power dissipation ............................................. 1 w data out current (short circuit) ...................... 50 ma *note: stresses above those listed under ? absolute maximum ratings ? may cause permanent damage of the device. exposure to absolute maximum rating conditions for extended periods may affect device reliability. recommended operation and characteristics for lv-ttl t a =0to70 c; v ss =0v;v cc ,v ccq =3.3v 0.3 v note: 1. all voltages are referenced to v ss . 2. v ih may overshoot to v cc + 2.0 v for pulse width of < 4ns with 3.3v. v il may undershoot to -2.0 v for pulse width < 4.0 ns with 3.3v. pulse width measured at 50% points with amplitude measured peak to dc reference. parameter symbol limit values unit notes min. max. input high voltage v ih 2.0 vcc+0.3 v 1, 2 input low voltage v il ? 0.3 0.8 v 1, 2 output high voltage (i out = ? 2.0 ma) v oh 2.4 ? v output low voltage (i out =2.0ma) v ol ? 0.4 v input leakage current, any input (0 v < v in < 3.6 v, all other inputs = 0 v) i i(l) ? 55 a output leakage current (dq is disabled, 0 v < v out 13 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) operating currents (t a =0to70 c, v cc =3.3v 0.3v) (recommended operating conditions unless otherwise noted) notes: 7. these parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of t ck and t rc . input signals are changed one time during t ck . 8. these parameter depend on output loading. specified values are obtained with output open. symbol parameter & test condition max. unit note -45-5-6-7 icc1 operating current t rc =t rcmin. ,t rc =t ckmin . active-precharge command cycling, without burst operation 1 bank operation 188 180 165 150 ma 7 icc2p precharge standby current in power down mode cs =v ih ,cke v il(max) t ck =min. 2222ma7 icc2ps t ck =infinity 1111ma7 icc2n precharge standby current in non-power down mode cs =v ih ,cke v il(max) t ck =min. 70655545ma icc2ns t ck =infinity 5555ma icc3 no operating current t ck =min,cs =v ih(min) bank ; active state ( 4 banks) cke v ih(min.) 80 75 65 55 ma icc3p cke < v il(max.) (power down mode) 8888ma icc4 burst operating current t ck =min read/write command cycling 145 140 130 120 ma 7,8 icc5 auto refresh current t ck =min auto refresh command cy- cling 180 175 165 150 ma 7 icc6 self refresh current self refresh mode, cke< 0.2v 1111ma l-version 500 500 500 500 a
14 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) ac characteristics 1,2, 3 t a =0to70 c; v ss =0v;v dd =3.3v0.3v,t t =1ns # symbol parameter limit values unit note -45 -5 -6 -7 min. max. min. max. min. max. min. max. clock and clock enable 1t ck clock cycle time cas latency = 3 cas latency = 2 cas latency = 1 4.5 10 12 ? ? ? 5 10 12 ? ? ? 6 10 12 ? ? ? 7 10 12 ? ? ? s ns ns ns 2t ck clock frequency cas latency = 3 cas latency = 2 cas latency = 1 ? ? ? 225 100 83 ? ? ? 200 100 83 ? ? ? 166 100 83 ? ? ? 143 100 83 mhz mhz mhz 3t ac access time from clock cas latency = 3 cas latency = 2 cas latency = 1 ? ? ? 4.5 4.5 11 ? _ ? 5 5 11 ? _ ? 5.4 5.5 11 ? _ ? 5.4 5.5 11 ns ns ns 2, 4 4t ch clock high pulse width 2.5 ? 2.5 ? 2.5 ? 2.5 ? ns 5t cl clock low pulse width 2.5 ? 2.5 ? 2.5 ? 2.5 ? ns 6t t transition tim 0.3 1.2 0.3 1.2 0.3 1.2 0.3 1.2 ns setup and hold times 7t is input setup time 1.5 ? 1.5 ? 1.5 ? 1.5 ? ns 5 8t ih input hold time 0.8 ? 0.8 ? 0.8 ? 0.8 ? ns 5 9t cks cke setup time 1.5 ? 1.5 ? 1.5 ? 1.5 ? ns 5 10 t ckh cke hold time 0.8 ? 0.8 ? 0.8 ? 0.8 ? ns 5 11 t rsc mode register set-up time 9 ? 10 ? 12 ? 14 ? ns 12 t sb powerdownmodeentrytime 045050607ns common parameters 13 t rcd row to column delay time 14 ? 15 ? 20 ? 20 ? ns 6 14 t rp row precharge time 14 ? 15 ? 20 ? 20 ? ns 6 15 t ras row active time 38 100k 40 100k 40 100k 42 100k ns 6 16 t rc row cycle time 60 ? 60 ? 60 ? 60 ? ns 6 17 t rrd activate(a) to activate(b) command period 9 ? 10 ? 12 ? 14 ? ns 6 18 t ccd cas (a) to cas (b) command period 1 ? 1 ? 1 ? 1 ? clk refresh cycle 19 t ref refresh period (4096 cycles) ? 64 ? 64 ? 64 ? 64 ms 20 t srex self refresh exit time 10 ? 10 ? 10 ? 10 ? ns
15 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) frequency vs. ac parameter relationship table -45 / -5 / -6 / -7 read cycle 21 t oh data out hold time 2.5 -1 2.5 ? 2.5 ? 2.7 ? ns 2 22 t lz data out to low impedance time 1 ? 1 ? 1 ? 1 ? ns 23 t hz dataouttohighimpedancetime ? 4.5 ? 5 ? 5.4 ? 5.4 ns 7 24 t dqz dqm data out disable latency ? 2 ? 2 ? 2 ? 2clk write cycle 25 t wr write recovery time 2 ? 2 ? 2 ? 2 ? clk 26 t dqw dqm write mask latency 0 1 0 1 0 ? 0 ? clk frequency cas latency t rc t ras t rp t rrd t rcd t ccd t cdl t rdl unit 83mhz(12ns)1 54222111clk # symbol parameter limit values unit note -45 -5 -6 -7 min. max. min. max. min. max. min. max. ac characteristics (cont ? d)
16 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) notes for ac parameters: 1. for proper power-up see the operation section of this data sheet. 2. ac timing tests have v il = 0.8v and v ih = 2.0v with the timing referenced to the 1.4 v crossover point. the transition time is measured between v ih and v il . all ac measurements assume t t = 1ns with the ac output load circuit shown in figure 1. 4. if clock rising time is longer than 1 ns, a time (t t /2 ? 0.5) ns has to be added to this parameter. 5. if t t is longer than 1 ns, a time (t t ? 1) ns has to be added to this parameter. 6. these parameter account for the number of clock cycle and depend on the operating frequency of the clock, as follows: the number of clock cycle = specified value of timing period (counted in fractions as a whole number) self refresh exit is a synchronous operation and begins on the 2nd positive clock edge after cke returns high. self refresh exit is not complete until a time period equal to trc is satisfied once the self refresh exit command is registered. 7. referenced to the time which the output achieves the open circuit condition, not to output voltage levels 1.4v 1.4v tcs tch tac tac tlz toh thz clk command output 50 pf i/o z=50 ohm +1.4v 50 ohm vih vil t t figure 1. tck
17 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) timing diagrams 1. bank activate command cycle 2. burst read operation 3. read interrupted by a read 4. read to write interval 4.1readtowriteinterval 4.2 minimum read to write interval 4.3 non-minimum read to write interval 5. burst write operation 6. write and read interrupt 6.1 write interrupted by a write 6.2 write interrupted by read 7. burst write & read with auto-precharge 7.1 burst write with auto-precharge 7.2 burst read with auto-precharge 8. burst termination 8.1 termination of a full page burst write operation 8.2 termination of a full page burst write operation 9. ac- parameters 9.1 ac parameters for a write timing 9.2 ac parameters for a read timing 10. mode register set 11. power on sequence and auto refresh (cbr) 12. clock suspension (using cke) 12.1 clock suspension during burst read cas latency = 2 12. 2 clock suspension during burst read cas latency = 3 12. 3 clock suspension during burst write cas latency = 2 12. 4 clock suspension during burst write cas latency = 3 13. power down mode and clock suspend 14. self refresh (entry and exit) 15. auto refresh (cbr)
18 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) timing diagrams (cont?d) 16. random column read ( page within same bank) 16.1 cas latency = 2 16.2 cas latency = 3 17. random column write ( page within same bank) 17.1 cas latency = 2 17.2 cas latency = 3 18. random row read ( interleaving banks) with precharge 18.1 cas latency = 2 18.2 cas latency = 3 19. random row write ( interleaving banks) with precharge 19.1 cas latency = 2 19.2 cas latency = 3 20. full page read cycle 20.1 cas latency = 2 20.2 cas latency = 3 21. full page write cycle 21.1 cas latency = 2 21.2 cas latency = 3 22. precharge termination of a burst 22.1 cas latency = 2 22.2 cas latency = 3
19 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 1. bank activate command cycle (cas latency = 3) 2. burst read operation (burst length = 4, cas latency = 2, 3, 4) address clk t0 t t1 t ttt command nop nop nop bank a row addr. bank a activate write a with auto bank a col. addr. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . bank b activate bank a row addr. bank a activate t rcd : ? h ? or ? l ? t rc precharge t rrd bank b row addr. command read a nop nop nop nop nop nop nop dout a 0 cas latency = 2 t ck3, i/o ? s cas latency = 3 t ck4, i/o ? s cas latency = 4 dout a 1 dout a 2 dout a 3 nop clk t0 t2 t1 t3 t4 t5 t6 t7 t8 t ck2, i/o ? s dout a 0 dout a 1 dout a 2 dout a 3 dout a 0 dout a 1 dout a 2 dout a 3
20 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 3. read interrupted by a read (burst length = 4, cas latency = 2, 3, 4) 4.1 read to write interval (burst length = 4, cas latency = 3) command read a read b nop nop nop nop nop nop t ck2, i/o ? s cas latency = 2 t ck3, i/o ? s cas latency = 3 t ck4, i/o ? s cas latency = 4 nop clk t0 t2 t1 t3 t4 t5 t6 t7 t8 dout b 0 dout b 1 dout b 2 dout b 3 dout a 0 dout b 0 dout b 1 dout b 2 dout b 3 dout a 0 dout b 0 dout b 1 dout b 2 dout b 3 dout a 0 command nop read a nop nop nop nop write b nop nop dqm dout a 0 din b 0 din b 1 din b 2 must be hi-z before the write command i/o ? s minimum delay between the read and write commands = 4+1 = 5 cycles clk t0 t2 t1 t3 t4 t5 t6 t7 t8 t dqz t dqw : ? h ? or ? l ?
21 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 4.2 minimum read to write interval (burst length = 4, cas latency = 2) 4.3 non-minimum read to write interval (burst length = 4, cas latency = 2, 3, 4 command nop bank a nop read a write a nop nop nop dqm din a 0 din a 1 din a 2 din a 3 must be hi-z before the write command t ck2, i/o ? s cas latency = 2 clk t0 t2 t1 t3 t4 t5 t6 t7 t8 nop activate 1 clk interval t dqz t dqw : ? h ? or ? l ? nop read a nop nop read a nop write b nop nop dqm din b 0 din b 1 din b 2 t ck1, i/o ? s cas latency = 2 t ck2, i/o ? s cas latency = 3 clk t0 t2 t1 t3 t4 t5 t6 t7 t8 dout a 0 din b 0 din b 1 din b 2 command din b 0 din b 1 din b 2 dout a 1 dout a 0 must be hi-z before the write command t ck3, i/o ? s cas latency = 4 t dqz t dqw : ? h ? or ? l ?
22 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 5. burst write operation (burst length = 4, cas latency = 2, 3, or 4) 6.1 write interrupted by a write (burst length = 4, cas latency = 2, 3, or 4) command nop write a nop nop nop nop nop nop i/o ? s din a 0 din a 1 din a 2 din a 3 nop clk t0 t2 t1 t3 t4 t5 t6 t7 t8 extra data is ignored after the first data element and the write are registered on the same clock edge. termination of a burst. don ? t care command nop write a write b nop nop nop nop nop i/o ? s din a 0 din b 0 din b 1 din b 2 nop din b 3 clk t0 t2 t1 t3 t4 t5 t6 t7 t8 1 clk interval
23 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 6.2 write interrupted by a read (burst length = 4, cas latency = 2, 3, 4) 7. burst write with auto-precharge burst length = 2, cas latency = 2, 3, 4) command nop write a read b nop nop nop nop nop nop t ck2, i/o ? s cas latency = 2 din a 0 t ck3, i/o ? s cas latency = 3 din a 0 t ck4, i/o ? s cas latency = 4 din a 0 clk t0 t2 t1 t3 t4 t5 t6 t7 t8 input data for the write is ignored. dout b 3 dout b 0 dout b 1 dout b 2 dout b 3 dout b 0 dout b 1 dout b 2 don ? t care don ? t care don ? t care don ? t care don ? t care don ? t care dout b 0 dout b 1 dout b 2 input data must be removed from the i/o ? s at least one clock cycle before the read dataappears on the outputs to avoid data contention. command nop nop nop write a auto-precharge clk t0 t2 t1 t3 t4 t5 t6 t7 t8 nop bank a active nop nop din a 0 din a 1 din a 0 din a 1 * * i/o ? s cas latency = 3 i/o ? s cas latency = 2 i/o ? s cas latency = 4 begin autoprecharge bank can be reactivated after trp * t wr t wr t rp t rp din a 0 din a 1 t wr t rp nop *
24 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 7.2 burst read with auto-precharge burst length = 4, cas latency = 2, 3, 4) command nop write a read b nop nop nop nop nop nop t ck2, i/o ? s cas latency = 2 t ck3, i/o ? s cas latency = 3 t ck4, i/o ? s cas latency = 4 clk t0 t2 t1 t3 t4 t5 t6 t7 t8 dout a 3 dout a t rp t rp t rp * * * * 0 dout a 1 dout a 2 dout a 3 dout a begin autoprecharge bank can be reactivated after t rp 0 dout a 1 dout a 2 dout a 3 dout a 0 dout a 1 dout a 2
25 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 8.1 termination of a full page burst read operation (cas latency = 2, 3, 4) 8.2 termination of a full page burst write operation (cas latency = 2, 3, 4) command read a nop nop nop burst nop nop nop nop t ck2, i/o ? s cas latency = 2 t ck3, i/o ? s cas latency = 3 t ck4, i/o ? s cas latency = 4 stop clk t0 t2 t1 t3 t4 t5 t6 t7 t8 the burst ends after a delay equal to the cas latency. dout a 0 dout a 1 dout a 2 dout a 3 dout a 0 dout a 1 dout a 2 dout a 3 dout a 0 dout a 1 dout a 2 dout a 3 command nop write a nop nop burst nop nop nop nop din a 0 din a 1 din a 2 stop clk t0 t2 t1 t3 t4 t5 t6 t7 t8 input data for the write is masked. i/o ? s cas latency = 2,3,4 don ? t care
26 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) clk cke cs i/o ras cas we ba dqm 9.1 ac parameters for write timing t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap burst length = 4, cas latency = 2 addr t cks t cs t ch t ckh t as t rcd t rc t rp t ds activate command bank a write with auto precharge command bank a activate command bank b write with auto precharge command bank b activate command bank a write command bank a precharge command bank a activate command bank a t dh ax0 ax3 ax2 ax1 bx0 bx3 bx2 bx1 ay0 ay3 ay2 ay1 t ck2 t ch t cl begin auto precharge bank a begin auto precharge bank b t wr t rrd activate command bank b ray cbx ray ray rbx rbx cax rby rby raz raz rax rax t ah
27 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ clk cke cs i/o ras cas we ba dqm 9.2 ac parameters for read timing t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t10 hi-z ap burst length = 2, cas latency = 2 addr t cs t ch t ckh t as t ah t rrd t rcd t ras t lz activate command bank a activate command bank b activate command bank a precharge command bank a t cks t ck2 ax0 ax1 read command bank a read with auto precharge command t rc t rp t ac2 t ac2 t oh t hz t ch t cl bx0 begin auto precharge bank b bx1 t hz rbx ray rbx rbx ray cax rax rax
28 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 10. mode register set clk cke cs ras cas we ba t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 ap addr precharge command all banks mode register set command any command address key 2 clock min.
29 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 11. power on sequence and auto refresh (cbr) clk cke cs i/o ras cas we ba dqm ttt t0 tt t tt t t t tt t1 t t tt tt t t hi-z ap addr precharge command all banks t rp minimum of 2 refresh cycles are required 1st auto refresh command t rc high level is required 2nd auto refresh command inputs must be stable for 200 s any command 2 clock min. mode register address key set command
30 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 12.1 clock suspension during burst read (using cke) (1 of 3) burst length = 4, cas latency = 1 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr cax rax ax0 ax1 ax2 ax3 activate command bank a read command bank a clock suspend 2 cycles clock suspend 1 cycle clock suspend 3 cycles rax t hz t ck1
31 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 12.2 clock suspension during burst read (using cke) (2 of 3) burst length = 4, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr cax rax ax0 ax1 ax2 ax3 activate command bank a clock suspend 2 cycles clock suspend 1 cycle clock suspend 3 cycles rax read command bank a t hz t ck2
32 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) ) 12.3 clock suspension during burst read (using cke) (3 of 3) burst length = 4, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr rax ax0 ax1 ax2 ax3 activate command bank a clock suspend 2 cycles clock suspend 1 cycle clock suspend 3 cycles rax read command bank a cax t hz t ck3
33 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 12.4 clock suspension during burst write (using cke) (1 of 3) burst length = 4, cas latency = 1 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr cax rax activate command bank a write command bank a clock suspend 1 cycle clock suspend 2 cycles clock suspend 3 cycles dax3 dax2 dax0 dax1 rax t ck1
34 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 13. power down mode and clock suspend burst length = 4, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr t cksp t cksp cax rax rax ax2 ax0 ax1 ax3 activate command bank a clock suspend mode entry clock suspend mode exit read command bank a clock mask start clock mask end precharge command bank a power down mode entry power down mode exit t hz any command t ck2
35 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 14. self refresh (entry and exit) ba addr ap t clk cke cs i/o ras cas we dqm t2 t3 t4 t0 t1 t t tt t5 t t tt t t t tt tt t t hi-z all banks must be idle self refresh entry begin self refresh exit command t srex self refresh exit command issued self refresh exit t rc cks
36 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 15. auto refresh (cbr) burst length = 4, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr ax0 ax1 activate command read command precharge command auto refresh command auto refresh command t rc t rp t rc t ck2 all banks cax rax rax bank a bank a ax2 ax3 (minimum interval)
37 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 16.1 random column read (page within same bank) (1 of 2) burst length = 4, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr activate command bank a cax read command bank a cay read command bank a aw0 aw1 aw2 aw3 ax0 ax1 ay0 ay1 az0 az1 az2 az3 ay2 ay3 caw read command bank a raw raw precharge command bank a activate command bank a caz read command bank a raz raz t ck2
38 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 16.2 random column read (page within same bank) (2 of 2) burst length = 4, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr activate command bank a cax read command bank a cay read command bank a aw0 aw1 aw2 aw3 ax0 ax1 ay0 ay1 ay2 ay3 caw read command bank a raw raw precharge command bank a activate command bank a caz read command bank a raz raz t ck3
39 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 17.1 random column write (page within same bank) (1 of 2) burst length = 4, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr cbx write command bank b cby write command bank b precharge command bank b dbw0 dbw3 dbw2 dbw1 dbx1 dbx0 dby0 dby3 dby2 dby1 dbz0 dbz3 dbz2 dbz1 t ck2 activate command bank b cax write command bank b raw raw activate command bank b cbz write command bank b rbz rbz activate command bank b cbz write command bank b rbz rbz
40 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 17.2 random column write (page within same bank) (2 of 2) burst length = 4, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr cbx write command bank b cby write command bank b precharge command bank b dbw0 dbw3 dbw2 dbw1 dbx1 dbx0 dby0 dby3 dby2 dby1 dbz0 dbz1 t ck3 activate command bank b cbz write command bank b rbz rbz activate command bank b cbz write command bank b rbz rbz
41 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 18.1 random row read (interleaving banks) (1 of 2) burst length = 8, cas latency = 2 clk cke cs i/o ras cas we a11(bs) dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z a10 a0 - a9 cby read command bank b read command bank a bx0 bx1 bx2 bx3 bx4 bx5 bx6 bx7 by0 by1 t ck2 high t rcd t ac2 t rp cax precharge command bank b ax0 ax1 ax2 ax3 ax4 ax5 ax6 ax7 activate command bank b rbx rbx activate command bank a rax rax cbx read command bank b activate command bank b rby rby
42 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 18. 2 random row read (interleaving banks) (2 of 2) burst length = 8, cas latency = 3 clk cke cs i/o ras cas we a11(bs) dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z a10 a0 - a9 cby read command bank b by0 t ck3 high t ac3 activate command bank b rbx rbx activate command bank a rax rax cbx read command bank b activate command bank b rby rby t rcd precharge command bank b cax read command bank a t rp bx0 bx1 bx2 bx3 bx4 bx5 bx6 bx7 ax0 ax1 ax2 ax3 ax4 ax5 ax6 ax7 precharge command bank a
43 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 19.1 random row write (interleaving banks) (1 of 2) burst length = 8, cas latency = 2 clk cke cs i/o ras cas we a11(bs) dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z a10 a0 - a9 t ck2 high t rcd t rp write command bank a cay dax0 dax3 dax2 dax1 dax4 dax7 dax6 dax5 dbx0 dbx3 dbx2 dbx1 dbx4 dbx7 dbx6 dbx5 day0 day3 day2 day1 t dpl write command bank a cax activate command bank a rax rax activate command bank b rbx rbx cbx precharge command bank a write command bank b activate command bank a ray ray cay precharge command bank b write command bank a day4 t dpl
44 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 19.2 random row write (interleaving banks) (2 of 2) burst length = 8, cas latency = 3 clk cke cs i/o ras cas we a11(bs) dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z a10 a0 - a9 t ck3 high dax0 dax3 dax2 dax1 dax4 dax7 dax6 dax5 dbx0 dbx3 dbx2 dbx1 dbx4 dbx7 dbx6 dbx5 day2 day1 day0 write command bank a cax activate command bank b rbx rbx activate command bank a ray ray day3 t dpl cbx write command bank b precharge command bank a write command bank a cay precharge command bank b t rp t dpl t rcd activate command bank a rax rax
45 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 20.1 full page read cycle (1 of 2) burst length = full page, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t tt t5 t t tt t t t tt tt t t hi-z ap addr t ck2 high ax ax+1 ax-1 ax-2 ax+2 ax bx bx+1 bx+5 bx+4 bx+3 bx+2 ax+1 bx+6 cbx read command bank b precharge command bank b burst stop command cax read command bank a activate command bank a rax rax activate command bank b rbx rbx activate command bank b rby rby t rp full page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues the burst counter wraps from the highest order page address back to zero during this time interval. bursting beginning with the starting address.
46 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ 20.2 full page read cycle (2 of 2) burst length = full page, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t t5 t t tt t t t tt tt t t hi-z ap addr t ck3 high ax ax+1 ax-1 ax-2 ax+2 ax bx bx+1 bx+5 bx+4 bx+3 bx+2 ax+1 cbx read command bank b precharge command bank b burst stop command cax read command bank a activate command bank a rax rax activate command bank b rbx rbx activate command bank b rby rby t rrd full page burst operation does not the burst counter wraps from the highest order page address back to zero during this time interval. terminate when the length is satisfied; the burst counter increments and continues bursting beginning with the starting address.
47 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) \ ) 21.1 full page write cycle (1 of 2) burst length = full page, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t t tt t5 t t tt t t t tt tt t t hi-z ap addr t ck2 high cbx write command bank b precharge command bank b burst stop command cax write command bank a activate command bank a rax rax activate command bank b rbx rbx activate command bank b rby rby data is ignored. dax dax+1 dax-1 dax+3 dax+2 dax dbx dbx+1 dax+1 dbx+3 dbx+2 dbx+4 dbx+5 dbx+6 full page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues the burst counter wraps from the highest order page address back to zero during this time interval. bursting beginning with the starting address.
48 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 21.2 full page write cycle (2 of 2) burst length = full page, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t tt t5 t t tt t t t tt tt t t hi-z ap addr t ck3 high cbx write command bank b precharge command bank b burst stop command cax write command bank a activate command bank a rax rax activate command bank b rbx rbx activate command bank b rby rby dax dax+1 dax-1 dax+3 dax+2 dax dbx dbx+1 dax+1 dbx+3 dbx+2 dbx+4 dbx+5 full page burst operation does not the burst counter wraps from the highest order page address back to zero during this time interval. terminate when the length is satisfied; the burst counter increments and continues bursting beginning with the starting address. data is ignored.
49 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 22.1 precharge termination of a burst (1 of 2) burst length = 8 or full page, cas latency = 2 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr t ck2 precharge command bank a dax0 dax3 dax2 dax1 precharge termination of a write burst. write data is masked. ay0 ay1 ay2 precharge termination of a read burst. precharge command bank a t rp activate command bank a rax rax write command bank a cax cay read command bank a high activate command bank a ray ray t rp activate command bank a raz raz caz read command bank a az0 az1 az2 precharge command bank a t rp
50 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 22.2 precharge termination of a burst (2 of 2) burst length = 4,8 or full page, cas latency = 3 clk cke cs i/o ras cas we ba dqm t2 t3 t4 t0 t1 t6 t7 t8 t9 t5 t11 t12 t13 t14 t10 t16 t17 t18 t19 t15 t22 t20 t21 hi-z ap addr t ck3 precharge command bank a dax0 precharge termination of a write burst. write data is masked ay0 ay1 ay2 precharge termination precharge command bank a t rp activate command bank a rax rax write command bank a cax cay read command bank a high activate command bank a ray ray t rp activate command bank a raz raz of a read burst.
51 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) complete list of operation commands sdram function truth table current state 1 cs ras cas we bs addr action idle h l l l l l l l x h h h l l l l x h h l h h l l x h l x h l h l x x bs bs bs bs x op- x x x x ra ap x code nop or power down nop illegal 2 illegal 2 row (&bank) active; latch row address nop 4 auto-refresh or self-refresh 5 mode reg. access 5 row active h l l l l l l x h h h l l l x h l l h h l x x h l h l x x x bs bs bs bs x x x ca,ap ca,ap x ap x nop nop begin read; latch ca; determineap begin write; latch ca; determineap illegal 2 precharge illegal read h l l l l l l l x h h h h l l l x h h l l h h l x h l h l h l x x x bs bs bs bs bs x x x x ca,ap ca,ap x ap x nop (continue burst to end;>row active) nop (continue burst to end;>row active) burst stop command > row active term burst, new read, determineap 3 term burst, start write, determineap 3 illegal 2 term burst, precharge illegal write h l l l l l l l x h h h h l l l x h h l l h h l x h l h l h l x x x bs bs bs bs bs x x x x ca,ap ca,ap x ap x nop (continue burst to end;>row active) nop (continue burst to end;>row active) burst stop command > row active term burst, start read, determineap 3 term burst, new write, determineap 3 illegal 2 term burst, precharge 3 illegal read with auto precharge h l l l l l l l x h h h h l l l x h h l l h h l x h l h l h l x x x bs bs x bs bs x x x x x x x ap x nop (continue burst to end;> precharge) nop (continue burst to end;> precharge) illegal 2 illegal 2 illegal illegal 2 illegal 2 illegal
52 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) sdram function truth table(continued) current state 1 cs ras cas we bs addr action write with auto precharge h l l l l l l l x h h h h l l l x h h l l h h l x h l h l h l x x x bs bs x bs bs x x x x x x x ap x nop (continue burst to end;> precharge) nop (continue burst to end;> precharge) illegal 2 illegal 2 illegal illegal 2 illegal 2 illegal precharging h l l l l l l x h h h l l l x h h l h h l x h l x h l x x x bs bs bs bs x x x x x x ap x nop;> idle after trp nop;> idle after trp illegal 2 illegal 2 illegal 2 nop 4 illegal row activating h l l l l l l x h h h l l l x h h l h h l x h l x h l x x x bs bs bs bs x x x x x x ap x nop;> row active after trcd nop;> row active after trcd illegal 2 illegal 2 illegal 2 illegal 2 illegal write recovering h l l l l l l x h h h l l l x h h l h h l x h l x h l x x x bs bs bs bs x x x x x x ap x nop nop illegal 2 illegal 2 illegal 2 illegal 2 illegal refreshing h l l l l l x h h h l l x h h l h l x h l x x x x x x x x x x x x x x x nop;> idle after trc nop;> idle after trc illegal illegal illegal illegal mode register accessing h l l l l x h h h l x h h l x x h l x x x x x x x x x x x x nop nop illegal illegal illegal
53 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) clock enable (cke) truth table: abbreviations: ra = row address bs = bank address ca = column address ap = auto precharge notes for sdram function truth table: 1. current state is state of the bank determined by bs. all entries assume that cke was active (high) during the preceding clock cycle. 2. illegal to bank in specified state; function may be legal in the bank indicated by bs, depending on the state of that bank. 3. must satisfy bus contention, bus turn around, and/or write recovery requirements. 4. nop to bank precharging or in idle state. may precharge bank(s) indicated by bs (andap). 5. illegal if any bank is not idle. 6. cke low to high transition will re-enable clk and other inputs asynchronously. a minimum setup time must be satisfied before any command other than exit. 7. power-down and self-refresh can be entered only from the all banks idle state. 8. must be legal command as defined in the sdram function truth table. state(n) cke n-1 cke ncs ras cas we addr action self-refresh 6 h l l l l l l x h h h h h l x h l l l l x x x h h h l x x x h h l x x x x h l x x x x x x x x x x invalid exit self-refresh, idle after trc exit self-refresh, idle after trc illegal illegal illegal nop (maintain self-refresh) power-down h l l l l l l x h h h h h l x h l l l l x x x h h h l x x x h h l x x x x h l x x x x x x x x x x invalid exit power-down, > idle. exit power-down, > idle. illegal illegal illegal nop (maintain low-power mode) all. banks idle 7 h h h h h h h h l h l l l l l l l l x h l l l l l l x x x h h h l l l x x x h h l h l l x x x h l x x h l x x x x x x x x x x refer to the function truth table enter power- down enter power- down illegal illegal illegal enter self-refresh illegal nop any state other than listed above h h l l h l h l x x x x x x x x x x x x x x x x x x x x refer to the function truth table begin clock suspend next cycle 8 exit clock suspend next cycle 8 . maintain clock suspend.
54 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) package diagram 54-pin plastic tsop-ii (400 mil) 0.881 -0.01 [22.38 -0.25] 0.031 [0.80] .004 [0.1] 54 index marking m 28 1 does not include plastic or metal protrusion of 0.15 max. per side 1 27 0.047 [1.20] max 0.04 0.002 [1 0.05] unit in inches [mm] 0.400 0.005 [10.16 0.13] 0.463 0.008 [11.76 0.20] 0.006 [0.15] max +0.004 -0.002 0 ? 5 0.024 0.008 [0.60 .020] 1 0.006 +0.01 -0.05 0.15 .008 [0.2] 54x +0.002 -0.004 0.016 +0.05 -0.10 0.40
55 v54c365164vd(l) rev. 1.3 september 2001 mosel vitelic v54c365164vd(l) 56 ball grid array (or bga) 12.19 0.10 10.40 +0.10 1.27-0.20 0.40 0.05 package type: 56 balls wbga notes: #1: no bond finger exposed #2: do not measure thickness within this area #3: no au wire exposed #4: do not measure // within this area ?.15 s a b s m ?.08 0.895 0.10 0.80 1.60 ?.50 0.05 0.40 a s b 0.80 4.80 6.50 0.10 min. 0.10 (#1) max. 1.50 (#2) 0.25+0.05 -0.10 (#3) 0.85 0.10 m s 0.1 sa 0.20 m 0.2 max. 2.50 (#4) s sb 0.20 m
mosel vitelic worldwide offices v54c365164vd(l) mosel vitelic 3910 n. first street, san jose, ca 95134-1501 ph: (408) 433-6000 fax: (408) 433-0952 tlx: 371-9461 ? copyright , mosel vitelic inc. printed in u.s.a. the information in this document is subject to change without notice. mosel vitelic makes no commitment to update or keep cur- rent the information contained in this document. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of mosel-vitelic. mosel vitelic subjects its products to normal quality control sampling techniques which are intended to provide an assurance of high quality products suitable for usual commercial applica- tions. mosel vitelic does not do testing appropriate to provide 100% product quality assurance and does not assume any liabil- ity for consequential or incidental arising from any use of its prod- ucts. if such products are to be used in applications in which personal injury might occur from failure, purchaser must do its own quality assurance testing appropriate to such applications. u.s. sales offices u.s.a. 3910 north first street san jose, ca 95134 phone: 408-433-6000 fax: 408-433-0952 taiwan 7f, no. 102 min-chuan e. road, sec. 3 taipei phone: 886-2-2545-1213 fax: 886-2-2545-1209 no 19 li hsin road science based ind. park hsin chu, taiwan, r.o.c. phone: 886-3-579-5888 fax: 886-3-566-5888 singapore 10 anson road #23-13 international plaza singapore 079903 phone: 65-3231801 fax: 65-3237013 japan onze 1852 building 6f 2-14-6 shintomi, chuo-ku tokyo 104-0041 phone: 03-3537-1400 fax: 03-3537-1402 uk & ireland suite 50, grovewood business centre strathclyde business park bellshill, lanarkshire, scotland, ml4 3nq phone: 44-1698-748515 fax: 44-1698-748516 germany (continental europe & israel) benzstrasse 32 71083 herrenberg germany phone: +49 7032 2796-0 fax: +49 7032 2796 22 northwestern 3910 north first street san jose, ca 95134 phone: 408-433-6000 fax: 408-433-0952 southwestern 302 n. el camino real #200 san clemente, ca 92672 phone: 949-361-7873 fax: 949-361-7807 central, northeastern & southeastern 604 fieldwood circle richardson, tx 75081 phone: 214-352-3775 fax: 214-904-9029


▲Up To Search▲   

 
Price & Availability of V54C365164VL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X