Part Number Hot Search : 
TDA5660P MP6K31 12816 BUX16C SG6518SZ SO10B 00266 6D860
Product Description
Full Text Search
 

To Download UF281OOH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf mosfet power transistor, ioow, 28v 100 - 500 mhz uf281 ooh features n-channel enhancement mode device dmos structure lower capacitances for broadband operation high saturated output power lower noise figure than competitive devices input capacitance c - is 13.5 pf v,,=28.0 v, f=l .o mhz? qutput capacitance c os 90 pf vd,=28.0 v, f=l.o mhz? reversecapacitance c rss ?24 pf v,,=28.0 v, f=l .o mhz? power gain gp 10 - db v,,=28.0 v, 1,,=800.0 ma, p,yloo.o w, f=500 mhz drain efficiency % 50 - % v,,=28.0 v, l,0=600.0 ma, p,&oo.o w, f&o0 mhz return loss rl 10 - db v,,=28.0 v, 1,,=600.0 ma, p,eloo.o w, f=500 mhz load mismatch tolerance vswr-t - 3o:l - v,,=28.0 v, 1,,=600.0 ma, p,,~loo.o w, f=500 mhz * per side specifications subject to change without notice. mia-com, inc. north america: tel. (800) 366-2266 n asia/pacific: tel. +81 (03) 3226-1671 n europe: tel. -1-44 (1344) 869 595 fax (800) 618-8883 fax +81 (03) 3226-1451 fax +44 (1344) 300 020
rf mosfet power transistor, ioow, 28v UF281OOH v2.00 typical broadband performance curves efficiency vs frequency power output vs supply voltage 80- p,,=lo w i,,=600 ma (push-pull device) 120 100 so 60 40 20 0 p,,=lo w i,,=600 ma f=500 mhz 401 i . . 100 200 300 400 sw frequency (mhz) 14 16 20 24 28 32 supply voltage (v) power output vs power input v,,=28 v i,,=600 ma (push-pull device) 0 0 1 2 4 6 8 10 12 power input (w) pecifications subject to change without notice. mia-com, inc. north america: tel. (800) 366-2266 m asia/pacific: tel. +81 (03) 3226-1671 n europe: tel. +44 (1344) 869 595 fax (800) 618-8883 fax +81 (03) 3226-1451 fax +44 (1344) 300 020
rf mosfet power transistor, loow, 28v uf281 ooh v2.00 typical device impedance frequency (mhz) 100 300 500 z,, (ohms) z load (ohms) 4.5 - j 6.0 14.5 + j 0.5 2.25 - j 1.75 7.5 + j 1 .o 1.5 + j 5.5 3.5 - j 3.5 .i v,,=28 v, i,,=goo ma, p,,=loo.o watts z,, is the series equivalent input impedance of the device from gate to gate. z load is !he optimum series equivalent load impedance as measured from drain to drain. rf test fixture cl.cb c2.q c4 c5 c6,c7 crc10 cl1 cl2 rl .r4 rzm ll u n 72 t4 01 board jlj2 j3j4j5 parts list chip capacitor, z.&if atc b chip capacitor, sooopf chip capacitor. 37pf atc b chip capacttdr. 25opf atc 6 chip capacitcr .olsuf chip capacitcr. 55opf atc b chip capacitor, 0.6pf ax b electrolyi?ic capacitor. kklf 50 volts resistor. 27 ohm 25 walt reslstdr. 22k ctlm 25 war inductor. 5 turns of no. 15awg on ?.lo? inductor. 10 turns of no. 22 awg on r4 ,:l balun transformer. 50 ohm semuugid coax ?.059 x 3? long 4:l bmun transformer. 25 ohm semi-rigid coax ?.070? x 25? long 1:s balun transformer, 10 dhm sembrlglg coax ?.070? x 2.5? long l:, balun transformer. 50 ohm sembrlgid cqax ?wc x 4? long uf2blooh rogers 5b70. ,031? thick connector. 7ype ?k banana jack finned aluminum, d/n ?13050152-w specifications subject to change without notice. m/a-com, inc. north america: tel. (800) 366-2266 8 asia/pacific: tel. +81 (03) 3226-1671 h europe: tel. +44 (1344) 869 595 fax (800) 618-8883 fax +81 (03) 3226-1451 fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of UF281OOH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X