Part Number Hot Search : 
TSC691E STA6610 2SC409 C2951 FR154G DSP10 1502A F1100
Product Description
Full Text Search
 

To Download UB20CT-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u20xct-e3, ub20xct-e3 www.vishay.com vishay general semiconductor revision: 30-oct-13 1 document number: 89017 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dual common cathode ultrafast plastic rectifier features ? power pack ? oxide planar chip junction ? ultrafast recovery time ? soft recovery characteristics ? low switching losses, high efficiency ? high forward surge capability ? meets msl level 1, per j-st d-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s per jesd 22-b106 (for to-220ab package) ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in low voltage, high frequency rectifier of switching power supplies, freewheeling di odes, dc/dc converters or polarity protection specif ically for dcm application. mechanical data case: to-220ab, to-263ab molding compound meets ul 94v-0 flammab ility rating base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs max. primary characteristics i f(av) 2 x 10 a v rrm 100 v to 200 v i fsm 100 a t rr 26 ns v f at i f = 10 a 0.834 v t j max. 150 c package to-220ab, to-263ab diode variation dual common cathode to-220ab 1 2 3 1 2 k to-263ab case pin 2 pin 1 pin 3 u20xct ub20xct k pin 1 pin 2 heatsink maximum ratings (t c = 25 c unless otherwise noted) parameter symbol u(b)20bct u(b)20cct u(b)20dct unit max. repetitive peak reverse voltage v rrm 100 150 200 v max. average forward rectified current (fig. 1) total device i f(av) 20 a per diode 10 peak forward surge current 10 ms single ha lf sine-wave superimposed on ra ted load per diode i fsm 100 a electrostatic discharg e capacitor voltage, ? human body model: c = 150 pf, r = 1.5 k ?? (contact mode) v c 8kv operating junction and storage temperature range t j , t stg -55 to +150 c
u20xct-e3, ub20xct-e3 www.vishay.com vishay general semiconductor revision: 30-oct-13 2 document number: 89017 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - max. forward current derating curve fig. 2 - forward power loss characteristics per diode electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditi ons symbol typ. max. unit instantaneous forward voltage per diode (1) i f = 5.0 a t j = 25 c v f 0.854 - v i f = 10 a 0.931 1.00 i f = 5.0 a t j = 100 c 0.760 - i f = 10 a 0.834 0.91 reverse current per diode (2) rated v r t j = 25 c i r 1.2 15 a t j = 100 c 120 500 reverse recovery time per diode i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 26 35 ns reverse recovery time per diode i f = 10 a, didt = 20 a/s, ? v r = 200 v, i rr = 0.1 i rm t rr 73 80 ns stored charge per diode q rr 30 - nc forward recovery time per diode i f = 10 a, di/dt = 80 a/s, ? v f = 1.1 x v f max. t fr 160 - ns peak forward voltage per diode v fp 2.6 - v thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol u20xct ub20xct unit typical thermal resistance per diode r ? jc 3.0 c/w ordering information (example) package preferred p/n unit weight (g) pac kage code base quantity delivery mode to-220ab u20dct-e3/4w 1.87 4w 50/tube tube to-263ab ub20dct-e3/4w 1.37 4w 50/tube tube to-263ab ub20dct-e3/8w 1.37 8w 800/reel tape and reel 20 24 16 12 8 4 0 0 25 50 75 100 125 150 175 average forward re ctified current (a) case temperature (c) resistive or inductive load u20xct ub20xct 12 10 8 6 4 2 0 0 2 4 6 8 10 12 average power loss (w) average forward current (a) d = 0.1 d = 0.3 d = 0.5 d = 0.8 d = 1.0 d = 0.2 d = t p /t t p t
u20xct-e3, ub20xct-e3 www.vishay.com vishay general semiconductor revision: 30-oct-13 3 document number: 89017 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics per diode fig. 4 - typical reverse characteristics per diode fig. 5 - typical juncti on capacitance per diode fig. 6 - typical juncti on capacitance per diode 100 10 1 0.1 0.01 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 instantaneous forward voltage (v) instantaneous forward current (a) t j = 100 c t j = 125 c t j = 50 c t j = 75 c 1000 100 10 10 20 30 40 50 60 70 80 90 100 1 percent of rated peak reverse voltage (%) instantaneous reverse current (a) t j = 125 c t j = 100 c t j = 50 c t j = 75 c 100 10 0.1 1 10 100 reverse voltage (v) junction capaci tance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mvp-p 100 0.1 1 0.1 0.01 0.001 1 10 100 t - pulse duration (s) transient thermal imped ance ( c/w)
u20xct-e3, ub20xct-e3 www.vishay.com vishay general semiconductor revision: 30-oct-13 4 document number: 89017 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) to-220ab 0.113 (2.87) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15.87) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.028 (0.70) 0.154 (3.91) 0.148 (3.74) 1 3 2 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) to-263ab mounting pad layout 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.08 (2.032) mi n . 0.15 (3.81) mi n . 0.33 (8.38) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4.83) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15.85) 0.591 (15.00) 0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 (8.13) 0.411 (10.45) 0.380 (9.65) 0.245 (6.22) mi n .
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of UB20CT-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X