Part Number Hot Search : 
74AVC SG6741SY SC16426 KBP201 HV5622 SST12 645TS MAX9888
Product Description
Full Text Search
 

To Download TQM613030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 1 functional block diagram product description the TQM613030 cellular band cdma pa-duplexer module integrates the duplexer, pa, coupler, tx inter-stage filter , and built-in voltage regulator circuitry into a fully matched and compact rf solution. with 5ma of quiescent current in the low power mode, it draws less than 50ma of average current and is one of the most efficient cdma pa solutions available. the rf power output of up to 26dbm meets the strict acpr/altr requirement s of multi-band, feature-rich cdma2000 handset designs while it?s small size and hi gh-levels of integration make it an easy to use and ideal solution for any cellular band cdma application. electrical specifications test conditions v cc =3.4v, v en =high, t=25oc parameter typ units frequency 824 - 849 mhz max p out 26 dbm acpr (885khz offset) at max p out -50 dbc altr (1.98mhz offset) at max p out -60 dbc current consumption (at +25dbm pout) 380 ma quiescent current in lpm 5 ma quiescent current in hpm 80 ma leakage at rx port -32 dbm features ? compact 7.0x4.0x1.1mm module replacing more than 10 discrete components ? integrated duplexer, inter-stage filter, pa die, rf power coupler and matching ? built-in voltage regulator functionality eliminating any external switch circuitry ? high efficiency two gain state pa for low overall current consumption ? typical quiescent current values: low power mode (lpm) = 5ma high power mode (hpm) = 80ma ? low current consumption typical: 380 ma @ +25dbm typical: 28 ma @ +11dbm ? excellent acpr typical: -50 dbc @ +/- 885khz offset ? excellent altr typical: -60 dbc @ +/- 1.98 mhz offset ? lead-free 260c rohs compliant ? halogen free (hf)
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 2 absolute maximum ratings 1 symbol parameter absolute maximum value units v cc supply voltage with no rf applied supply voltage with rf applied +6.0 +4.7 v v v mode mode control voltage +2.7 v p in input rf power at tx port input rf power at antenna port input rf power at rx port +10 +30 +10 dbm dbm dbm t c case temperature, survival -35 to +95 c t stg storage temperature -55 to +125 c esd 2 human body model (10pf, 1500 ? ) at ant, tx in , and rx human body model (10pf, 1500 ? ) at all other ports charged device model all pins 500 2,000 2,000 v v v note 1 : stresses above those listed under absolute maximum ratings ma y cause permanent and functional damage to the device. exposure exceeding absolute maximum rating conditions for extended periods may affect device reliabi lity. the part may not survive all maximums applied simultaneou sly. note 2 : device is classified as a hbm class 1b per jedec standar d jesd22-a114 and cdm class iv per jedec standard jesd22-c101. dc electrical characteristics parameter conditions min. typ/nom max. units supply voltage (v cc ) no rf hpm, lpm with rf ruggedness testing 3.2 3.2 3.8 3.8 6.0 4.2 4.7 v v v pa enable digital control voltage (v en ) low ? pa off high ? pa enabled 0.0 1.5 0.5 2.7 v v pa bias mode control voltage (v mode ) v mode = low v mode = high 0.0 1.5 0.5 2.7 v v control line current (i control ) all control lines (source or sink current) 1 ma leakage current (i leak ) total current on all pins; t=-20to+85c, v cc =4.7v, v en =0v 5 15 a turn on/off time 1 (t on-dc , t off-dc ) 20 s gain switching time (t mode ) high-low 6 s ambient operating temperature -30 +85 c note 1 : definition of switching time: t on-dc = the time required to obtain the id le bias condition 10% from a zero bias condition with rf signal applied t off-dc = the time required for the bias curr ent (idle current) to decrease to < 100 a
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 3 power range truth table mode of operation v en v mode v cc power down / pa off low x on high power mode ? hpm (-50 dbm < p out +26 dbm) high high on low power mode ? lpm (-50 dbm < p out < +11 dbm) high low on tx to antenna port rf electrical characteristics 1 parameter conditions min. typ/nom max. units rf frequency 824.70 - 848.31 mhz maximum output power hpm, v cc =3.4 ? 4.2v, 25oc TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 4 tx to antenna port rf electrical characteristics 1 (cont.) parameter conditions min. typ/nom max. units code channel reverse plot power accuracy convolution encoding hpm, 5.5dbm p out , r-fch to r-pilot @ 9600 rate hpm, 5.5dbm p out , r-sch to r-pilot @ 9600 rate hpm, 5.5dbm p out , r-fch to r-pilot @ 19.2k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 19.2k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 38.4k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 38.4k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 76.8k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 76.8k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 153.6k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 153.6k rate 3.50 3.50 3.38 6.00 2.13 7.25 0.88 8.75 -1.00 10.25 - - - - - - - - - - 4.00 4.00 3.88 6.50 2.63 7.75 1.38 9.25 -0.50 10.75 code channel reverse pilot power accuracy turbo encoding hpm, 5.5dbm p out , r-fch to r-pilot @ 19.2k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 19.2k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 38.4k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 38.4k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 76.8k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 76.8k rate hpm, 5.5dbm p out , r-fch to r-pilot @ 153.6k rate hpm, 5.5dbm p out , r-sch to r-pilot @ 153.6k rate 3.250 5.250 2.250 6.750 1.125 8.250 -0.625 9.250 - - - - - - - - 3.750 5.750 2.750 7.250 1.625 8.750 -0.125 9.750 note 1: test conditions: v cc1 =3.8vdc, t c = 25 c unless otherwise specified. note 2 : with the module in high gain mode steps the rf signal from -80dbm a level such that po = pout (h). the rise time for the step in the input power to the module shall not exceed 250ns note 3 : total current integrated across cdma suburban cdg curve. note 4 : rise: time required to go from (pout ? 30 db) to (pout 1 db ); fall: time required to reach (pout ? 30 db) from (pout 1 db ) when input signal removed. note 5 : to be measured at pout = 26dbm. refer to is98e section 4.3.5. rx to antenna port rf electrical characteristics parameter conditions min. typ/nom max. units frequency 869 - 894 mhz insertion loss 869 ? 894 mhz, -30oc TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 5 tx to rx port rf electrical characteristics parameter conditions min. typ/nom max. units tx leakage 25 dbm, 3.8v, -30oc < t < 70oc - -32 -27 dbm coupled port rf electrical characteristics parameter conditions min. typ/nom max. units tx power at coupled port over freq relative to p out , 16dbm < p out < 26dbm, cpl_in = 50? , , -30oc < t < 85oc -23 -20 -17 dbc coupler loss cplin to cplout, 1850-1910 mhz - 1.3 - db output impedance - 50 - ? vswr hpm, coupled port - - 2.0:1 variation in delivered power 1 hpm, 3.5:1 @ all angles, 22dbm < p out < 26dbm -4.0 - 0.5 db temp variation hpm, 25dbm, 50 ? load at ant, 3.8v, -30oc < t < 85oc -0.5 - 0.5 db note 1: set the input power using a 50 ohm load, then measure variati on in output power for the same coupled power. the coupled power should be adjusted to remain constant.
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 6 pin out and assignments tx in gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd v cc v en v mode rx cpl out cpl in ant 20 1 top view (through package) nc pin symbol description 1 gnd ground 2 gnd ground 3 v cc supply voltage 4 cplout directional coupler out 5 cplin directional coupler in (coupler termination port) 6 gnd ground 7 gnd ground 8 gnd ground 9 ant duplexer ant port 10 gnd ground 11 gnd ground 12 rx duplexer rx output port 13 gnd ground 14 nc no connect 15 v mode control for mode change 16 v en enable control 17 gnd ground 18 tx_in tx input 19 gnd ground 20 gnd ground
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 7 applications information; tuning pr ocedures; board layout precautions triquint offers our customers the below evaluation boar d as a means for testing and analysis of the TQM613030. the evaluation board schematic and pi cture are provided for preliminary analysis and design. the following figures show the triquint application board and the schem atic of the board followed by the power-up/power-down sequence instructions (drawing to be updated to show bal rx port ? only change from below)
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 8 vmode2 v mode1 note: above is the application schematic fo r the tqm613029. this is included for reference in the advanced datasheet but will b e updated to the TQM613030 application schem atic on future datasheet revisions. applications information: power up/down sequences power-up sequence power-down sequence sequence pin description sequence pin description 1 v cc apply battery voltage 1 rf remove rf 2 v mode set pa mode bit 2 v en disable pa 3 v en enable pa 3 v mode set v mode = 0v 4 rf apply rf 4 v cc remove battery voltage
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 9 pc board layout recommendations
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 10 recommended reflow profile the TQM613030 is rated for 260oc reflow profile. below is a gener al recommendation for 260oc reflow. the specific profile used will need to take into account the requirements of the board, other com ponents, and the layout. the following recommendation should only be used as a guideline.
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 11 package dimensions package drawing
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 12 package marking TQM613030 1) line 1 : triquint + logo 2) line 2: product name: TQM613030 3) line 3: yyww = year/week [cccc = country code (product ion parts), engineering mark (must start w/ letter ?e?, engr (default) e#@# (engineering revision wi th 3 digits, where # = number, @ = letter), es#@ (engineering revision with 2 digits, where # = number, @ = letter))] 4) line 4: axxxxx (aa = vendor code, xxxx = lot number) tape and reel specification: 613017 carrier tape - 3m part # 3m053091, ao = 4.55mm, bo = 7.60mm, ko = 1.73mm, width = 16mm, pitch = 8mm cover tape - 3m part # 2678 13.3mm wide note: packaged quantity is 2,500 per reel
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data sheet for additional information and latest specifications, see our website: www.triquint.com revision d, april 26, 2010 13 shipment box & label description: tape & reels will be packaged in a dry-pack bag and then in a ship ment box. the box dimensions will depend on the number of ree ls shipped in each box and are noted in the table below. the box label and a description of each item on the label are also shown below. 13 inch x16mm--drypack box size reel qty/box empty box wt w/ packing 15x15x7 3 2 18x15x11 5 2.36 17x16x17 9 2.76 ship from: triquint semiconductor, inc 2300 ne brookwood parkway hillsboro, or 97124 ship to: recipient address information here (3s) pkg id: 581+23047123 (k) trans id: 812934657 (p) cpn: 5871-2489 (q) qty: 20000 (1p) spn: tqd777001 (13q) pkg count: 1/1 package weight 3.0 lb / 1.36 kg mpn: 1005859 supplier code: 10 character max. + tqs shipper number. (pkg. id/serial number) customer purchase order. 20 character max. customer part number. 22 character max. supplier product number. 21 character max. quantity. box count (1/3, 2/3, etc.) manufacturer's part number format: 4 * 6.5 in 102 * 166 mm code 39 1:2 all barcodes contain data identifier followed by data, e.g. k812934657
TQM613030 data sheet tritium ii pa-duplexer module ? cdma cellular band data shee for additional information and latest specifications, see our website: www.triquint.com t revision d, april 26, 2010 14 additional information 1 this part is compliant with rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). the part is rated moisture sensitivity level 3 at 260 c per jedec standard ipc/jedec j-std-020. 1 for latest specifications, additional product information, worldwide sales and distribution locations, and information about triquint: web: www.triquint.com tel: (503) 615-9000 email: info_wireless@tqs.com fax: (503) 615-8902 for technical questions and additional information on specific applications: email: info_wireless@tqs.com the information provided herein is believed to be reliable; triquint assumes no liability for inaccuracies or omissions. triqui nt assumes no responsibility for the use of this information, and all such information shall be entirely at the us er's own risk. prices and specifications are subject to change without notice. no patent rights or licenses to any of the circuits described herein are implied or granted to any third party. triquint does not authorize or warrant any triquint product for use in life-support devices and/or systems. copyright ? 2004 triquint semiconducto r, inc. all rights reserved 2008.


▲Up To Search▲   

 
Price & Availability of TQM613030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X