Part Number Hot Search : 
EV004 25LC0 AD7870SQ SPX116 CP301 M4S24HW 32100 0N40CL
Product Description
Full Text Search
 

To Download TM12864LBCW6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification for lcd module model no. tm12864l bc w6 prepared by: date: checked by : date: verified by : date: approved date: tianma microelectronics co., ltd ver. 1.0
1/21 ver. 1.0 revision record date ref. page revision no. revision items check & approval
2/21 ver. 1.0 1. general specifications: 1 . 1 d ispla y t y pe: stn 1.2 display color* 1 : display color: blue-black background : ye ll o w - g re en 1.3 polarizer mode: transflective/positive 1 . 4 v ie w ing a ngle: 6:00 1.5 driving method: 1/64 duty 1/9 bias 1.6 vdd: 5.0v 1.7 lcd operating voltage: 11.0v 1 . 8 backlight: led 1.9 controller: s6b0108a01-c0cx(ks0108bpcc) 1.10 data transfer: 8 bit parallel 1.11 operating temperature: -20----+70 storage temperature: -30----+80 1.12 outline dimensions: refer to outline drawing on next page 1.13 dot matrix: 128 x 64 dots 1.14 dot size: 0.48 x 0.48(mm) 1.15 dot pitch: 0.52 x 0.52(mm) 1.16 weight: 105g * 1 color tone is slightly changed by temperature and driving voltage.

4/21 ver. 1.0 3. lcd module part numbering system t m 12864 l b c w 6 modification code designator wide temp. range backlight type c : t r a n s f l e c t i v e , le d b a c k l i g h t lcd type b : ye ll o w - g ree n m od e s t n p o s i t i v e module series module type 5 digits indicating 128 columns x 64 rows t: tianma m: module
5/21 ver. 1.0 4. circuit block diagram
6/21 ver. 1.0 5. absolute maximum ratings item symbol min. max. unit remark power supply voltage v dd v ss -0.3 6.0 lcd driving voltage v lcd - 25.0 v operating temperature range t op -20 +70 storage temperature range t st -30 +80 no condensation
7 / 2 1 v e r . 1 . 0 6 . e l e c t r i c a l sp e c i f i c a t i o n s a n d i n s t r u c t i o n c o d e 6.1 electrical characteristics ite m s y m bol min . t y p . max . u n it suppl y v o ltage ( l ogic) v dd v ss 4 . 75 5 . 0 5 . 25 v suppl y v o ltage (lcd drive) v dd - v o - 11 . 0 - v h igh v i h v dd =5.0 0 . 8v dd - v dd +0.3 v input signal v o ltage l o w v i l v dd =5.0 0 - 0 . 2 v dd v suppl y current ( l ogic) i dd - 2 . 5 - m a suppl y current (lcd drive) i ee - 1 . 2 - m a suppl y current ( l ed ) i l e d - - 15 0 m a
8/21 ver. 1.0 6.2 interface signals pin no. symbol level description 1 v ss 0v ground 2 v dd 5.0v supply voltage for logic and lcd(+) 3 v o - operating voltage for lcd(-)(variable) 4 d/i h/l h:data;l:instruction code 5 r/w h/l selects read or write 6 e h/l enable input 7 db0 h/l data bit0 8 db1 h/l data bit1 9 db2 h/l data bit2 10 db3 h/l data bit3 11 db4 h/l data bit4 12 db5 h/l data bit5 13 db6 h/l data bit6 14 db7 h/l data bit7 15 cs1 l chip select signal 1 16 cs2 l chip select signal 2 17 rst l reset signal 18 v ee - negative voltage for lcd driving 19 l ed 1 - po w er supply for le d bac k light 20 le d 2 - po w er supply for le d bac k light
mpu interface characteristic symbol min typ max unit e cycle t c 1000 - - ns e high level width t wh 450 - - ns e low level width t wl 450 - - ns e rise time t r --25ns e fall time t f --25ns address set-up time t asu 140 - - ns address hold time t ah 10 - - ns data set-up time t dsu 200 - - ns data delay time t d - - 320 ns data hold time (write) t dhw 10 - - ns data hold time (read) t dhr 20 - - ns e r/w cs1b, cs2b cs3, rs db0-7 fig 1. mpu write timing 2.0v 0.8v t c t wl t wh t r t f t asu t ah t asu t ah t dsu t dhw 0.8v 2.0v 9/21 ver. 1.0 6.3 interface timing chart
e r/w cs1b,cs2b cs3, rs db0 ~db7 fig 2. mpu read timing t c t wl t wh t r t f t asu t asu t ah t ah t d t dhr 10/21 ver. 1.0
the display control instructions control the internal state of the ks0108b. instruction is received from mpu to ks0108b for the display control. the following table shows various instructions. instruction rs r/w db7 db6 db5 db4 db3 db2 db1 db0 function display on/off l l l l h h h h h l/h controls the display on or off. internal status and display ram data is not affected. l:off, h:on set address (y address) l l l h sets the y address in the y address counter. set page ( x address) l l h l h h h sets the x address at the x address register. display start line (z address) l l h h indicates the display data ram displayed at the top of the screen. status read l h b u s y l o n / o f f r e s e t l l l l read status. busy l: ready h: in operation on/off l: display on h: display off reset l: normal h: reset write display data h l writes data (db0:7) into display data ram. after writing instruction, y address is increased by 1 automatically. read display data h h reads data (db0:7) from display data ram to the data bus. y address (0~63) page (0~7) display start line (0~63) write data read data 11/21 ver. 1.0 6.4 instruction code
12/21 ver. 1.0 7. optical characteristics 7.1 optical characteristics ta=25 item symbol condition min. typ. max. unit x y =0 -30 -- 20 viewing angle y c r 2 x =0 -30 -- 30 deg contrast ratio c r x =0 y =0 3.0 - - turn on t on - - 300 response time turn off t off x =0 y =0 - - 300 ms
13/21 ver. 1.0 7.2 definition of optical characteristics 7.2.1 definition of viewing angle top top bottom bottom 7.2.2 definition of contrast ratio brightness state selected brightness state unselected = b2/b1 = ratio contrast measuring conditions: 1) ambient temperature: 25 ; 2) frame frequency: 64hz 7.2.3 definition of response time turn on time: t on = t d + t r turn off time: t off = t d + t f measuring condition: 1) operating voltage: 11.0v 2) frame frequency: 64hz
14/21 ver. 1.0 8. reliability 8.1 content of reliability test ta=25 no. test item content of test test condition 1 high temperature storage endurance test applying the high storage temperature for a long time 80 240h 2 low temperature storage endurance test applying the low storage temperature for a long time -30 240h 3 high temperature operation endurance test applying the electric stress (voltage current) and the thermal stress to the element for a long time 70 240h 4 low temperature operation endurance test applying the electric stress under low temperature for a long time -20 240h 5 high temperature /humidity storage endurance test applying the high temperature and high humidity storage for a long time 60 95%rh 240h 6 temperature cycle endurance test applying the low and high temperature cycle -30 25 80 25 30min 5min 30min 5min 1 cycle -30 /80 10 cycles 7 vibration test (package state) endurance test applying the vibration during transportation 10hz~500hz, 100m/s 2 , 120min 8 shock test (package state) endurance test applying the shock during transportation half- sine wave, 300m/s 2 , 18ms 9 atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air 25kpa 16h
15/21 ver. 1.0 8.2 failure judgment criterion test item no. criterion item 1 2 3 4 5 6 7 8 9 failure judgement criterion basic specification out of the basic specification electrical specification out of the electrical specification mechanical specification out of the mechanical specification optical characteristic out of the optical specification note for test item refer to 8.1 remark basic specification = optical specification + mechanical specification
16/21 ver. 1.0 9. quality level inspection examination or test at t a =25 (unless otherwise stated) min. max. unit il aql external visual inspection under normal illumination and eyesight condition, the distance between eyes and lcd is 25cm. see appendix a ii major 1.0 minor 2.5 display defects under normal illumination and eyesight condition, display on inspection. see appendix b ii major 1.0 minor 2.5 note: major defects: open segment or common, short, serious damages, leakage miner defects: others sampling standard conforms to gb2828
17/21 ver. 1.0 10. precautions for use of lcd modules 10.1 handling precautions 10.1.1 the display panel is made of glass. do not subject it to a mechanical shock by dropping it from a high place, etc. 10.1.2 if the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not to get any in your mouth, if the substance comes into contact with your skin or clothes, promptly wash it off using soap and water. 10.1.3 do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. 10.1.4 the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. 10.1.5 if the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry cloth. if still not completely clear, moisten cloth with one of the following solvents: isopropyl alcohol ethyl alcohol solvents other than those mentioned above may damage the polarizer. especially, do not use the following: water ketone aromatic solvents 10.1.6 do not attempt to disassemble the lcd module. 10.1.7 if the logic circuit power is off, do not apply the input signals. 10.1.8 to prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. a. be sure to ground the body when handling the lcd modules. b. tools required for assembly, such as soldering irons, must be properly ground. c. to reduce the amount of static electricity generated, do not conduct assembly and other work under dry conditions. d. the lcd module is coated with a film to protect the display surface. be care when peeling off this protective film since static electricity may be generated.
18/21 ver. 1.0 10.2 storage precautions 10.2.1 when storing the lcd modules, avoid exposure to direct sunlight or to the light of fluorescent lamps. 10.2.2 the lcd modules should be stored under the storage temperature range. if the lcd modules will be stored for a long time, the recommend condition is: temperature : 0 40 relatively humidity: 80% 10.2.3 the lcd modules should be stored in the room without acid, alkali and harmful gas. 10.3 the lcd modules should be no falling and violent shocking during transportation, and also should avoid excessive press, water, damp and sunshine.
19/21 ver. 1.0 appendix a inspection items and criteria for appearance defects items contents criteria leakage not permitted rainbow according to the limit specimen wrong polarizer attachment not permitted not counted max. 3 defects allowed polarizer bubble between polarizer and glass <0.3mm 0.3mm 0.5mm scratches of polarizer according to the limit specimen not counted max. 3 spots allowed x<0.2mm 0.2mm x 0.5mm black spot (in viewing area) x=(a+b)/2 not counted max. 3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 2.0mm max. 3 spots (lines) allowed progressive cracks not permitted
20/21 ver. 1.0 appendix b inspection items and criteria for display defects items contents criteria open segment or open common not permitted short not permitted wrong viewing angle not permitted contrast radio uneven according to the limit specimen crosstalk according to the limit specimen not counted max.3 dots allowed x<0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max.2 dots allowed pin holes and cracks in segment (dot) a<0.1mm 0.1mm a 0.2mm d<0.25mm max.3 dots allowed not counted max.3 spots allowed x<0.1mm 0.1mm x 0.2mm black spot (in viewing area) x=(a+b)/2 not counted max.3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 0.5mm max.3 spots (lines) allowed
21/21 ver. 1.0 appendix b inspection items and criteria for display defects (continued) items content criteria not counted max. 2 defects allowed x 0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max. 1 defects allowed a 0.1mm 0.1mm a 0.2mm d>0 max.3 defects allowed transfor- mation of segment max.2 defects allowed 0.8w a 1.2w a=measured value of width w=nominal value of width


▲Up To Search▲   

 
Price & Availability of TM12864LBCW6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X