8-outlet, 8-ft cord, 2160 joule, rj11 and coaxial protection - protect it! surge suppressor model number: TLP808TELTV description tripp lite's TLP808TELTV surge suppressor has 8 outlets, an 8-ft. cord with a space-saving right-angle plug, and diagnostic leds. the unit has a surge suppression rating of 2160 joules to handle the strongest surges. built-in rj11 jacks prevent surges from damaging your modem/fax/phone equipment. built-in 2.2ghz gold coax jacks prevent surges from damaging your cable/satellite equipment. $150,000 ultimate lifetime insurance (usa & canada only). features 8 outlets with integrated child safety covers; charcoal gray housing 8-ft. cord with space-saving right-angle plug built-in rj11 jacks (1 in/2 out) prevent surges from damaging your modem/fax/phone equipment; 6-ft. telephone cord included built-in 2.2ghz gold coax jacks prevent surges from damaging your cable/satellite equipment; 6-ft. gold coax cable included surge suppression rating: 2160 joules emi/rfi noise filtering can accommodate up to 3 transformers without blocking remaining outlets $150,000 ultimate lifetime insurance (usa and canada only) diagnostic leds indicate protection present & ground present audible alarm notifies user when the unit is damaged and needs to be replaced keyhole supports for wall mounting lighted power switch specifications overview intended application home/office, audio/video highlights 8 outlets / 8-ft. cord 2160 joule rating 2.2ghz gold coaxial surge protection modem/fax surge protection $150,000 ultimate lifetime insurance (usa & canada only) applications ideal for home computers, tv/vcr/dvd players, stereos and other important electrical equipment package includes TLP808TELTV 6-ft. telephone cord 6-ft gold coax cable instruction manual with warranty information 1 / 4
output frequency compatibility 50 / 60 hz output watts 1800 circuit breaker (amps) 15 outlet quantity / type 8 nema 5-15r transformer accommodation supports 3 large transformer plug accessories without covering remaining outlets, accepts up to 6 transformers total outlet safety covers includes built-in sliding outlet safety covers outlet orientation single row of 5, plus a second row of 3 for transformer accommodation input nominal input voltage(s) supported 120v ac recommended electrical service 120v (110-125v) input connection type nema 5-15p input plug features space-saving right angle input plug input cord length (ft.) 8 input cord length (m) 2.44 input cord gauge, type 14 gauge, sjt voltage compatibility (vac) 120 maximum surge amps 144000 leds alarms & switches switches combination ac circuit breaker and 2 position red illuminated on/off power switch diagnostic leds built-in leds confirm suppressor "protection present" (green) and "grounded" (red) status surge / noise suppression ac suppression joule rating 2160 ac suppression response time < 1 ns protection modes includes full normal mode (h-n) and common mode (n-g / h-g) line surge suppression clamping voltage (rms) 150 ul1449 let through rating 330/400/400 emi / rfi filtering up to 40 db dataline surge suppression telephone/dsl protection details 1 line cable (coax) protection yes 2 / 4
cable (coax) protection details 1 line network (ethernet) protection no physical shipping dimensions (hwd/in) 11.41 x 8.66 x 2.04 shipping dimensions (hwd/cm) 28.98 x 22.00 x 5.18 shipping weight (lbs) 2 shipping weight (kg) 0.91 unit dimensions (hwd/in) 4.86 x 9.55 x 1.51 unit dimensions (hwd/cm) 12.34 x 24.26 x 3.84 unit weight (lbs) 1.9 unit weight (kg) 0.86 material of construction plastic integrated keyhole mounting tabs keyhole mounting tabs enable wall mounting housing color dark gray receptacle color dark gray ac line cord color dark gray style strip outlets center to center measurement distance between standard outlets = 28.5mm; distance between transformer outlets = 57mm keyhole slot center to center measurement distance between horizontal tabs = 75mm; distance between vertical tabs = 41.6mm special features additional information pair of phone line output jacks serve as a line splitter to enable the protection of two devices sharing a single dialup phone line right-angle plug yes certifications ul1449 3rd edition (ac suppression) ul1449 3rd edition ul1363 (power tap) ul1363 ul497a (communications) ul497a fcc part 68 (communications) fcc part 68 cul / csa (canada) cul industry canada (communications) industry canada approvals exceeds ieee 587 category a&b specifications 3 / 4
warranty product warranty period (worldwide) lifetime limited warranty connected equipment insurance (u.s., canada & puerto rico) $150,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? TLP808TELTV
|