Part Number Hot Search : 
SRB1030 DTA12 ZL10354 ELM365SM D2001 DAC1653Q 244MT UPC1488
Product Description
Full Text Search
 

To Download TLP808NETG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection eco energy-saving surge suppressor model number: TLP808NETG description tripp lite's TLP808NETG offers reliable, green surge technology that protects your computer and peripherals, the environment and your wallet. the TLP808NETG offers a unique netbook switch that allows users to select wattage, so these are the only green surge suppressors compatible with all pcs, notebooks and netbooks. energy-saving outlet configuration reduces energy waste (phantom loads) by cutting ac power to unused peripherals. TLP808NETG offers 8 total outlets, 1-line tel/network data line to protect surges from damaging your modem/fax/100bt equipment, 8 foot cord with space-saving angled plug and diagnostic leds to warn of wiring problems and suppressor damage. network-grade ac suppression rated at 2160 joules shields equipment from surges and line noise. integrated child-safety outlet covers safely seal off unused outlets. attractive cool gray suppressor housing with keyhole mounting tabs and 3 designated transformer plug outlets offers convenient protection of desktop computer equipment and accessories. $150,000 connected equipment insurance (usa and canada only). plug/outlets: input: nema5-15p/output: 8 nema5-15r/8 ft. ac line cord electrical: 120v ac, 60hz, 15a (requires nema5-15r wall receptacle) format: corded multi-outlet strip with transformer spaced outlets suppression ac: 150v rms clamping/2160 joules features energy-saving outlet configuration reduces energy waste (phantom loads) byt cutting ac power to unused peripherals allows users to switch between green (auto) power save mode and standard (manual) surge protection mode 8 total ac outlets with room for 3 transformer plugs without blocking outlets covers computers and all peripherals "master" outlet controls power flow for 1 primary device and up to 5 peripheral devices five "power save" outlets cut ac power when not in use--perfect for non-essential peripherals like monitors, printers, scanners, speakers, lamps, etc. two "always-on" outlets provide continuous power for interminable devices such as modems, routers, external hard drives, cordless phones and fax machines 1-line tel/network data line protection to prevent surges from damaging your modem/fax/100bt equipment user-selectable wattage switch accommodates pcs, netbooks and other internet research tools 2160 joules ac surge suppression shields equipment from the strongest surges and line noise long 8 foot ac line cable with space-saving angle input plug conveniently reaches distant outlets lighted power switch with integrated 15 amp circuit breaker offers power control and overload protection integrated child-safety sliding outlet covers safely seal off all unused outlets highlights 8 outlets / 8-ft. cord 2160 joule rating auto/manual switch offers green energy savings or standard protection unique netbook switch allows user to select wattage 1-line tel/network protection $150,000 ultimate lifetime insurance (usa, puerto rico & canada only) applications ideal for any desktop, network or home computing application requiring ac protection. package includes TLP808NETG eco energy-saving surge suppressor 6-ft. tel/network cable instruction manual with warranty information 1 / 4
integrated child-safety sliding outlet covers safely seal off all unused outlets diagnostic leds confirm outlet grounding and surge suppression status attractive gray suppressor housing with keyhole mounting tabs allow versatile placement options $150,000 ultimate lifetime insurance (usa and canada only) specifications overview intended application green (energy-saving) output output watt capacity (watts) 1800 frequency compatibility 60 hz circuit breaker (amps) 15 outlet quantity / type 8 nema 5-15r transformer accommodation supports 3 large transformer plug accessories without covering remaining outlets outlet details includes built-in sliding safety covers outlet orientation single row of 5, plus a second row of 3 for transformer accommodation input nominal input voltage(s) supported 120v ac recommended electrical service 120v (110-125v) input connection type nema 5-15p input plug features space-saving right angle input plug input cord length (ft.) 8 input cord length (m) 2.4 input cord gauge, type 14 gauge, sjt voltage compatibility (vac) 120 maximum surge amps 144000 leds alarms & switches switches combination ac circuit breaker and 2 position red illuminated on/off power switch diagnostic leds built-in leds confirm suppressor "protection present" (green) and "grounded" (red) status surge / noise suppression ac suppression joule rating 2160 ac suppression response time < 1 ns 2 / 4
protection modes includes full normal mode (h-n) and common mode (n-g / h-g) line surge suppression clamping voltage (rms) 150 ul1449 let through rating 330 l-g, 400 l-n, 400 n-g emi / rfi filtering up to 40 db dataline surge suppression telephone/dsl protection yes network (ethernet) protection yes physical shipping dimensions (hwd/in) 2.05 x 8.66 x 11.4 shipping dimensions (hwd/cm) 5.21 x 22.00 x 28.99 shipping weight (lbs) 2.05 shipping weight (kg) 0.93 unit dimensions (hwd/in) 1.51 x 4.86 x 9.55 unit dimensions (hwd/cm) 3.84 x 12.34 x 24.26 unit weight (lbs) 1.87 unit weight (kg) 0.85 material of construction plastic integrated keyhole mounting tabs keyhole mounting tabs enable wall mounting housing color light gray receptacle color light gray ac line cord color light gray style strip outlets center to center measurement distance between standard outlets = 28.5mm; distance between transformer outlets = 57mm keyhole slot center to center measurement distance between horizontal slots = 75mm; distance between vertical slots = 41.6mm special features green & high efficiency features power saving auto-shutoff eco outlets right-angle plug yes certifications ul1449 3rd edition (ac suppression) ul1449 3rd edition ul1363 (power tap) ul1363 cul / csa (canada) cul 3 / 4
approvals exceeds ieee587 category a&b specifications warranty product warranty period (worldwide) lifetime limited warranty connected equipment insurance (u.s., canada & puerto rico) $150,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? TLP808NETG


▲Up To Search▲   

 
Price & Availability of TLP808NETG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X