? all specifications are subject to change without notice. conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. common mode filters(smd) for usb / lvds tcm series type: issue date: tcm0806g [0302 inch]* * dimensions code jis[eia] december 2010
all specifications are subject to change without notice. (1/2) 001-01 / 20101218 / e9712_tcm0806_g.fm common mode filters(smd) for high-speed differential signal line tcm series tcm0806g type features the tcm0806g (l0.85 w0.65 t0.40mm) is an ultra-compact common mode filter that is in the smallest class in the industry. by providing wide bandwidth (cutoff frequency: 3ghz) for differential mode, this product has almost no effect for high- speed differential signals and can suppress the radiated emission. this product contains no lead and supports lead-free soldering. applications high speed interface(lvds, ieee1394 and usb2.0) in electronics devices. portable audio, digital cellular phones, dvc, dsc, pdp/lcd/ dlp/pj tvs, dvd players, notebook pcs, amusement machines, etc. temperature range packaging style and quantities product identification (1) series name (2) dimensions l w (3) product identification number (4) impedance[at 100mhz] 900: 90 ? (5) number of line 2p: 2-line (6) packaging style t: ?180mm reel taping shapes and dimensions/circuit diagram/recommended pc board pattern electrical characteristics conformity to rohs directive operating ?25 to +85c packaging style quantity taping 10000 pieces/reel tcm 0806 g - 900 - 2p - t (1) (2) (3) (4) (5) (6) part no. common mode impedance ( ? ) [100mhz] dc resistance ( ? )[1 line] rated current idc(a)max. rated voltage edc(v)max. insulation resistance (m ? )min. tcm0806g-350-2p 3530% 1.1530% 0.10 10 10 tcm0806g-650-2p 6520% 2.5030% 0.10 10 10 tcm0806g-900-2p 9020% 2.7030% 0.10 10 10 0.85 0.05 0.65 0.05 0.4 0.05 0.27 0.1 0.5 0.1 4 1 3 2 weight: 1mg dimensions in mm 0.15typ. 0.2 +0.05 ? 0.1 0.5 0.9 0.3 0.3 dimensions in mm 1 4 2 3 no polarity conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
all specifications are subject to change without notice. (2/2) 001-01 / 20101218 / e9712_tcm0806_g.fm typical electrical characteristics impedance vs. frequency characteristics 1 10 100 1000 10000 10000 1000 100 1 10 impedance ( ? ) frequency ( mhz ) 900 common mode 650 common mode 350 common mode 900 differential mode 650 differential mode 350 differential mode
|