Part Number Hot Search : 
BP506 BAR5008 GBLC24I PE42721 17P10 18627232 STRLP 2N264
Product Description
Full Text Search
 

To Download STPS20M80C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2011 doc id 018724 rev 1 1/11 11 STPS20M80C power schottky rectifier features high junction temperature capability optimized trade-off between leakage current and forward voltage drop low leakage current avalanche capability specified insulated package to-220fpab ? insulated voltage: 2000 v ? package capacitance: 45 pf description this dual diode schottky rectifier is suited for high frequency switch mode power supply. packaged in to-220ab, i 2 pak, d 2 pak and to- 220fpab, this device is particularly suited for use in notebook, game station, lcd tv and desktop adapters, providing these applications with a good efficiency at both low and high load. figure 1. electrical characteristics (a) table 1. device summary symbol value i f(av) 2 x 10 a v rrm 80 v t j (max) 175 c v f (typ) 490 mv a. v arm and i arm must respect the reverse safe operating area defined in figure 13 . v ar and i ar are pulse measurements (t p < 1 s). v r , i r , v rrm and v f , are static characteristics a1 k a2 a1 a2 k a1 a2 k k a1 a2 k k to-220ab STPS20M80Ct to-220fpab STPS20M80Cfp i 2 pak STPS20M80Cr d 2 pak STPS20M80Cg-tr a1 a2 k i f 2 x i o i o i r i ar v f(i o ) v to v f(2xi o ) v f v i i v v r v rrm "reverse" "forward" v ar x x www.st.com
characteristics STPS20M80C 2/11 doc id 018724 rev 1 1 characteristics when the two diodes 1 and 2 are used simultaneously: t j (diode 1) = p(diode 1) x r th(j-c) (per diode) + p(diode 2) x r th(c) table 2. absolute ratings (limiting values, per diode, at t amb = 25 c unless otherwise specified) symbol parameter value unit v rrm repetitive peak reverse voltage 80 v i f(rms) forward rms current 30 a i f(av) average forward current, = 0.5 to-220ab, i 2 pak, d 2 pa k t c = 160 c t c = 155 c per diode per device 10 20 a to-220fpab t c = 135 c t c = 115 c per diode per device 10 20 i fsm surge non repetitive forward current t p = 10 ms sinusoidal t c = 25 c 220 a p arm (1) 1. for temperature or pulse time durat ion deratings, please refer to figure 3 and 4. more details regarding the avalanche energy measurements and diode validation in the avalanc he are provided in the application notes an1768 and an2025. repetitive peak avalanche power t j = 25 c, t p = 1 s 6700 w v arm (2) 2. see figure 13 maximum repetitive peak avalanche voltage t p < 1 s, t j < 150 c, i ar < 20.1 a 100 v v asm (2) maximum single pulse peak avalanche voltage t p < 1 s, t j < 150 c, i ar < 20.1 a 100 v t stg storage temperature range -65 to +175 c t j maximum operating junction temperature (3) 3. condition to avoid thermal runaway for a diode on its own heatsink 175 c table 3. thermal parameters symbol parameter value unit r th(j-c) junction to case to-220ab i 2 pa k , d 2 pa k per diode 2.0 c/w total 1.10 to-220fpab per diode 4.90 total 4.05 r th(c) coupling to-220ab i 2 pa k , d 2 pa k 0.20 c/w to-220fpab 3.20 dptot dtj < 1 rth(j-a)
STPS20M80C characteristics doc id 018724 rev 1 3/11 to evaluate the conduction losses use the following equation: p = 0.51 x i f(av) + 0.0115 x i f 2 (rms) table 4. static electrical characteristics (per diode) symbol parameter test conditions min. typ. max. unit i r (1) reverse leakage current t j = 25 c v r = v rrm - 7 30 a t j = 125 c - 6.2 20 ma v f (2) forward voltage drop t j = 25 c i f = 5 a - 0.555 0.610 v t j = 125 c - 0.490 0.530 t j = 25 c i f = 10 a - 0.670 0.740 t j = 125 c - 0.575 0.625 t j = 25 c i f = 20 a - 0.810 0.905 t j = 125 c - 0.670 0.740 1. pulse test: t p = 5 ms, < 2 % 2. pulse test: t p = 380 s, < 2 % figure 2. average forward power dissipation versus average forward current (per diode) figure 3. average forward current versus ambient temperature ( = 0.5, per diode) 0 1 2 3 4 5 6 7 8 9 0123456789101112 p (w) f(av) t = t / t p t p i (a) f(av) = 0.05 = 0.1 = 0.2 = 0.5 = 1 0 1 2 3 4 5 6 7 8 9 10 11 12 0 25 50 75 100 125 150 175 i (a) f(av) r th(j-a) = r th(j-c) to-220ab / i pak / d pak 22 to-220fpab t (c) amb figure 4. normalized avalanche power derating versus pulse duration figure 5. normalized avalanche power derating versus junction temperature 0.001 0.01 0.1 0.01 1 0.1 10 100 1000 1 p(t p ) p (1s) arm arm t (s) p 0 0.2 0.4 0.6 0.8 1 1.2 25 50 75 100 125 150 p(t) p (25 c) arm j arm t (c) j
characteristics STPS20M80C 4/11 doc id 018724 rev 1 figure 6. non repetitive surge peak forward current versus overload duration (maximum values, per diode) figure 7. non repetitive surge peak forward current versus overload duration (maximum values, per diode) 0 20 40 60 80 100 120 140 160 180 1.e-03 1.e-02 1.e-01 1.e+00 to-220ab / i pak / d pak 22 i m t = 0.5 t = 25 c c t = 75 c c t = 125 c c i (a) m t(s) 0 10 20 30 40 50 60 70 80 90 100 110 1.e-03 1.e-02 1.e-01 1.e+00 to-220fpab t = 25 c c t = 75 c c t = 125 c c i m t = 0.5 i (a) m t(s) figure 8. relative thermal impedance junction to case versus pulse duration figure 9. relative thermal impedance junction to case versus pulse duration (to-220fpab) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 single pulse to-220ab / i pak / d pak 22 z/r th(j-c) th(j-c) t (s) p 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 single pulse z/r th(j-c) th(j-c) t (s) p to-220fpab figure 10. reverse leakage current versus reverse voltage applied (typical values, per diode) figure 11. junction capacitance versus reverse voltage applied (typical values, per diode) 1.e+00 1.e+01 1.e+02 1.e+03 1.e+04 1.e+05 0 1020304050607080 i (a) r v (v) r t = 25 c j t = 50 c j t = 75 c j t = 125 c j t = 150 c j t = 100 c j 10 100 1000 1 10 100 f = 1 mhz v = 30 mv t = 25 c osc rms j c(pf) v (v) r
STPS20M80C characteristics doc id 018724 rev 1 5/11 figure 14. thermal resistance junction to ambient versus copper surface under tab for d 2 pak figure 12. forward voltage drop versus forward current (per diode) figure 13. reverse safe operating area (t p < 1 s and t j < 150 c) 0 2 4 6 8 10 12 14 16 18 20 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 (typical values) t = 125 c j (maximum values) t = 125 c j (maximum values) t = 25 c j i (a) fm v (v) fm 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0 100 105 110 115 120 125 130 135 140 145 150 i (a) arm i (v ) 150 c, 1 s arm arm v (v) arm 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 dpak 2 r (c/w) th(j-a) s (cm ) cu 2 epoxy printed board copper thickness = 35 m
package information STPS20M80C 6/11 doc id 018724 rev 1 2 package information epoxy meets ul94, v0 cooling method: by conduction (c) recommended torque value: 0.4 to 0.6 nm in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 5. to-220ab dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.066 f2 1.14 1.70 0.044 0.066 g 4.95 5.15 0.194 0.202 g1 2.40 2.70 0.094 0.106 h2 10 10.40 0.393 0.409 l2 16.4 typ. 0.645 typ. l4 13 14 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.20 6.60 0.244 0.259 l9 3.50 3.93 0.137 0.154 m 2.6 typ. 0.102 typ. dia. 3.75 3.85 0.147 0.151 a c d l7 dia l5 l6 l9 l4 f h2 g g1 l2 f2 f1 e m
STPS20M80C package information doc id 018724 rev 1 7/11 table 6. to-220fpab dimensions ref. dimensions millimeters inches min. max. min. max. a 4.4 4.9 0.173 0.192 b 2.5 2.9 0.098 0.114 d 2.45 2.75 0.096 0.108 e 0.4 0.7 0.016 0.028 f 0.6 1 0.024 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.205 g1 2.4 2.7 0.094 0.106 h 10 10.7 0.394 0.421 l2 16 typ. 0.630 typ. l3 28.6 30.6 1.126 1.205 l4 9.8 10.7 0.386 0.421 l6 15.8 16.4 0.622 0.646 l7 9 9.9 0.354 0.390 dia. 2.9 3.5 0.114 0.138 h l3 l2 l6 l7 g g1 f f1 f2 l4 d e a b dia.
package information STPS20M80C 8/11 doc id 018724 rev 1 figure 15. d 2 pak footprint (dimensions in mm) table 7. d 2 pak dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.017 0.024 c2 1.23 1.36 0.048 0.054 d 8.95 9.35 0.352 0.368 e 10.00 10.40 0.393 0.409 g 4.88 5.28 0.192 0.208 l 15.00 15.85 0.590 0.624 l2 1.27 1.40 0.050 0.055 l3 1.40 1.75 0.055 0.069 m 2.40 3.20 0.094 0.126 r 0.40 typ. 0.016 typ. v2 0 8 0 8 g l l3 l2 b b2 e * flat zone no less than 2mm a c2 d r a2 m v2 c a1 * 16.90 10.30 8.90 3.70 5.08 1.30
STPS20M80C package information doc id 018724 rev 1 9/11 table 8. i 2 pak dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 a1 2.40 2.72 0.094 0.107 b 0.61 0.88 0.024 0.035 b1 1.14 1.70 0.044 0.067 c 0.49 0.70 0.019 0.028 c2 1.23 1.32 0.048 0.052 d 8.95 9.35 0.352 0.368 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.195 0.203 e 10 10.40 0.394 0.409 l 13 14 0.512 0.551 l1 3.50 3.93 0.138 0.155 l2 1.27 1.40 0.050 0.055 e l2 l1 b1 d a1 c c2 a b e e1 l
ordering information STPS20M80C 10/11 doc id 018724 rev 1 3 ordering information 4 revision history table 9. ordering information order code marking package weight base qty delivery mode STPS20M80Ct STPS20M80Ct to-220ab 1.9 g 50 tube STPS20M80Cfp STPS20M80Cfp to-220fpab 2.0 g 50 tube STPS20M80Cr STPS20M80Cr i 2 pak 1.49 g 50 tube STPS20M80Cg-tr STPS20M80Cg d 2 pak 1.48 g 1000 tape and reel table 10. revision history date revision changes 11-apr-2011 1 first issue.
STPS20M80C doc id 018724 rev 1 11/11 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STPS20M80C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X