Part Number Hot Search : 
ON1690 2004A 16F88 MJ15024G 354388 HA1394 CMHZ4695 SAA56XX
Product Description
Full Text Search
 

To Download STK802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice. december 2006 rev 2 1/9 9 STK802 n-channel 30v - 0.0019 ? - 34a - polarpak ? stripfet? power mosfet general features ultra low top and bottom junction to case thermal resistance very low on resistance 100% rg tested fully incapsulated die in compliance with the 2002/95/ec european directive polarpak ? is a registered trademark of vishay description this power mosfet is the latest development of stmicroelectronics unique ?single feature size?? strip-based process. the resulting transistor shows extremely high packing density for low on- resistance, moreover the double sides cooling package with ultra low junction to case thermal resistance allows to handle higher levels of current. applications switching application internal schematic diagram type v dss r ds(on) r ds(on) *q g p tot STK802 30v <0.0025 ? 105.6nc*m ? 5.2w polarpak ? bottom view top view www.st.com order codes part number marking package packaging STK802 k802 polarpak ? tape & reel
electrical ratings STK802 2/9 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 30 v v gs (1) 1. continuous mode gate-source voltage 16 v v gs (2) 2. guaranteed for test time < 15ms gate-source voltage 18 v i d (4) drain current (continuous) at t c = 25c 34 a i d drain current (continuous) at t c = 100c 21 a i dm (3) 3. pulse width limited by package drain current (pulsed) 136 a p tot (4) 4. when mounted on fr-4 board of 1inch 2 , 2 oz cu and 10sec total dissipation at t c = 25c 5.2 w derating factor 0.0416 w/c t j t stg operating junction temperature storage temperature -55 to 150 c table 2. thermal data symbol parameter typ. max. unit rthj-amb (1) 1. when mounted on fr-4 board of 1inch 2 , 2 oz cu and 10sec thermal resistance junction-amb 20 24 c/w rthj-c (2) 2. steady state thermal resistance junction-case (top drain) 0.8 1 c/w rthj-c (3) 3. measured at source pin when the device is mounted on fr-4 board in steady state thermal resistance junction-case (source) 2.2 2.7 c/w
STK802 electrical characteristics 3/9 2 electrical characteristics (t case =25c unless otherwise specified) table 3. on/off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 30 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating,tc=125c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 16v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 12.5v r ds(on) static drain-source on resistance v gs = 10v, i d = 17a v gs = 4.5v, i d = 17a 0.0019 0.0024 0.0025 0.0031 ? ? table 4. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v, f=1 mhz, v gs =0 5940 890 67 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =15v, i d = 34a v gs =4.5v (see figure 2) 44 tbd tbd nc nc nc
electrical characteristics STK802 4/9 table 5. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 15v, i d = 17a, r g =4.7 ?, v gs =4.5v (see figure 1) tbd tbd ns ns t d(off) t f turn-off delay time fall time v dd =15v, i d = 17a, r g =4.7 ?, v gs =4.5v (see figure 1) tbd tbd ns ns table 6. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by package source-drain current source-drain current (pulsed) 34 136 a a v sd (2) 2. pulsed: pulse duration = 300s, duty cycle 1.5% forward on voltage i sd = 17a, v gs =0 1.2 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 34a, di/dt = 100a/s, v dd =20v, tj=150c (see figure 6) tbd tbd tbd ns nc a
STK802 test circuits 5/9 3 test circuits figure 1. switching times test circuit for resistive load figure 2. gate charge test circuit figure 3. test circuit for inductive load switching and diode recovery times figure 4. unclamped inductive load test circuit figure 5. unclamped inductive wavefo rm figure 6. switching time waveform
package mechanical data STK802 6/9 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
STK802 package mechanical data 7/9 ref. mm inch min. typ. max. min. typ. max. a 0.75 0.80 0.85 0.030 0.031 0.033 a1 0.05 0.002 b1 0.48 0.58 0.68 0.019 0.023 0.027 b2 0.41 0.51 0.61 0.016 0.020 0.024 b3 2.19 2.29 2.39 0.086 0.090 0.094 b4 0.89 1.04 1.19 0.035 0.041 0.047 b5 0.23 0.33 0.43 0.009 0.013 0.017 c 0.20 0.25 0.30 0.008 0.010 0.012 d 6 6.15 6.30 0.236 0.242 0.248 d1 5.74 5.89 6.04 0.226 0.232 0.238 e 5.01 5.16 5.31 0.197 0.203 0.209 e1 4.75 4.90 5.05 0.187 0.193 0.199 h1 0.23 0.009 h2 0.45 0.56 0.020 0.022 h3 0.31 0.41 0.51 0.012 0.016 0.020 h4 0.45 0.56 0.020 0.022 k1 4.22 4.37 4.52 0.166 0.172 0.178 k2 1.08 1.13 1.18 0.043 0.044 0.046 k3 1.37 0.054 k4 0.24 0.009 m1 4.30 4.50 4.70 0.169 0.177 0.185 m2 3.43 3.58 3.73 0.135 0.141 0.147 m3 0.22 0.009 m4 0.05 0.002 p1 0.15 0.20 0.25 0.006 0.008 0.010 t1 3.48 3.64 4.10 0.137 0.143 0.150 t2 0.56 0.76 0.95 0.22 0.030 0.037 t3 1.20 0.051 t4 3.90 0.154 t5 0.18 0.36 0.007 0.014 < 0 10 12 0 10 12 polarpak ? (option ?l?) mechanical data
revision history STK802 8/9 5 revision history table 7. revision history date revision changes 10-oct-2006 1 first version 19-dec-2006 2 small text changes, update test conditions ( table 1. , table 3. , table 4. , ta bl e 5 . , table 6. )
STK802 9/9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STK802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X