Part Number Hot Search : 
M3Z5524 CS18186 SG113 RP16100 2SK711 00BZX 74AC11SJ SF1101A
Product Description
Full Text Search
 

To Download STD30NE06LT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  std30ne06l n - channel 60v - 0.025 w - 30a to-252 stripfet ? power mosfet n typical r ds(on) = 0.025 w n exceptional dv/dt capability n 100% avalanche tested n low gate charge 100 o c n application oriented characterization n add suffix "t4" for ordering in tape & reel description this power mosfet is the latest development of stmicroelectronics unique "single feature size ? " strip-based process. the resulting transi- stor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a re- markable manufacturing reproducibility. applications n high current, high speed switching n solenoid and relay drivers n motor control, audio amplifiers n dc-dc & dc-ac converters ? internal schematic diagram may 1999 absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 60 v v dgr drain- gate voltage (r gs = 20 k w )60v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25 o c30a i d drain current (continuous) at t c = 100 o c21a i dm ( ) drain current (pulsed) 120 a p tot total dissipation at t c = 25 o c55w derating factor 0.37 w/ o c dv/dt ( 1 ) peak diode recovery voltage slope 7 v/ns t stg storage temperature -65 to 175 o c t j max. operating junction temperature 175 o c ( ) pulse width limited by safe operating area ( 1 ) i sd 30a, di/dt 300 a/ m s, v dd v (br)dss , tj t jmax type v dss r ds(on) i d std30ne06l 60 v < 0.03 w 30 a 1 3 dpak to-252 (suffix "t4") 1/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
thermal data r thj-pcb r thj-amb r thj-sink t l thermal resistance junction-pc board max thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 2.72 100 1.5 275 o c/w o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 30 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 25 v) 100 mj electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 125 o c 1 10 m a m a i gss gate-body leakage current (v ds = 0) v gs = 20 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a 1 1.7 2.5 v r ds(on) static drain-source on resistance v gs = 10 v i d = 15 a v gs = 5 v i d = 15 a 0.022 0.025 0.028 0.030 w w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 30 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d = 15 a 15 25 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 v 2370 350 90 pf pf pf std30ne06l 2/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 30 v i d = 15 a r g = 4.7 w v gs = 5 v (resistive load, see fig. 3) 27 100 50 135 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 30 v i d = 30 a v gs = 5 v 31 13 13.5 41 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 48 v i d = 30 a r g = 4.7 w v gs = 5 v (inductive load, see fig. 5) 20 45 72 27 60 100 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 30 120 a a v sd ( * ) forward on voltage i sd = 30 a v gs = 0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 30 a di/dt = 100 a/ m s v dd = 30 v t j = 150 o c (see test circuit, fig. 5) 55 0.1 3.5 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area safe operating area thermal impedance std30ne06l 3/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
output characteristics transconductance gate charge vs gate-source voltage transfer characteristics static drain-source on resistance capacitance variations std30ne06l 4/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
normalized gate threshold voltage vs temperature source-drain diode forward characteristics normalized on resistance vs temperature std30ne06l 5/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuits for resistive load fig. 2: unclamped inductive waveform fig. 4: gate charge test circuit fig. 5: test circuit for inductive load switching and diode recovery times std30ne06l 6/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b2 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l2 0.8 0.031 l4 0.6 1 0.023 0.039 == d l2 l4 1 3 == b e == b2 g 2 a c2 c h a1 detail "a" a2 detail "a" to-252 (dpak) mechanical data 0068772-b std30ne06l 7/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this pu blication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicr oelectronics. the st logo is a trademark of stmicroelectronics ? 1999 stmicroelectronics C printed in italy C all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the neth erlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . std30ne06l 8/8 obsolete product(s) - obsolete product(s) obsolete product(s) - obsolete product(s)


▲Up To Search▲   

 
Price & Availability of STD30NE06LT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X