Part Number Hot Search : 
MCA002 46R48 FVIR1 AN44067A 46R48 H0009NL AN44063A AAYP37
Product Description
Full Text Search
 

To Download SPP3481ST6RG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description applications the spp3481 is the p-channel logic enhancement mode power field effect transistors are produced using high cell density , dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application such as cellular phone and notebook computer power management and other battery powered circuits, and low in-line power loss are needed in a very small outline surface mount package. z power management in note book z portable equipment z battery powered system z dc/dc converter z load switch z dsc z lcd display inverter features pin configuration(tsop-6p) part marking ? -30v/-5.2a,r ds(on) = 55m ? @v gs =- 10v ? -30v/-4.2a,r ds(on) = 75m ? @v gs =-4.5v ? super high density cell design for extremely low r ds (on) ? exceptional on-resistance and maximum dc current capability ? tsop-6p package design spp3481 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
pin description pin symbol description 1 d drain 2 d drain 3 g gate 4 s source 5 d drain 6 d drain ordering information part number package part marking SPP3481ST6RG tsop-6p 81yw week code : a ~ z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPP3481ST6RG : tape reel ; pb ? free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit drain-source voltage v dss -30 v gate ?source voltage v gss 20 v t a =25 -5.2 continuous drain current(t j =150 ) t a =70 i d -4.2 a pulsed drain current i dm -20 a continuous source current(diode conduction) i s -1.7 a t a =25 2.0 power dissipation t a =70 p d 1.3 w operating junction temperature t j 150 storage temperature range t stg -55/150 thermal resistance-junction to ambient r ja 90 /w spp3481 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
spp3481 electrical characteristics (t a =25 unle ss otherwise noted) parameter symbol conditions min. typ max. unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =-250ua -30 gate threshold voltage v gs(th) v ds =v gs ,i d =-250ua -1.0 -3.0 v gate leakage current i gss v ds =0v,v gs =20v 100 na v ds =-24v,v gs =0v -1 zero gate voltage drain current i dss v ds =-24v,v gs =0v t j =55 -10 ua on-state drain current i d(on) v ds Q -5v,v gs =-10v -10 a v gs =- 10v,i d =-5.2a 0.042 0.055 drain-source on-resistance r ds(on) v gs =-4.5v,i d =-4.2a 0.058 0.075 ? forward transconductance gfs v ds =-5.0v,i d =-4.0a 10 s diode forward voltage v sd i s =-1.0a,v gs =0v -0.8 -1.2 v dynamic total gate charge q g 14 21 gate-source charge q gs 1.9 gate-drain charge q gd v ds =-15v,v gs =-10v i d -4.0a 3.7 nc input capacitance c iss 540 output capacitance c oss 131 reverse transfer capacitance c rss v ds =-15v,v gs =0v f=1mhz 105 pf t d(on) 10 15 turn-on time t r 15 25 t d(off) 31 50 turn-off time t f v dd =-15v,r l =15 ? i d -1.0a,v gen =-10v r g =6 ? 20 30 ns smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SPP3481ST6RG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X