Part Number Hot Search : 
8XC152JB T201113 1206FB X24008 G2030 TM6119 LW3021A W86L488Y
Product Description
Full Text Search
 

To Download SMMBD7000LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 november, 2011 ? rev. 6 1 publication order number: mmbd7000lt1/d mmbd7000lt1g, SMMBD7000LT1G, mmbd7000lt3g, smmbd7000lt3g dual switching diode features ? aec ? q101 qualified and ppap capable ? s prefix for automotive and other applications requiring unique site and control change requirements ? these devices are pb ? free, halogen free/bfr free and are rohs compliant* maximum ratings (each diode) rating symbol value unit reverse voltage v r 100 vdc forward current i f 200 madc peak forward surge current i fm(surge) 500 madc stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. thermal characteristics characteristic symbol max unit total device dissipation fr ? 5 board (note 1)t a = 25 ? c derate above 25 ? c p d 225 1.8 mw mw/ ? c thermal resistance, junction to ambient r  ja 556 ? c/w total device dissipation alumina substrate, (note 2) t a = 25 ? c derate above 25 ? c p d 300 2.4 mw mw/ ? c thermal resistance, junction ? to ? ambient r  ja 417 ? c/w junction and storage temperature t j , t stg ? 55 to +150 ? c 1. fr ? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com marking diagram sot ? 23 (to ? 236) case 318 style 11 device package shipping ? ordering information mmbd7000lt1g sot ? 23 (pb ? free) 3,000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. 1 anode 3 cathode/anode 2 cathode mmbd7000lt3g sot ? 23 (pb ? free) 10,000 / tape & reel 1 m5c m   m5c = specific device code m = date code*  = pb ? free package *date code orientation and/or overbar may vary depending upon manufacturing location. (note: microdot may be in either location) SMMBD7000LT1G sot ? 23 (pb ? free) 3,000 / tape & reel smmbd7000lt3g sot ? 23 (pb ? free) 10,000 / tape & reel
mmbd7000lt1g, SMMBD7000LT1G, mmbd7000lt3g, smmbd7000lt3g http://onsemi.com 2 electrical characteristics (t a = 25 ? c unless otherwise noted) (each diode) characteristic symbol min max unit off characteristics reverse breakdown voltage (i (br) = 100  adc) v (br) 100 ? vdc reverse voltage leakage current (v r = 50 vdc) (v r = 100 vdc) (v r = 50 vdc, 125 ? c) i r i r2 i r3 ? ? ? 1.0 3.0 100  adc forward voltage (i f = 1.0 madc) (i f = 10 madc) (i f = 100 madc) v f 0.55 0.67 0.75 0.7 0.82 1.1 vdc reverse recovery time (i f = i r = 10 madc) (figure 1) t rr ? 4.0 ns capacitance (v r = 0 v) c ? 1.5 pf notes: 1. a 2.0 k  variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2.0 k 820 ?  0.1  f dut v r 100  h 0.1  f 50  output pulse generator 50  input sampling oscilloscope t r t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit
mmbd7000lt1g, SMMBD7000LT1G, mmbd7000lt3g, smmbd7000lt3g http://onsemi.com 3 curves applicable to each diode figure 2. forward voltage v f , forward voltage (volts) 1.0 10 100 0.1 figure 3. leakage current v r , reverse voltage (volts) 10 0 i 1.0 0.1 0.001 0.01 10 20 30 40 50 i 1.0 1.2 0.2 0.4 0.6 0.8 figure 4. capacitance v r , reverse voltage (volts) 0 c 0.68 0.64 0.60 0.52 0.56 2.0 4.0 6.0 8.0 , forward current (ma) f t a = 85 ? c t a = -40 ? c t a = 25 ? c , reverse current ( a) r  , diode capacitance (pf) d t a = 25 ? c t a = 55 ? c t a = 85 ? c t a = 150 ? c t a = 125 ? c
mmbd7000lt1g, SMMBD7000LT1G, mmbd7000lt3g, smmbd7000lt3g http://onsemi.com 4 package dimensions sot ? 23 (to ? 236) case 318 ? 08 issue ap d a1 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs.  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 soldering footprint view c l 0.25 l1  e e e b a see view c dim a min nom max min millimeters 0.89 1.00 1.11 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.37 0.44 0.50 0.015 c 0.09 0.13 0.18 0.003 d 2.80 2.90 3.04 0.110 e 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 l 0.10 0.20 0.30 0.004 0.040 0.044 0.002 0.004 0.018 0.020 0.005 0.007 0.114 0.120 0.051 0.055 0.075 0.081 0.008 0.012 nom max l1 h 2.10 2.40 2.64 0.083 0.094 0.104 h e 0.35 0.54 0.69 0.014 0.021 0.029 c 0 ??? 10 0 ??? 10  ? ? ? ? style 11: pin 1. anode 2. cathode 3. cathode ? anode on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mmbd7000lt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of SMMBD7000LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X