Part Number Hot Search : 
R8C2L R3M50V4 QS3389Q8 1012S 92PU52 CD5374B PTC10002 L56BGD
Product Description
Full Text Search
 

To Download SFAF808G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 264 -  
                         
                               

sfaf801g thru SFAF808G isolation 8.0 amps. glass passivated super fast rectifiers voltage range 50 to 600 volts current 8.0 amperes f eatures  low forward voltage drop  high current capability  high reliability  high surge current capability m echanical data  cases: ito-220ac molded plastic  epoxy: ul 94v-o rate flame retardant  terminals: leads solderable per mil-std-202, method 208 guaranteed  polarity: as marked  high temperature so ldering guaranteed: 260 o c/10 seconds 0.25?,(6.35mm) from case.  weight: 2.24 grams  mounting torque: 5 in ? 1bs. max. ito-220ac dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sfaf 801g sfaf 802g sfaf 803g sfaf 804g sfaf 805g sfaf 806g sfaf 807g sfaf 808g units maximum recurrent peak reverse voltage v rrm 50 100 150 200 300 400 500 600 v maximum rms voltage v rms 35 70 105 140 210 280 350 420 v maximum dc blocking voltage v dc 50 100 150 200 300 400 500 600 v maximum average forward rectified current @t c = 100 i (av) 8.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 a maximum instantaneous forward voltage @ 8.0a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 400 ua ua maximum reverse recovery time (note 1) trr 35 ns typical junction capacitance (note 2) cj 90 60 pf typical thermal resistance (note 3) r jc 4.0 /w operating temperature range t j -65 to +150 storage temperature range t stg -65 to +150 notes: 1 . reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applie d reverse voltage of 4.0 v d.c. 3. mounted on heatsink size of 2 in x 3 in x 0.25 in al-plate. free datasheet http://
- 265 - ratings and characteristic curves (sfaf801g thru SFAF808G) fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2 4 6 8 10 case temperature. ( c) o fig.3- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 1000 0.1 1 10 100 percent of rated peak reverse voltage. (%) tj=75 c 0 tj=100 c 0 fig.4- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 150 120 90 60 30 0 number of cycles at 60hz tj=125 c 0 8.3ms single half sine wave jedec method fig.5- typical junction capacitance capacitance.(pf) 15 2 10 20 50 100 200 500 50 60 70 80 90 100 reverse voltage. (v) tj=25 c 0 sfaf801g~sf af804g sfaf805g~sf af808g 1000 40 tj=25 c 0 fig.6- typical forward characteristics instantaneous for ward current . (a) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 0.03 1 0.3 10 3 30 100 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o sfaf801g ~sf af804g sfaf805g~sff a806g sfaf807g~sf af808g free datasheet http://


▲Up To Search▲   

 
Price & Availability of SFAF808G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X