Part Number Hot Search : 
TKD28A SB5045 CM110 TKD13A 2M36Z 2M36Z OMH3040B CSND691
Product Description
Full Text Search
 

To Download SF1056B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 5 ?2011 by rf monolithics, inc. SF1056B - 3/16/11 electrical characteristics characteristic sym notes min typ max units center frequency f c 110.592 mhz insertion loss il 8.6 10.0 db 3 db bandwidth bw 3 1.152 1.44 mhz group delay ripple, 110.016 to 111.168 mhz 150 200 ns p-p 40 db bandwidth bw 40 6.7 7.0 mhz rejection: db dc to 107.192 mhz 38 42 107.192 to 108.864 mhz 28 42 112.320 to 113.992 mhz 28 34 113.992 to 200 mhz 38 42 source impedance for l-l matching network 50 ohm load impedance for l-l matching network 50 ohm case style smp-03 5 x 7 mm nominal footprint lid symbolization (y=year, ww=week, s=shift) see note 3 rfm SF1056B ywws smp-03 ? 110.592 mhz narrow-band saw filter  steep transition to stopband  hermetic 5 x 7 mm surface mount case  complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units incident power in passband +10 dbm dc voltage on any non-ground terminal 3 vdc operating temperature range -40 to +80 c storage temperature range in tape and reel -40 to +85 c soldering profile, 5 cycles maximum 265 c for 10 s 110.592 mhz saw filter SF1056B 1. unless noted otherwise, all specifications apply over the operating temper- ature range with filter soldered to the specified demonstration board with impedance matching to 50 ? and measured with 50 ? network analyzer. a db offset exists for rfm because of the loss introduced by using trans- formers on the input and output. 2. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is dependent on pcb layout and external impedance matching design. see application note no. 42 for details. 3. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 4. the design, manufacturing process, and specifications of this filter are subject to change. 5. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 6. us and international patents may apply. 7. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. caution: electrostatic sensitive device. observe precautions for handling. notes: preliminary pb
www.rfm.com e-mail: info@rfm.com page 2 of 5 ?2011 by rf monolithics, inc. SF1056B - 3/16/11 filter passband plot filter transition bandwidth plot
www.rfm.com e-mail: info@rfm.com page 3 of 5 ?2011 by rf monolithics, inc. SF1056B - 3/16/11 filter group delay plot                 
    
             
                  
www.rfm.com e-mail: info@rfm.com page 4 of 5 ?2011 by rf monolithics, inc. SF1056B - 3/16/11 case dimensions electrical connections case materials dimension mm inches min nom max min nom max a 6.80 7.00 7.20 0.268 0.276 0.283 b 4.80 5.00 5.20 0.189 0.197 0.205 c 1.65 2.00 0.065 0.079 d .47 0.60 .73 0.019 0.024 0.029 e 2.41 2.54 2.67 0.095 0.100 0.105 h 0.87 1.0 1.13 0.034 0.039 0.044 j 0.87 1.0 1.13 0.034 0.039 0.044 k 4.87 5.00 5.13 0.192 0.197 0.202 p 2.87 3.00 3.13 0.113 0.118 0.123 connection terminals port 1 balanced input 1 balanced input 10 port 2 balanced output 5 balanced output 6 ground all others materials solder pad plating 0.3 to 1.0 m gold over 1.27 to 8.89 m nickel lid plating 2.0 to 3.0 m nickel body al 2 o 3 ceramic pb free 10-terminal ceramic surface-mount case 5 x 7 mm nominal footprint smp-03 case h c d p b a e 1 0 1 9 8 7 6 2 3 4 5 2 3 4 9 7 9 8 7 9 7 6 5 1 10 top view b ottom view recommended pcb footprint
www.rfm.com e-mail: info@rfm.com page 5 of 5 ?2011 by rf monolithics, inc. SF1056B - 3/16/11 tape and reel specifications ?b? nominal size quantity per reel inches millimeters 7 178 500 13 330 2000 user direction of feed component orientation and dimensions carrier tape dimensions ao 9.4 mm bo 7.4 mm ko 2.0 mm pitch 8.0 mm w 16.0 mm pin #1 see detail "a" 1 3 . 0 2 0 . 2 2.0 12.0 1 0 0 r e f . " b " r e f .


▲Up To Search▲   

 
Price & Availability of SF1056B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X