Part Number Hot Search : 
MICONDUC AX111 74HC24 5NF060 045CT AD8174 GS1086 MAX334
Product Description
Full Text Search
 

To Download SF1056A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF1056A 112904 electrical characteristics characteristic sym notes min typ max units nominal center frequency f c 1 110.592 mhz passband insertion loss at fc il 8.5 10.0 db 3 db passband bw 3 1, 2 576 750 khz group delay variation over fc 576 khz gdv <150 200 ns p-p rejection fc-3.4 to fc-1.728 and fc+1.728 to fc+3.4 mhz 1, 2, 3 28 40 db dc to fc-3.4 and fc+3.4 to 200 mhz 40 >45 ultimate 45 operating temperature range t a 1 -10 +60 c impedance matching to 50 w unbalanced external l-c case style sm13365-12 13.3 x 6.5 mm nominal footprint lid symbolization (yy=year, ww=week) see note 4 rfm SF1056A yyww sm13365-12 ? designed for dect and wlan if applications ? low insertion loss ? excellent size-to-performance ratio ? hermetic 13.3 x 6.5 mm surface-mount case ? unbalanced input and output ? complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum incident power in passband +10 dbm max. dc voltage between any 2 terminals 30 vdc storage temperature range -40 to +85 c suitable for lead-free soldering - max soldering profile 260c for 30 s 110.592 mhz saw filter SF1056A 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to 50 w and measured with 50 w network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nom- inal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the pass- band. rejection in final user application is dependent on pcb layout and exter- nal impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. 9. ?copyright 1999, rf monolithics inc. 10. electrostatic sensitive device. observe precautions for handling. notes: connection terminals port 1hot 2 port 1 gnd return 3 port 2 hot 8 port 2 gnd return 9 case ground all others electrical connections pb
110.592 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF1056A 112904
110.592 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF1056A 112904 tape and reel specifications quantity per reel 100 min 1000 max user direction of feed component orientation and dimensions carrier tape dimensions ao 7.0 mm bo 13.8 mm ko 2.0 mm pitch 12.0 mm w 24.0 mm pin #1 see detail "a" 13.0 20.2 2.0 12.0 100 ref. "b" ref. 21.0 2 5 4 24.4
110.592 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF1056A 112904 sm13365-12 case case dimensions dimension mm inches min nom max min nom max a 13.08 13.31 13.60 0.515 0.524 0.535 b 6.27 6.50 6.80 0.247 0.256 0.268 c 1.91 2.00 0.075 0.079 d 1.50 0.059 e 0.79 0.031 h 1.0 0.039 p 2.54 0.100 12-terminal ceramic surface-mount case 13.3 x 6.5 mm nominal footprint materials solder pad termination au plating 30 - 60 inches (76.2-152 m) over 80- 200 inches (203-508 m) ni. lid fe-ni-co alloy electroless nickel plate (8-11% phosphorus) 100-200 inches thick body al 2 o 3 ceramic pb free electrical connections connection terminals port 1 input or return 2 return or input 3 port 2 output or return 8 return or output 9 ground all others single ended operation return is ground differential operation return is hot c h p (8 places) e (10 places) d b a 4 5 6 7 1 12 11 10 3 9 8 2 top view bottom view 2 3 8 9 1 12 11 10 4 5 6 7



2u874 scale sheet of a fscm no. size dwg no. rev none w/o or ecn SF1056A-demo a 1 2 7202 p ar t identifier description 1 description 2 qty/assy reference description SF1056A-demo demo board, SF1056A SF1056A-000 assy digram, demo board SF1056A 0 400-0735-001 pcb, demo board, 13.3 x 6.5 1.0000 pcb1 500-0003-750 cap ,chip, npo, 75 (j), std 1.0000 c 1 500-0003-560 cap, chip, npo, 56 (j), std 1.0000 c 2 500-0010-470 ind, chip, 1008cs, 47 nh, 10% 1.0000 l 1 500-0010-680 ind, chip, 1008cs, 68 nh, 10% 1.0000 l 2 500-0248-001 conn,coax,flange mt.jack 4 hole 2.0000 j 1,2 bill of materials
2u874 scale sheet of a fscm no. size dwg no. rev none w/o or ecn SF1056A-demo a 2 2 7202 rev ecn date description a 7202 12/07/98 initial release rev history


▲Up To Search▲   

 
Price & Availability of SF1056A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X