Part Number Hot Search : 
PG601R BA5104A V600AT N5232 1300A 2SA885 ISL82 218YPA
Product Description
Full Text Search
 

To Download SEMIX453GAR12E4S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SEMIX453GAR12E4S ? by semikron rev. 4 ? 16.12.2009 1 semix ? 3s gar trench igbt modules SEMIX453GAR12E4S features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications* ? ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ? absolute maximum ratings symbol conditions values unit igbt v ces 1200 v i c t j = 175 c t c =25c 683 a t c =80c 526 a i cnom 450 a i crm i crm = 3xi cnom 1350 a v ges -20 ... 20 v t psc v cc = 800 v v ge 20 v v ces 1200 v t j = 150 c 10 s t j -40 ... 175 c inverse diode i f t j = 175 c t c =25c 544 a t c =80c 407 a i fnom 450 a i frm i frm = 3xi fnom 1350 a i fsm t p = 10 ms, sin 180, t j =25c 2430 a t j -40 ... 175 c freewheeling diode i f t j = 175 c t c =25c 544 a t c =80c 407 a i fnom 450 a i frm i frm = 3xi fnom 1350 a i fsm t p = 10 ms, sin 180, t j =25c 2430 a t j -40 ... 175 c module i t(rms) 600 a t stg -40 ... 125 c v isol ac sinus 50hz, t = 1 min 4000 v characteristics symbol conditions min. typ. max. unit igbt v ce(sat) i c =150a v ge =15v chiplevel t j =25c 1.8 2.05 v t j = 150 c 2.2 2.4 v v ce0 t j =25c 0.8 0.9 v t j = 150 c 0.7 0.8 v r ce v ge =15v t j =25c 2.2 2.6 m ? t j = 150 c 3.3 3.6 m ? v ge(th) v ge =v ce , i c =18ma 5 5.8 6.5 v i ces v ge =0v v ce = 1200 v t j =25c 0.1 0.3 ma t j = 150 c ma c ies v ce =25v v ge =0v f=1mhz 27.9 nf c oes f=1mhz 1.74 nf c res f=1mhz 1.53 nf q g v ge =- 8 v...+ 15 v 2550 nc r gint t j =25c 1.67 ?
SEMIX453GAR12E4S 2 rev. 4 ? 16.12.2009 ? by semikron t d(on) v cc = 600 v i c =450a r g on =1.9 ? r g off =1.9 ? di/dt on = 4000 a/s di/dt off = 5000 a/s t j = 150 c 336 ns t r t j = 150 c 80 ns e on t j = 150 c 45 mj t d(off) t j = 150 c 615 ns t f t j = 150 c 130 ns e off t j = 150 c 66.5 mj r th(j-c) per igbt 0.065 k/w inverse diode v f = v ec i f =450a v ge =0v chip t j =25c 2.1 2.46 v t j = 150 c 2.1 2.4 v v f0 t j =25c 1.1 1.3 1.5 v t j = 150 c 0.7 0.9 1.1 v r f t j =25c 1.4 1.9 2.1 m ? t j = 150 c 2.2 2.6 2.8 m ? i rrm i f =450a di/dt off = 5000 a/s v ge =-15v v cc = 600 v t j = 150 c 350 a q rr t j = 150 c 70 c e rr t j = 150 c 28 mj r th(j-c) per diode 0.11 k/w freewheeling diode v f = v ec i f =450a v ge =0v chip t j =25c 2.1 2.5 v t j = 150 c 2.1 2.4 v v f0 t j =25c 1.1 1.3 1.5 v t j = 150 c 0.7 0.9 1.1 v r f t j =25c 1.4 1.9 2.1 m ? t j = 150 c 2.2 2.6 2.8 m ? i rrm i f =450a di/dt off = 5000 a/s v ge =-15v v cc = 600 v t j = 150 c 350 a q rr t j = 150 c 70 c e rr t j = 150 c 28 mj r th(j-c) per diode 0.11 k/w module l ce 20 nh r cc'+ee' res., terminal-chip t c =25c 0.7 m ? t c = 125 c 1m ? r th(c-s) per module 0.04 k/w m s to heat sink (m5) 3 5 nm m t to terminals (m6) 2.5 5 nm nm w 300 g temperatur sensor r 100 t c =100c (r 25 =5 k ? ) 493 5% ? b 100/125 r (t) =r 100 exp[b 100/125 (1/t-1/t 100 )]; t[k]; 3550 2% k characteristics symbol conditions min. typ. max. unit semix ? 3s gar trench igbt modules SEMIX453GAR12E4S features ? homogeneous si ? trench = trenchgate technology ?v ce(sat) with positive temperature coefficient ? high short circuit capability ? ul recognised file no. e63532 typical applications* ? ac inverter drives ?ups ? electronic welding remarks ? case temperature limited to t c =125c max. ? product reliability results are valid for t j =150c ? dynamic values apply to the following combination of resistors: r gon,main = 1,0 ? r goff,main = 1,0 ? r g,x = 2,2 ? r e,x = 0,5 ?
SEMIX453GAR12E4S ? by semikron rev. 4 ? 16.12.2009 3 fig. 1: typ. output ch aracteristic, inclusive r cc'+ ee' fig. 2: rated current vs. temperature i c = f (t c ) fig. 3: typ. turn-on /-off energy = f (i c ) fig. 4: typ. turn-on /-off energy = f (r g ) fig. 5: typ. transfer characteristic fig. 6: typ. gate charge characteristic
SEMIX453GAR12E4S 4 rev. 4 ? 16.12.2009 ? by semikron fig. 7: typ. switching times vs. i c fig. 8: typ. switching times vs. gate resistor r g fig. 9: typ. transient thermal impedance fig. 10: typ. cal diode forward charact., incl. r cc'+ee' fig. 11: typ. cal diode peak reverse recovery current fig. 12: typ. cal diode recovery charge
SEMIX453GAR12E4S ? by semikron rev. 4 ? 16.12.2009 5 semix 3s spring configuration
SEMIX453GAR12E4S 6 rev. 4 ? 16.12.2009 ? by semikron this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix this technical information specifies semiconductor devices but promises no characteristics. no warranty or guarantee expressed or implied is made regarding delivery, performance or suitability.


▲Up To Search▲   

 
Price & Availability of SEMIX453GAR12E4S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X