Part Number Hot Search : 
5KP110C 3SMC40CA BS62L DTA123YE LXT362 4HC17 INSOSSB SPANSION
Product Description
Full Text Search
 

To Download SE5470-003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  algaas infrared emitting diode se3470/5470 description features to-46 metal can package choice of flat window or lensed package 90? or 20? (nominal) beam angle option 880 nm wavelength higher output power than gaas at equivalent drive currents wide operating temperature range (-55?c?to?+125?c) ideal for high pulsed current applications mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491phototransistor, sd3410/5410 photodarlington and sd5600 series schmitt trigger the se3470/5470 series consists of aluminum gallium arsenide infrared emitting diode mounted in a to-46 metal can package. the se3470 series has flat window cans providing a wide beam angle, while the se5470 series has glass lensed cans providing a narrow beam angle. these devices typically exhibit 70% greater power output than gallium arsenide devices at the same forward current. the to-46 packages offer high power dissipation capability and are ideally suited for operation in hostile environments. infra-83.tif outline dimensions in inches (mm) 3 plc decimals 0.005(0.12) tolerance 2 plc decimals 0.020(0.51) 2. anode 1. cathode (tab) leads: .046(1.17) .036(.91) 2 1 dia. (.460) .018 min. (12.70) .500 (0.36) .015 .140 (3.56) .153 (3.89) dia. .137 (3.48) .160 (4.06) .188 (4.77) .178 (4.52) dia. dia. .208 (5.28) .219 (5.56) .100(2.54)dia nom 45 .048(1.22) .028(.71) (case) dim_005a.ds4 se3470 2. anode (case) 1. cathode (tab) leads: .046(1.17) .036(.91) 2 1 dia. (.460) .018 min. (12.70) .500 (0.36) .015 5.08 .200 dia. .137 (3.48) .160 (4.06) .188 (4.77) .178 (4.52) dia. dia. .208 (5.28) .219 (5.56) .100(2.54)dia nom 45 .048(1.22) .028(.71) .224 (5.89) .247 (6.27) dim_005b.ds4 se5470 honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 32
algaas infrared emitting diode se3470/5470 electrical characteristics units test conditions min parameter symbol typ max absolute maximum ratings (25?c free-air temperature unless otherwise noted) continuous forward current 100 ma peak forward current 3 a (1s pulse width, 300 pps) power dissipation 150 mw [] operating temperature range -55?c to 125?c storage temperature range -65?c to 150?c soldering temperature (10 sec) 260?c notes 1. derate linearly from 25?c free-air temperature at the rate of 1.43 mw/?c. schematic
algaas infrared emitting diode se3470/5470 radiant intensity vs angular displacement (se3470) gra_017.ds4 angular displacement - degrees r e l a t i v e i n t e n s i t y 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -60 -45 -30 -15 0 +15 +30 +45 +60 fig. 1 radiant intensity vs angular displacement (se5470) gra_023.ds4 angular displacement - degrees r e l a t i v e i n t e n s i t y 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 -40 -30 -20 -10 0 +10 +20 +30 +40 fig. 2 radiant intensity vs forward current gra_018.ds4 forward current - ma n o r m a l i z e d r a d i a n t i n t e n s i t y - % 0.0 50 100 150 200 250 0 100 200 300 400 500 pulsed fig. 3 forward voltage vs forward current gra_026.ds4 forward current - ma f o r w a r d v o l t a g e - v 1.0 1.1 1.2 1.3 1.4 1.5 1.6 0 20 40 60 80 100 fig. 4 forward voltage vs temperature gra_025.ds4 temperature - c f o r w a r d v o l t a g e - v 1.30 1.35 1.45 1.50 1.60 1.65 1.70 -50 -25 0 25 50 75 100 125 i 1.55 1.40 fig. 5 coupling characteristics se3470 with sd3443 gra_021.ds4 window-to-window distance - inches n o r m a l i z e d l i g h t c u r r e n t 0.0 0.2 0.4 0.6 0.8 1.0 0.0 0.2 0.4 0.6 0.8 1.0 fig. 6 honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 34
algaas infrared emitting diode se3470/5470 spectral bandwidth gra_011.ds4 wavelength - nm r e l a t i v e i n t e n s i t y 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 760 800 840 880 920 960 1000 fig. 7 radiant intensity vs case temperature gra_022.ds4 case temperature - c n o r m a l i z e d r a d i a n t i n t e n s i t y 0.1 0.2 0.3 0.4 0.5 1.0 2.0 3.0 4.0 5.0 -75 -50 -25 0 25 50 75 100 125 normalized to i f = 100 ma t a = 25 c fig. 8 coupling characteristics se5470 with sd5443 gra_024.ds4 lens-to-lens distance - inches n o r m a l i z e d l i g h t c u r r e n t 0.0 0.2 0.4 0.6 0.8 1.0 0 2 4 6 7 9 1 3 5 8 fig. 9 all performance curves show typical values honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 35


▲Up To Search▲   

 
Price & Availability of SE5470-003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X