datasheet -- SE5455-003 representative photograph, actual product appearance may vary. due to regional agency approval requirements, some products may not be available in your area. please contact your regional honeywell office regarding your product of choice. SE5455-003 se series gaas infrared emitting diode, to-46 metal can package features l to-46 metal can package l choice of flat window or lensed package l 90 or 20 (nominal) beam angle option l 935 nm wavelength l wide operating temperature range [-55 c to 125 c] l ideal for high pulsed current applications l mechanically and spectrally matched to sd3421/5421 photodiode, sd3443/5443/5491 phototransistor, sd3410/5410 photodarlington and sd5600 series schmitt trigger description the se3455/5455 series consists of a gallium arsenide infrared emitting diode mounted in a to-46 metal can package. the se3455 series has flat window cans providing a wide beam angle, while the se5455 series has glass lensed cans providing a narrow beam angle. these devices are constructed with dual bond wires suitable for pulsed current applications. the to-46 packages offer high power dissipation capability and are ideally suited for operation in hostile environments. SE5455-003 se series gaas infrared emitting diode, to-46 metal can package file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SE5455-003.htm (1 of 5)14/03/2005 01:12:00 ?
datasheet -- SE5455-003 product specifications product type ir component power output 4.8 mw min beam angle (degree) 20 package style t0-46, dome lensed package components metal forward current 100 ma continuous forward current 100 ma forward voltage 1.7 v reverse breakdown voltage 3 v output wavelength 935 nm spectral bandwidth 50 nm spectral shift with temperature 0.3 nm/c rise and fall time 0.7 s power dissipation 150 mw operating temperature range -55 c to 125 c [-67 f to 257 f] availability global product name infrared emitting diode SE5455-003 se series gaas infrared emitting diode, to-46 metal can package file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SE5455-003.htm (2 of 5)14/03/2005 01:12:00 ?
datasheet -- SE5455-003 SE5455-003 se series gaas infrared emitting diode, to-46 metal can package file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SE5455-003.htm (3 of 5)14/03/2005 01:12:00 ?
datasheet -- SE5455-003 SE5455-003 se series gaas infrared emitting diode, to-46 metal can package file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SE5455-003.htm (4 of 5)14/03/2005 01:12:00 ?
datasheet -- SE5455-003 personal injury do not use these products as safety or emergency stop devices, or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. misuse of documentation l the information presented in this product sheet (or catalog) is for reference only. do not use this document as product installation information. l complete installation, operation and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. ? copyright honeywell inc.1998-2004 all rights reserved. file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SE5455-003.htm (5 of 5)14/03/2005 01:12:00 ?
|