Part Number Hot Search : 
380HB PC1498 10A04 T3904 BC846BDW SL7299 3488E T3904
Product Description
Full Text Search
 

To Download SDS20U20S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SDS20U20S power rectifier features * ultrafast with soft recovery ( trr < 40ns) * low forward voltage (v f =0.98v at i f =20a) applications * power switching circuits * output rectifiers * freewheeling diodes * switching mode power supply maximum ratings symbol v rrm i f(av) i fsm t j , t stg rating peak repetitive reverse voltage average rectified forward current, t c =100 c non-repetitive peak surge current (half-wave, single phase, 60hz) operating junction and storage temperature value 200 20 200 -65 ~ 150 units v a a c thermal characteristics r q jc thermal resistance - junction to case c /w to-220f 1 2 2 1 2.5 ? 1999 fairchild semiconductor corporation rev. b http://
SDS20U20S power rectifier characteristics maximum instantaneous forward voltage (1) (i f = 20a, t c = 100 c ) (i f = 20a, t c = 25 c ) maximum instantaneous reverse current (1) (rated dc voltage, t c = 100 c ) (rated dc voltage, t c = 25 c ) maximum reverse recovery time (i f = 20a, di / dt = -200a/ m s) avalanche energy typ - - - - - - - - max 1.0 1.2 200 20 40 4.0 80 - units v m a ns a nq mj electrical characteristics symbol v f i r trr irr qrr w avl (1) pulse test : pulse width = 300 m s, duty cycle 2.0% min - - - - - - - 0.5
SDS20U20S power rectifier 0.1 1 10 80 0.0 0.5 1.0 1.5 2.0 tc = 25? tc = 100? v f , forward voltage [v] i f , forward current [amps] 50 100 150 200 1e-3 0.01 0.1 1 10 100 1000 tc = 100? tc= 25? i r , reverse current [ua] v r , reverse voltage [volts] 0.1 1 10 100 100 200 300 400 500 600 typical capacitance at 0v = 589 pf cj , capacitance [pf] v r , reverse voltage [volts] 100 500 20 25 30 35 40 i f = 20a tc = 25? trr, reverse recovery time [ns] -di/dt [a/us] fig.1 typical forward voltage drop vs . forward current fig.2 reverse voltage vs . reverse current fig.3 typical capacitance fig.4 typical reverse recovery time vs . di / dt
SDS20U20S power rectifier 100 500 0 1 2 3 4 5 6 7 8 i f = 20a tc = 25? irr, reverse recovery current [a] -di/dt [a/us] 100 500 0 20 40 60 80 100 120 i f = 20a tc = 25? qrr, stored recovery charge [nc] -di/dt [a/us] fig.5 typical reverse recovery current vs . di / dt fig.6 typical stored charge vs . di / dt
SDS20U20S power rectifier package dimension unit : mm
trademarks acex? coolfet? crossvo l t? e 2 cmos tm f act? f act quiet series? f ast ? f as t r? g t o? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy f airchilds products are not authorized for use as critical components in life suppo r t devices or systems without the express written appro v al of f airchild semiconduc t or corpor a tion. as used herein: isoplanar? microwire? pop? power t rench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 t inylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the bod y , or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use r . 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to a f fect its safety or e f fectiveness. product s t a tus definitions definition of t erms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconducto r . the datasheet is printed for reference information onl y . formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein to improve reliabilit y , function or design. fairchild does not assume any liability arising out of the applic a tion or use of any product or circuit described herein; neither does it convey any license under its pa tent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of SDS20U20S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X